Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC1320 Datasheet(PDF) 4 Page - Microchip Technology

Part # TC1320
Description  8-Bit Digital-to-Analog Converter with Two-Wire Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1320 Datasheet(HTML) 4 Page - Microchip Technology

  TC1320_13 Datasheet HTML 1Page - Microchip Technology TC1320_13 Datasheet HTML 2Page - Microchip Technology TC1320_13 Datasheet HTML 3Page - Microchip Technology TC1320_13 Datasheet HTML 4Page - Microchip Technology TC1320_13 Datasheet HTML 5Page - Microchip Technology TC1320_13 Datasheet HTML 6Page - Microchip Technology TC1320_13 Datasheet HTML 7Page - Microchip Technology TC1320_13 Datasheet HTML 8Page - Microchip Technology TC1320_13 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
TC1320
DS21386C-page 4
 2002-2012 Microchip Technology Inc.
Serial Port AC Timing
fSMB
SMBus Clock Frequency
10
100
kHz
tIDLE
Bus Free Time Prior to New Transition
4.7
sec
tH(START)
START Condition Hold Time
4.0
sec
tSU(START)
START Condition Setup Time
4.7
sec
90% SCL to 10% SDA
(for Repeated START
Condition)
tSU(STOP)
STOP Condition Setup Time
4.0
sec
tH-DATA
Data In Hold Time
100
nsec
tSU-DATA
Data In Setup Time
100
nsec
tLOW
Low Clock Period
4.7
sec
10% to 10%
tHIGH
High Clock Period
4
sec
90% to 90%
tF
SMBus Fall Time
300
nsec
90% to 10%
tR
SMBus Rise Time
1000
nsec
10% to 90%
tPOR
Power-on Reset Delay
500
sec
VDD VPOR (Rising Edge)
TC1320 ELECTRICAL SPECIFICATIONS (CONTINUED)
Electrical Characteristics: VDD = 2.7V to 5.5V, -40°C  TA  +85°C, VREF = 1.2V unless otherwise noted.
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
Note
1: SDA and SCL must be connected to VDD or GND.
2: Measured at VOUT 50mV referred to GND to avoid output buffer clipping.


Similar Part No. - TC1320_13

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1320EOA MICROCHIP-TC1320EOA Datasheet
442Kb / 14P
   8-Bit Digital-to-Analog Converter with Two-Wire Interface
2002
TC1320EUA MICROCHIP-TC1320EUA Datasheet
442Kb / 14P
   8-Bit Digital-to-Analog Converter with Two-Wire Interface
2002
More results

Similar Description - TC1320_13

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1320 MICROCHIP-TC1320 Datasheet
442Kb / 14P
   8-Bit Digital-to-Analog Converter with Two-Wire Interface
2002
TC1321 MICROCHIP-TC1321 Datasheet
446Kb / 16P
   10-Bit Digital-to-Analog Converter with Two-Wire Interface
2002
TC1322 MICROCHIP-TC1322 Datasheet
445Kb / 16P
   12-Bit Digital-to-Analog Converter with Two-Wire Interface
2002
TC1322 MICROCHIP-TC1322_05 Datasheet
316Kb / 16P
   12-Bit Digital-to-Analog Converter with Two-Wire Interface
2005
logo
Burr-Brown (TI)
ADS7830 BURR-BROWN-ADS7830 Datasheet
251Kb / 16P
   8-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
logo
Texas Instruments
ADS7830 TI1-ADS7830_14 Datasheet
930Kb / 27P
[Old version datasheet]   8-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
logo
Shenzhen Titan Micro El...
TM7707 TITAN-TM7707 Datasheet
1Mb / 46P
   Two-bIt digital analog converter
logo
Texas Instruments
TL5602 TI1-TL5602_08 Datasheet
106Kb / 6P
[Old version datasheet]   8-BIT DIGITAL-TO-ANALOG CONVERTER
TLC5502-5M TI1-TLC5502-5M Datasheet
92Kb / 11P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTER
logo
Toshiba Semiconductor
TC5093AP TOSHIBA-TC5093AP Datasheet
154Kb / 6P
   8 BIT ANALOG TO DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com