Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC1266 Datasheet(PDF) 4 Page - Microchip Technology

Part # TC1266
Description  200mA PCI LDO
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1266 Datasheet(HTML) 4 Page - Microchip Technology

  TC1266_13 Datasheet HTML 1Page - Microchip Technology TC1266_13 Datasheet HTML 2Page - Microchip Technology TC1266_13 Datasheet HTML 3Page - Microchip Technology TC1266_13 Datasheet HTML 4Page - Microchip Technology TC1266_13 Datasheet HTML 5Page - Microchip Technology TC1266_13 Datasheet HTML 6Page - Microchip Technology TC1266_13 Datasheet HTML 7Page - Microchip Technology TC1266_13 Datasheet HTML 8Page - Microchip Technology TC1266_13 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
TC1266
DS21377C-page 4
 2001-2012 Microchip Technology Inc.
2.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 2-1.
TABLE 2-1:
PIN FUNCTION TABLE
3.0
DETAILED DESCRIPTION
FIGURE 3-1:
APPLICATION CIRCUIT
Pin No.
(8-Pin SOIC)
(8-Pin MSOP)
Symbol
Description
1VIN
Main input supply for the TC1266, nominally 5V.
2
NC
Not connected.
3VAUX
Auxiliary input supply, nominally 3.3V.
4
GND
Logic and power ground.
5
NC
Not connected.
6
SENSE
Sense pin for VOUT. Connect to VOUT at the load to minimize voltage drop across PCB traces.
7VOUT
LDO 3.3V output.
8DR
Driver output for external P-channel MOSFET pass element.
VIN
NC
VAUX
GND
NC
SENSE
VOUT
DR
U1
TC1266
1
2
3
4
5
6
7
8
NOTE: External switch (Q1): use Motorola MGSF1P02ELT1 or equivalent
(PMOS, typical Gate Threshold Voltage = 1V, typical RDS(ON) = 0.4Ω at VGS = 2.5V)
5V
3.3V
Q1
C1
0.1
μF
C2
4.7
μF
C3
0.1
μF
C4
4.7
μF
C5
0.1
μF
3.3V


Similar Part No. - TC1266_13

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1266VOA MICROCHIP-TC1266VOA Datasheet
519Kb / 16P
   200mA PCI LDO
2002
TC1266VUA MICROCHIP-TC1266VUA Datasheet
519Kb / 16P
   200mA PCI LDO
2002
More results

Similar Description - TC1266_13

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1266 MICROCHIP-TC1266 Datasheet
519Kb / 16P
   200mA PCI LDO
2002
logo
Mitsumi Electronics, Co...
MM1856 MITSUMI-MM1856 Datasheet
243Kb / 21P
   200mA LDO
MM1836 MITSUMI-MM1836 Datasheet
222Kb / 19P
   200mA LDO
MM3566 MITSUMI-MM3566 Datasheet
200Kb / 23P
   200mA LDO
MM3411 MITSUMI-MM3411 Datasheet
283Kb / 24P
   200mA LDO
logo
SHENZHEN FUMAN ELECTRON...
FM6219 FUMAN-FM6219 Datasheet
1Mb / 4P
   200mA LDO Linear Regulator
logo
Mitsumi Electronics, Co...
MM1898 MITSUMI-MM1898 Datasheet
379Kb / 21P
   Negative output 200mA LDO
logo
Microchip Technology
TC1267 MICROCHIP-TC1267_13 Datasheet
276Kb / 14P
   400mA PCI LDO
2001-2012 11/27/12
logo
Rohm
BU12SD2MG-MTR ROHM-BU12SD2MG-MTR Datasheet
834Kb / 31P
   1ch 200mA CMOS LDO Regulators
BU18SA4WGWL-E2 ROHM-BU18SA4WGWL-E2 Datasheet
999Kb / 37P
   1ch 200mA CMOS LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com