Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD818ANZ Datasheet(PDF) 4 Page - Analog Devices

Part # AD818ANZ
Description  Low Cost, Low Power Video Op Amp
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD818ANZ Datasheet(HTML) 4 Page - Analog Devices

  AD818ANZ Datasheet HTML 1Page - Analog Devices AD818ANZ Datasheet HTML 2Page - Analog Devices AD818ANZ Datasheet HTML 3Page - Analog Devices AD818ANZ Datasheet HTML 4Page - Analog Devices AD818ANZ Datasheet HTML 5Page - Analog Devices AD818ANZ Datasheet HTML 6Page - Analog Devices AD818ANZ Datasheet HTML 7Page - Analog Devices AD818ANZ Datasheet HTML 8Page - Analog Devices AD818ANZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
REV.
–4–
AD818
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±18 V
Internal Power Dissipation
2
Plastic (N) . . . . . . . . . . . . . . . . . . . . . . See Derating Curves
Small Outline (R) . . . . . . . . . . . . . . . . . See Derating Curves
Input Voltage (Common Mode) . . . . . . . . . . . . . . . . . . . .
±V
S
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . .
±6 V
Output Short-Circuit Duration . . . . . . . . See Derating Curves
Storage Temperature Range (N, R) . . . . . . . . –65
∞C to +125∞C
Operating Temperature Range . . . . . . . . . . . . –40
∞C to +85∞C
Lead Temperature Range (Soldering 10 sec) . . . . . . . . . 300
∞C
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
2Specification is for device in free air: 8-lead plastic package,
JA = 90
∞C/W; 8-lead
SOIC package, JA = 155
∞C/W.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although the
AD818 features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended
to avoid performance degradation or loss of functionality.
2.0
0
–50
90
1.5
0.5
–30
1.0
50
70
30
10
–10
80
–40
40
60
20
0
–20
AMBIENT TEMPERATURE ( C)
8-LEAD MINI-DIP PACKAGE
8-LEAD SOIC PACKAGE
TJ = 150 C
Figure 3. Maximum Power Dissipation vs. Temperature
for Different Package Types
METALLIZATION PHOTOGRAPH
Dimensions shown in inches and (mm)
–INPUT 2
+INPUT 3
6 OUTPUT
4
–VS
+VS
7
OFFSET
NULL
8
OFFSET
NULL
1
0.0559 (1.42)
0.0523
(1.33)
D


Similar Part No. - AD818ANZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD818AN AD-AD818AN Datasheet
353Kb / 12P
   Low Cost, Low Power Video Op Amp
REV. B
AD818AN AD-AD818AN Datasheet
924Kb / 16P
   Low Cost, Low Power Video Op Amp
REV. C
More results

Similar Description - AD818ANZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD818 AD-AD818 Datasheet
353Kb / 12P
   Low Cost, Low Power Video Op Amp
REV. B
AD818 AD-AD818_15 Datasheet
563Kb / 15P
   Low Cost, Low Power Video Op Amp
REV. D
AD818 AD-AD818_03 Datasheet
924Kb / 16P
   Low Cost, Low Power Video Op Amp
REV. C
logo
Intersil Corporation
EL2110 INTERSIL-EL2110 Datasheet
102Kb / 6P
   Low Cost, Gain of 1, Video Op Amp
EL2111 INTERSIL-EL2111 Datasheet
102Kb / 6P
   Low Cost, Gain of 2, Video Op Amp
logo
Linear Technology
LT1097 LINER-LT1097 Datasheet
184Kb / 12P
   Low Cost, Low Power Precision Op Amp
LT1097 LINER-LT1097_15 Datasheet
199Kb / 12P
   Low Cost, Low Power Precision Op Amp
logo
Analog Devices
AD828 AD-AD828 Datasheet
256Kb / 12P
   Dual, Low Power Video Op Amp
REV. B
AD828 AD-AD828_02 Datasheet
448Kb / 12P
   Dual, Low Power Video Op Amp
REV. C
AD828 AD-AD828_15 Datasheet
462Kb / 12P
   Dual, Low Power Video Op Amp
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com