Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD795JR-REEL7 Datasheet(PDF) 5 Page - Analog Devices

Part # AD795JR-REEL7
Description  Low Power, Low Noise Precision FET Op Amp
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD795JR-REEL7 Datasheet(HTML) 5 Page - Analog Devices

  AD795JR-REEL7 Datasheet HTML 1Page - Analog Devices AD795JR-REEL7 Datasheet HTML 2Page - Analog Devices AD795JR-REEL7 Datasheet HTML 3Page - Analog Devices AD795JR-REEL7 Datasheet HTML 4Page - Analog Devices AD795JR-REEL7 Datasheet HTML 5Page - Analog Devices AD795JR-REEL7 Datasheet HTML 6Page - Analog Devices AD795JR-REEL7 Datasheet HTML 7Page - Analog Devices AD795JR-REEL7 Datasheet HTML 8Page - Analog Devices AD795JR-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
AD795
Rev. C | Page 5 of 20
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Supply Voltage
±18 V
Internal Power Dissipation (at TA = +25°C)
SOIC Package
500 mW
Input Voltage
±VS
Input Current1
±10 mA
Output Short-Circuit Duration
Indefinite
Differential Input Voltage
+VS and −VS
Storage Temperature Range (R)
−65°C to +125°C
Operating Temperature Range
AD795J
0°C to +70°C
1 Limit input current to 10 mA or less whenever the input signal exceeds the
power supply rail by 0.1 V.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered on a 4-layer circuit board for surface-mount packages.
Table 3. Thermal Resistance
Package Type
θJA
Unit
8-Lead SOIC
155
°C/W
ESD CAUTION


Similar Part No. - AD795JR-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD795JR AD-AD795JR Datasheet
331Kb / 16P
   Low Power, Low Noise Precision FET Op Amp
REV. A
AD795JR AD-AD795JR Datasheet
278Kb / 16P
   Low Power, Low Noise Precision FET Op Amp
REV. B
More results

Similar Description - AD795JR-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD795 AD-AD795_02 Datasheet
278Kb / 16P
   Low Power, Low Noise Precision FET Op Amp
REV. B
AD795 AD-AD795_15 Datasheet
276Kb / 20P
   Low Power, Low Noise Precision FET Op Amp
REV. C
AD795 AD-AD795 Datasheet
331Kb / 16P
   Low Power, Low Noise Precision FET Op Amp
REV. A
logo
Maxim Integrated Produc...
MXL1007 MAXIM-MXL1007 Datasheet
246Kb / 8P
   Low-Noise, Precision Op Amp
19-0096; Rev 1; 8/94
logo
Analog Devices
AD645 AD-AD645 Datasheet
439Kb / 8P
   Low Noise, Low Drift FET Op Amp
REV. B
logo
Microchip Technology
MCP6286 MICROCHIP-MCP6286 Datasheet
430Kb / 28P
   Low Noise, Low Power Op Amp
2009
logo
Linear Technology
LT1007 LINER-LT1007_09 Datasheet
75Kb / 2P
   Low Noise, High Speed Precision Op Amp
LT1792 LINER-LT1792 Datasheet
169Kb / 12P
   Low Noise, Precision, JFET Input Op Amp
logo
Maxim Integrated Produc...
MAX44246 MAXIM-MAX44246_12 Datasheet
2Mb / 12P
   36V, Low-Noise, Precision, Dual Op Amp
Rev 1; 9/12
MAX44246 MAXIM-MAX44246_13 Datasheet
2Mb / 12P
   36V, Low-Noise, Precision, Dual Op Amp
Rev 3; 5/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com