Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDS9431 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FDS9431
Description  P-Channel 2.5V Specified MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS9431 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FDS9431 Datasheet HTML 1Page - Fairchild Semiconductor FDS9431 Datasheet HTML 2Page - Fairchild Semiconductor FDS9431 Datasheet HTML 3Page - Fairchild Semiconductor FDS9431 Datasheet HTML 4Page - Fairchild Semiconductor FDS9431 Datasheet HTML 5Page - Fairchild Semiconductor FDS9431 Datasheet HTML 6Page - Fairchild Semiconductor FDS9431 Datasheet HTML 7Page - Fairchild Semiconductor FDS9431 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
FDS9431A Rev. A2
Figure 1. On-Region Characteristics.
Figure 2. On-Resistance Variation with
Drain Current and Gate Voltage.
Figure 3. On-Resistance Variation
withTemperature.
Figure 4. On-Resistance Variation with
Gate-to-Source Voltage.
Figure 5. Transfer Characteristics.
Figure 6. Body Diode Forward Voltage
Variation with Source Current
and Temperature.
Typical Characteristics
0
2
4
6
8
10
01
2345
-VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS= -4.5V
-3.5V
-2.5V
-2.0V
-1.5V
0
246
8
10
0.8
1
1.2
1.4
1.6
1.8
2
-I
, DRAIN CURRENT (A)
V
= -2.0V
GS
D
-3.0
-3.5
-4.5
-4.0
-2.5
123
45
0
0.1
0.2
0.3
0.4
0.5
-V
,GATE TO SOURCE VOLTAGE (V)
GS
25°C
T
= 125°C
J
I
= -0.8A
D
0
0.2
0.4
0.6
0.8
1
1.2
1.4
0.0001
0.001
0.01
0.1
1
10
-V
, BODY DIODE FORWARD VOLTAGE (V)
25°C
-55°C
V
= 0V
GS
SD
T
= 125°C
J
-50
-25
0
25
50
75
100
125
150
0.6
0.8
1
1.2
1.4
1.6
T
, JUNCTION TEMPERATURE (°C)
J
V
= -4.5V
GS
I
= -1.6A
D
01234
0
2
4
6
8
10
-V
, GATE TO SOURCE VOLTAGE (V)
V
= -5V
DS
GS
T
= -55°C
A
125°C
25°C


Similar Part No. - FDS9431

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS9431A FAIRCHILD-FDS9431A Datasheet
364Kb / 5P
   P-Channel 2.5V Specified MOSFET
FDS9431A FAIRCHILD-FDS9431A_10 Datasheet
364Kb / 5P
   P-Channel 2.5V Specified MOSFET
More results

Similar Description - FDS9431

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS9431A FAIRCHILD-FDS9431A_10 Datasheet
364Kb / 5P
   P-Channel 2.5V Specified MOSFET
FDR836P FAIRCHILD-FDR836P Datasheet
224Kb / 8P
   P-Channel 2.5V Specified MOSFET
FDC640P FAIRCHILD-FDC640P Datasheet
261Kb / 8P
   P-Channel 2.5V Specified PowerTrenchTM MOSFET
SI4463DY FAIRCHILD-SI4463DY Datasheet
49Kb / 3P
   P-Channel 2.5V Specified PowerTrench MOSFET
FDC638P FAIRCHILD-FDC638P_01 Datasheet
156Kb / 5P
   P-Channel 2.5V PowerTrench Specified MOSFET
FDN302P FAIRCHILD-FDN302P Datasheet
103Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
FDN342P FAIRCHILD-FDN342P Datasheet
307Kb / 8P
   P-Channel 2.5V Specified PowerTrench??MOSFET
FDR840P FAIRCHILD-FDR840P Datasheet
78Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
FDC602P FAIRCHILD-FDC602P_01 Datasheet
66Kb / 5P
   P-Channel 2.5V PowerTrench Specified MOSFET
FDW264P FAIRCHILD-FDW264P Datasheet
153Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com