Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC74A4-3.3VAT Datasheet(PDF) 8 Page - Microchip Technology

Part # TC74A4-3.3VAT
Description  Tiny Serial Digital Thermal Sensor
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC74A4-3.3VAT Datasheet(HTML) 8 Page - Microchip Technology

Back Button TC74A4-3.3VAT Datasheet HTML 4Page - Microchip Technology TC74A4-3.3VAT Datasheet HTML 5Page - Microchip Technology TC74A4-3.3VAT Datasheet HTML 6Page - Microchip Technology TC74A4-3.3VAT Datasheet HTML 7Page - Microchip Technology TC74A4-3.3VAT Datasheet HTML 8Page - Microchip Technology TC74A4-3.3VAT Datasheet HTML 9Page - Microchip Technology TC74A4-3.3VAT Datasheet HTML 10Page - Microchip Technology TC74A4-3.3VAT Datasheet HTML 11Page - Microchip Technology TC74A4-3.3VAT Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
TC74
DS21462D-page 8
 2001-2012 Microchip Technology Inc.
4.0
REGISTER SET AND
PROGRAMMER’S MODEL
TABLE 4-1:
COMMAND BYTE
DESCRIPTION
(SMBUS/I2C READ_BYTE AND
WRITE_BYTE)
TABLE 4-2:
CONFIGURATION REGISTER
(CONFIG); 8 BITS, READ/
WRITE)
FIGURE 4-1:
DATA_RDY, SHDN
Operation Logic Diagram.
4.1
Temperature Register (TEMP),
8 Bits, READ ONLY
The binary value (2’s complement format) in this regis-
ter represents temperature of the onboard sensor
following a conversion cycle. The registers are
automatically updated in an alternating manner.
TABLE 4-3:
TEMPERATURE REGISTER
(TEMP)
In temperature data registers, each unit value repre-
sents one degree (Celsius). The value is in 2’s
complement binary format such that a reading of 0000
0000b
corresponds
to
0°C.
Examples
of
this
temperature to binary value relationship are shown in
Table 4-4
.
TABLE 4-4:
TEMPERATURE-TO-DIGITAL
VALUE CONVERSION
(TEMP)
4.2
Register Set Summary
The TC74 register set is summarized in Table 4-5. All
registers are 8 bits wide.
TABLE 4-5:
TC74 REGISTER SET
SUMMARY
Command
Code
Function
RTR
00h
Read Temperature (TEMP)
RWCR
01h
Read/Write Configuration
(CONFIG)
Bit
POR
Function
Type
Operation
D[7]
0
STANDBY
Switch
Read/
Write
1
= standby,
0
= normal
D[6]
0
Data Ready *
Read
Only
1
= ready
0
= not ready
D[5]-
D[0]
0
Reserved -
Always
returns zero
when read
N/A
N/A
Note 1: *DATA_RDY bit RESET at power-up and
SHDN enable.
VDD
DATA_RDY
SHDN
tconv
tconv
D[7]
D[6]
D[5]
D[4]
D[3]
D[2]
D[1]
D[0]
MSB
X
X
X
X
X
X
LSB
Actual
Temperature
Registered
Temperature
Binary
Hex
+130.00°C
+127°C
0111 1111
+127.00°C
+127°C
0111 1111
+126.50°C
+126°C
0111 1110
+25.25°C
+25°C
0001 1001
+0.50°C
0°C
0000 0000
+0.25°C
0°C
0000 0000
0.00°C
0°C
0000 0000
-0.25°C
-1°C
1111 1111
-0.50°C
-1°C
1111 1111
-0.75°C
-1°C
1111 1111
-1.00°C
-1°C
1111 1111
-25.00°C
-25°C
1110 0111
-25.25°C
-26°C
1110 0110
-54.75°C
-55°C
1100 1001
-55.00°C
-55°C
1100 1001
-65.00°C
-65°C
1011 1111
Name
Description
POR
State
Read Write
TEMP
Internal Sensor
Temperature (2’s
Complement)
0000
0000
b (1)
N/A
CONFIG
CONFIG
Register
0000
0000
b

Note 1: The TEMP register will be immediately
updated by the A/D converter after the
DATA_RDY Bit goes high.


Similar Part No. - TC74A4-3.3VAT

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC74A4-33VAT MICROCHIP-TC74A4-33VAT Datasheet
430Kb / 16P
   Tiny Serial Digital Thermal Sensor
2002
TC74A4-33VCT MICROCHIP-TC74A4-33VCT Datasheet
430Kb / 16P
   Tiny Serial Digital Thermal Sensor
2002
More results

Similar Description - TC74A4-3.3VAT

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC74 MICROCHIP-TC74 Datasheet
430Kb / 16P
   Tiny Serial Digital Thermal Sensor
2002
21462C MICROCHIP-21462C Datasheet
325Kb / 16P
   Tiny Serial Digital Thermal Sensor
2002
logo
ON Semiconductor
MC74 ONSEMI-MC74 Datasheet
122Kb / 12P
   Serial Digital Temperature Sensor
February, 2000 ??Rev. 0
logo
STMicroelectronics
STCN75 STMICROELECTRONICS-STCN75_08 Datasheet
315Kb / 35P
   Digital temperature sensor and thermal watchdog
logo
NXP Semiconductors
LM75A NXP-LM75A Datasheet
145Kb / 24P
   Digital temperature sensor and thermal watchdog
Rev. 04-10 July 2007
LM75B NXP-LM75B_V01 Datasheet
555Kb / 37P
   Digital temperature sensor and thermal watchdog
Rev. 6.1-6 February 2015
logo
STMicroelectronics
STTS75 STMICROELECTRONICS-STTS75_08 Datasheet
334Kb / 39P
   Digital temperature sensor and thermal watchdog
STDS75 STMICROELECTRONICS-STDS75 Datasheet
306Kb / 37P
   Digital temperature sensor and thermal watchdog
STCN75 STMICROELECTRONICS-STCN75 Datasheet
291Kb / 35P
   Digital temperature sensor and thermal watchdog
STDS75 STMICROELECTRONICS-STDS75_08 Datasheet
326Kb / 37P
   Digital temperature sensor and thermal watchdog
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com