Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD660ARZ1 Datasheet(PDF) 10 Page - Analog Devices

Part # AD660ARZ1
Description  Monolithic 16-Bit Serial/Byte DACPORT
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD660ARZ1 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD660ARZ1 Datasheet HTML 6Page - Analog Devices AD660ARZ1 Datasheet HTML 7Page - Analog Devices AD660ARZ1 Datasheet HTML 8Page - Analog Devices AD660ARZ1 Datasheet HTML 9Page - Analog Devices AD660ARZ1 Datasheet HTML 10Page - Analog Devices AD660ARZ1 Datasheet HTML 11Page - Analog Devices AD660ARZ1 Datasheet HTML 12Page - Analog Devices AD660ARZ1 Datasheet HTML 13Page - Analog Devices AD660ARZ1 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AD660
Rev. B | Page 10 of 20
THEORY OF OPERATION
The AD660 uses an array of bipolar current sources with MOS
current steering switches to develop a current proportional to the
applied digital word, ranging from 0 mA to 2 mA. A segmented
architecture is used, where the most significant four data bits
are thermometer decoded to drive 15 equal current sources.
The lesser bits are scaled using a R-2R ladder, then applied
together with the segmented sources to the summing node of
the output amplifier. The internal span/bipolar offset resistor
can be connected to the DAC output to provide a 0 V to 10 V
span, or it can be connected to the reference input to provide a
−10 V to +10 V span.
HBE
CONTROL
LOGIC
SER
CLR
LDAC
REF IN
10kΩ
10kΩ
10.05kΩ
REF OUT
DB0/
DB8/
SIN
DB1/DB9/
DATADIR
CS
DB7/
DB15
AD660
SOUT
VOUT
AGND
SPAN/
BIPOLAR
OFFSET
DGND
–VEE
+VCC
+VLL
10V REF
16-BIT LATCH
16-BIT DAC
16-BIT LATCH
16
17
18
19
23
24
20
21
22
13
5
1
2
3
4
11
12
14
15
LBE/
CLEAR SELECT
Figure 7. Functional Block Diagram
ANALOG CIRCUIT CONNECTIONS
Internal scaling resistors provided in the AD660 can be connected
to produce a unipolar output range of 0 V to 10 V or a bipolar
output range of −10 V to +10 V. Gain and offset drift are mini-
mized in the AD660 because of the thermal tracking of the
scaling resistors with other device components.
UNIPOLAR CONFIGURATION
The configuration shown in Figure 8 provides a unipolar 0 V to
10 V output range. In this mode, 50 Ω resistors are tied between
the SPAN/BIPOLAR OFFSET terminal (Pin 22) and VOUT (Pin 21),
and between REF OUT (Pin 24) and REF IN (Pin 23). It is possible
to use the AD660 without any external components by tying Pin 24
directly to Pin 23 and Pin 22 directly to Pin 21. Eliminating
these resistors increases the gain error by 0.25% of FSR.
HBE
CONTROL
LOGIC
SER
CLR
LDAC
REF IN
REF OUT
AD660
SOUT
VOUT
AGND
OUTPUT
R2
50Ω
R1
50Ω
SPAN/
BIPOLAR
OFFSET
DGND
–VEE
+VCC
+VLL
10V REF
16-BIT LATCH
16-BIT DAC
16
17
18
19
23
24
20
21
22
13
1
2
3
4
15
10kΩ
10kΩ
10.05kΩ
DB1/DB9/
DATADIR
11
LBE/
CLEAR SELECT
DB0/
DB8/
SIN
CS
DB7/
DB15
5
12
14
16-BIT LATCH
Figure 8. 0 V to 10 V Unipolar Voltage Output
If it is desired to adjust the gain and offset errors to zero, this
can be accomplished using the circuit shown in Figure 9. The
adjustment procedure is as follows:
1.
Zero adjust.
Turn all bits off and adjust the zero trimmer, R4, until the
output reads 0.000000 V (1 LSB = 153 μV).
2.
Gain adjust.
Turn all bits on and adjust the gain trimmer, R1, until the
output is 9.999847 V. (Full scale is adjusted to 1 LSB less
than the nominal full scale of 10.000000 V.)
HBE
CONTROL
LOGIC
SER
CLR
LDAC
REF IN
REF OUT
AD660
SOUT
VOUT
AGND
OUTPUT
R2
50Ω
R3
16k
R4
10k
R1
100Ω
SPAN/
BIPOLAR
OFFSET
DGND
–VEE
+VCC
–VEE
+VCC
+VLL
10V REF
16-BIT LATCH
16-BIT DAC
16
17
18
19
23
24
20
21
22
13
1
2
3
4
15
10kΩ
10kΩ
10.05kΩ
DB1/DB9/
DATADIR
11
LBE/
CLEAR SELECT
DB0/
DB8/
SIN
CS
DB7/
DB15
5
12
14
16-BIT LATCH
Figure 9. 0 V to 10 V Unipolar Voltage Output with Gain and Offset
Adjustment


Similar Part No. - AD660ARZ1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD660ARZ AD-AD660ARZ Datasheet
351Kb / 21P
   Monolithic 16-Bit Serial/Byte DACPORT
AD660ARZ-REEL AD-AD660ARZ-REEL Datasheet
351Kb / 21P
   Monolithic 16-Bit Serial/Byte DACPORT
More results

Similar Description - AD660ARZ1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD660 AD-AD660 Datasheet
426Kb / 12P
   Monolithic 16-Bit Serial/Byte DACPORT
REV. A
AD660 AD-AD660_17 Datasheet
351Kb / 21P
   Monolithic 16-Bit Serial/Byte DACPORT
AD760 AD-AD760 Datasheet
324Kb / 12P
   16/18-Bit Self-Calibrating Serial/Byte DACPORT
REV. A
AD760 AD-AD760_15 Datasheet
327Kb / 12P
   16/18-Bit Self-Calibrating Serial/Byte DACPORT
REV. A
AD669 AD-AD669_15 Datasheet
426Kb / 12P
   Monolithic 16-Bit DACPORT
REV. A
AD669BRZ AD-AD669BRZ Datasheet
324Kb / 12P
   Monolithic 16-Bit DACPORT
REV. A
AD669SQ AD-AD669SQ Datasheet
324Kb / 12P
   Monolithic 16-Bit DACPORT
REV. A
AD669 AD-AD669 Datasheet
460Kb / 12P
   Monolithic 16-Bit DACPORT
REV. A
AD669ANZ AD-AD669ANZ Datasheet
324Kb / 12P
   Monolithic 16-Bit DACPORT
REV. A
AD669ARZ AD-AD669ARZ Datasheet
426Kb / 12P
   Monolithic 16-Bit DACPORT
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com