Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD636KHZ Datasheet(PDF) 9 Page - Analog Devices

Part # AD636KHZ
Description  Low Level, True RMS-to-DC Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD636KHZ Datasheet(HTML) 9 Page - Analog Devices

Back Button AD636KHZ Datasheet HTML 5Page - Analog Devices AD636KHZ Datasheet HTML 6Page - Analog Devices AD636KHZ Datasheet HTML 7Page - Analog Devices AD636KHZ Datasheet HTML 8Page - Analog Devices AD636KHZ Datasheet HTML 9Page - Analog Devices AD636KHZ Datasheet HTML 10Page - Analog Devices AD636KHZ Datasheet HTML 11Page - Analog Devices AD636KHZ Datasheet HTML 12Page - Analog Devices AD636KHZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Data Sheet
AD636
Rev. E | Page 9 of 16
Figure 4 shows the value of REXTERNAL for a particular ratio of
VPEAK to −VS for several values of RLOAD. The addition of
REXTERNAL increases the quiescent current of the buffer amplifier
by an amount equal to REXT/−VS. Nominal buffer quiescent
current with no REXTERNAL is 30 µA at −VS = −5 V.
FREQUENCY RESPONSE
The AD636 uses a logarithmic circuit to perform the implicit rms
computation. As with any log circuit, bandwidth is proportional to
signal level. The solid lines in Figure 5 represent the frequency
response of the AD636 at input levels from 1 mV to 1 V rms.
The dashed lines indicate the upper frequency limits for 1%,
10%, and ±3 dB of reading additional error. For example, note
that a 1 V rms signal produces less than 1% of reading additional
error up to 220 kHz. A 10 mV signal can be measured with 1%
of reading additional error (100 µV) up to 14 kHz.
AC MEASUREMENT ACCURACY AND CREST
FACTOR (CF)
Crest factor is often overlooked in determining the accuracy of
an ac measurement. Crest factor is defined as the ratio of the
peak signal amplitude to the rms value of the signal (CF = VP/V
rms). Most common waveforms, such as sine and triangle
waves, have relatively low crest factors (<2). Waveforms that
resemble low duty cycle pulse trains, such as those occurring in
switching power supplies and SCR circuits, have high crest
factors. For example, a rectangular pulse train with a 1% duty
cycle has a crest factor of 10 (CF = 1/√η).
Figure 6 is a curve of reading error for the AD636 for a
200 mV rms input signal with crest factors from 1 to 7. A
rectangular pulse train (pulse width 200 μs) was used for this
test because it is the worst-case waveform for rms measurement
(all the energy is contained in the peaks). The duty cycle and
peak amplitude were varied to produce crest factors from 1 to 7
while maintaining a constant 200 mV rms input amplitude.


Similar Part No. - AD636KHZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD636KH AD-AD636KH Datasheet
157Kb / 8P
   Low Level, True RMS-to-DC Converter
REV. B
More results

Similar Description - AD636KHZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD636 AD-AD636 Datasheet
157Kb / 8P
   Low Level, True RMS-to-DC Converter
REV. B
AD636 AD-AD636_15 Datasheet
677Kb / 17P
   Low Level, True RMS-to-DC Converter
Rev. E
SSM2110 AD-SSM2110_15 Datasheet
3Mb / 11P
   TRUE RMS TO DC CONVERTER
logo
Burr-Brown (TI)
4341 BURR-BROWN-4341 Datasheet
331Kb / 4P
   LOW COST TRUE RMS-TO-DC CONVERTER
logo
Cyrustek corporation
ES5 CYRUSTEK-ES5 Datasheet
471Kb / 8P
   True RMS-to-DC Converter
logo
National Semiconductor ...
LH0091 NSC-LH0091 Datasheet
126Kb / 6P
   LH0091 True RMS to DC Converter
logo
Analog Devices
AD8436 AD-AD8436_13 Datasheet
747Kb / 24P
   Low Cost, Low Power, True RMS-to-DC Converter
REV. B
AD737 AD-AD737 Datasheet
149Kb / 8P
   Low Cost, Low Power, True RMS-to-DC Converter
REV. C
AD736 AD-AD736_15 Datasheet
480Kb / 20P
   Low Cost, Low Power, True RMS-to-DC Converter
Rev. I
AD737 AD-AD737_15 Datasheet
499Kb / 24P
   Low Cost, Low Power, True RMS-to-DC Converter
Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com