Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD636KHZ Datasheet(PDF) 4 Page - Analog Devices

Part # AD636KHZ
Description  Low Level, True RMS-to-DC Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD636KHZ Datasheet(HTML) 4 Page - Analog Devices

  AD636KHZ Datasheet HTML 1Page - Analog Devices AD636KHZ Datasheet HTML 2Page - Analog Devices AD636KHZ Datasheet HTML 3Page - Analog Devices AD636KHZ Datasheet HTML 4Page - Analog Devices AD636KHZ Datasheet HTML 5Page - Analog Devices AD636KHZ Datasheet HTML 6Page - Analog Devices AD636KHZ Datasheet HTML 7Page - Analog Devices AD636KHZ Datasheet HTML 8Page - Analog Devices AD636KHZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AD636
Data Sheet
Rev. E | Page 4 of 16
Model
AD636J
AD636K
Unit
Min
Typ
Max
Min
Typ
Max
dB OUTPUT
Error, VIN = 7 mV to 300 mV rms
±0.3
±0.5
±0.1
±0.2
dB
Scale Factor
−3.0
−3.0
mV/dB
Scale Factor Temperature
Coefficient
0.33
0.33
% of reading/°C
−0.033
−0.033
dB/°C
IREF for 0 dB = 0.1 V rms
2
4
8
2
4
8
μA
IREF Range
1
50
1
50
μA
IOUT TERMINAL
IOUT Scale Factor
100
100
μA/V rms
IOUT Scale Factor Tolerance
−20
±10
+20
−20
±10
+20
%
Output Resistance
8
10
12
8
10
12
Voltage Compliance
−VS to
(+VS − 2 V)
−VS to
(+VS − 2 V)
V
BUFFER AMPLIFIER
Input and Output Voltage Range
−VS to
(+VS − 2 V)
−VS to
(+VS − 2 V)
V
Input Offset Voltage, RS = 10 kΩ
±0.8
±2
±0.5
±1
mV
Input Bias Current
100
300
100
300
nA
Input Resistance
108
108
Ω
Output Current
(+5 mA,
−130 μA)
(+5 mA,
−130 μA)
Short-Circuit Current
20
20
mA
Small Signal Bandwidth
1
1
MHz
Slew Rate6
5
5
V/μs
POWER SUPPLY
Voltage, Rated Performance
+3, −5
+3, −5
V
Dual Supply
+2, −2.5
±16.5
+2, −2.5
±16.5
V
Single Supply
5
24
5
24
V
Quiescent Current7
0.80
1.00
0.80
1.00
mA
TEMPERATURE RANGE
Rated Performance
0
+70
0
+70
°C
Storage
−55
+150
−55
+150
°C
TRANSISTOR COUNT
62
62
1
All minimum and maximum specifications are guaranteed. Specifications shown in boldface are tested on all production units at final electrical test and are used to
calculate outgoing quality levels.
2
Accuracy specified for 0 mV to 200 mV rms, dc or 1 kHz sine wave input. Accuracy is degraded at higher rms signal levels.
3
Measured at Pin 8 of PDIP (IOUT), with Pin 9 tied to common.
4
Error vs. crest factor is specified as additional error for a 200 mV rms rectangular pulse train, pulse width = 200 µs.
5
Input voltages are expressed in V rms.
6
With 10 kΩ pull-down resistor from Pin 6 (BUF OUT) to −VS.
7
With BUF IN tied to COMMON.


Similar Part No. - AD636KHZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD636KH AD-AD636KH Datasheet
157Kb / 8P
   Low Level, True RMS-to-DC Converter
REV. B
More results

Similar Description - AD636KHZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD636 AD-AD636 Datasheet
157Kb / 8P
   Low Level, True RMS-to-DC Converter
REV. B
AD636 AD-AD636_15 Datasheet
677Kb / 17P
   Low Level, True RMS-to-DC Converter
Rev. E
SSM2110 AD-SSM2110_15 Datasheet
3Mb / 11P
   TRUE RMS TO DC CONVERTER
logo
Burr-Brown (TI)
4341 BURR-BROWN-4341 Datasheet
331Kb / 4P
   LOW COST TRUE RMS-TO-DC CONVERTER
logo
Cyrustek corporation
ES5 CYRUSTEK-ES5 Datasheet
471Kb / 8P
   True RMS-to-DC Converter
logo
National Semiconductor ...
LH0091 NSC-LH0091 Datasheet
126Kb / 6P
   LH0091 True RMS to DC Converter
logo
Analog Devices
AD8436 AD-AD8436_13 Datasheet
747Kb / 24P
   Low Cost, Low Power, True RMS-to-DC Converter
REV. B
AD737 AD-AD737 Datasheet
149Kb / 8P
   Low Cost, Low Power, True RMS-to-DC Converter
REV. C
AD736 AD-AD736_15 Datasheet
480Kb / 20P
   Low Cost, Low Power, True RMS-to-DC Converter
Rev. I
AD737 AD-AD737_15 Datasheet
499Kb / 24P
   Low Cost, Low Power, True RMS-to-DC Converter
Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com