Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD660ANZ1 Datasheet(PDF) 11 Page - Analog Devices

Part # AD660ANZ1
Description  Monolithic 16-Bit Serial/Byte DACPORT
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD660ANZ1 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD660ANZ1 Datasheet HTML 7Page - Analog Devices AD660ANZ1 Datasheet HTML 8Page - Analog Devices AD660ANZ1 Datasheet HTML 9Page - Analog Devices AD660ANZ1 Datasheet HTML 10Page - Analog Devices AD660ANZ1 Datasheet HTML 11Page - Analog Devices AD660ANZ1 Datasheet HTML 12Page - Analog Devices AD660ANZ1 Datasheet HTML 13Page - Analog Devices AD660ANZ1 Datasheet HTML 14Page - Analog Devices AD660ANZ1 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
AD660
Rev. B | Page 11 of 20
BIPOLAR CONFIGURATION
The circuit shown in Figure 10 provides a bipolar output voltage
from −10.000000 V to +9.999694 V with positive full scale occur-
ring with all bits on. As in the unipolar mode, Resistor R1 and
Resistor R2 can be eliminated altogether to provide AD660 bipolar
operation without any external components. Eliminating these
resistors increases the gain error by 0.50% of FSR in bipolar mode.
HBE
CONTROL
LOGIC
SER
CLR
LDAC
REF IN
R1
50Ω
R2
50Ω
REF OUT
AD660
SOUT
VOUT
AGND
SPAN/
BIPOLAR
OFFSET
DGND
–VEE
+VCC
+VLL
10V REF
16-BIT LATCH
16-BIT DAC
16
17
18
19
23
24
20
21
22
13
1
2
3
4
15
OUTPUT
10kΩ
10kΩ
10.05kΩ
DB1/DB9/
DATADIR
11
LBE/
CLEAR SELECT
DB0/
DB8/
SIN
CS
DB7/
DB15
5
12
14
16-BIT LATCH
Figure 10. ±10 V Bipolar Voltage Output
Gain offset and bipolar zero errors can be adjusted to zero using
the circuit shown in Figure 11 as follows:
1.
Offset adjust.
Turn off all bits. Adjust the trimmer, R2, to give 10.000000 V
output.
2.
Gain adjust.
Turn all bits on and adjust R1 to give a reading of 9.999694 V.
3.
Bipolar zero adjust (optional).
In applications where an accurate zero output is required, set
the MSB on, all other bits off, and readjust R2 for 0 V output.
HBE
CONTROL
LOGIC
SER
CLR
LDAC
REF IN
R1
50Ω
REF OUT
AD660
SOUT
VOUT
AGND
SPAN/
BIPOLAR
OFFSET
DGND
–VEE
+VCC
+VLL
10V REF
16-BIT LATCH
16-BIT DAC
16
17
18
19
23
24
20
21
22
13
1
2
3
4
15
OUTPUT
R2
100Ω
10kΩ
10kΩ
10.05kΩ
DB1/DB9/
DATADIR
11
LBE/
CLEAR SELECT
DB0/
DB8/
SIN
CS
DB7/
DB15
5
12
14
16-BIT LATCH
Figure 11. ±10 V Bipolar Voltage Output with Gain and Offset Adjustment
Note that using external resistors introduces a small temperature
drift component beyond that inherent in the AD660. The inter-
nal resistors are trimmed to ratio-match and temperature-track
other resistors on-chip, even though their absolute tolerances are
±20% and absolute temperature coefficients are approximately
−50 ppm/°C. In the case that external resistors are used, the
temperature coefficient mismatch between internal and external
resistors, multiplied by the sensitivity of the circuit to variations
in the external resistor value, is the resultant additional tempera-
ture drift.
INTERNAL/EXTERNAL REFERENCE USE
The AD660 has an internal low noise buried Zener diode
reference that is trimmed for absolute accuracy and temperature
coefficient. This reference is buffered and optimized for use in a
high speed DAC and gives long-term stability equal or superior to
the best discrete Zener diode references. The performance of
the AD660 is specified with the internal reference driving the
DAC and with the DAC alone (for use with a precision external
reference).
The internal reference has sufficient buffering to drive external
circuitry in addition to the reference currents required for the
DAC (typically 1 mA to REF IN and 1 mA to SPAN/BIPOLAR
OFFSET). A minimum of 2 mA is available for driving external
loads. The AD660 reference output should be buffered with an
external op amp if it is required to supply more than 4 mA total
current. The reference is tested and guaranteed to ±0.2%
maximum error.


Similar Part No. - AD660ANZ1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD660ANZ AD-AD660ANZ Datasheet
351Kb / 21P
   Monolithic 16-Bit Serial/Byte DACPORT
More results

Similar Description - AD660ANZ1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD660 AD-AD660 Datasheet
426Kb / 12P
   Monolithic 16-Bit Serial/Byte DACPORT
REV. A
AD660 AD-AD660_17 Datasheet
351Kb / 21P
   Monolithic 16-Bit Serial/Byte DACPORT
AD760 AD-AD760 Datasheet
324Kb / 12P
   16/18-Bit Self-Calibrating Serial/Byte DACPORT
REV. A
AD760 AD-AD760_15 Datasheet
327Kb / 12P
   16/18-Bit Self-Calibrating Serial/Byte DACPORT
REV. A
AD669 AD-AD669_15 Datasheet
426Kb / 12P
   Monolithic 16-Bit DACPORT
REV. A
AD669BRZ AD-AD669BRZ Datasheet
324Kb / 12P
   Monolithic 16-Bit DACPORT
REV. A
AD669SQ AD-AD669SQ Datasheet
324Kb / 12P
   Monolithic 16-Bit DACPORT
REV. A
AD669 AD-AD669 Datasheet
460Kb / 12P
   Monolithic 16-Bit DACPORT
REV. A
AD669ANZ AD-AD669ANZ Datasheet
324Kb / 12P
   Monolithic 16-Bit DACPORT
REV. A
AD669ARZ AD-AD669ARZ Datasheet
426Kb / 12P
   Monolithic 16-Bit DACPORT
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com