Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDS9412 Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FDS9412
Description  Single N-Channel Enhancement Mode Field Effect Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS9412 Datasheet(HTML) 7 Page - Fairchild Semiconductor

  FDS9412 Datasheet HTML 1Page - Fairchild Semiconductor FDS9412 Datasheet HTML 2Page - Fairchild Semiconductor FDS9412 Datasheet HTML 3Page - Fairchild Semiconductor FDS9412 Datasheet HTML 4Page - Fairchild Semiconductor FDS9412 Datasheet HTML 5Page - Fairchild Semiconductor FDS9412 Datasheet HTML 6Page - Fairchild Semiconductor FDS9412 Datasheet HTML 7Page - Fairchild Semiconductor FDS9412 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
SOIC-8 (FS PKG Code S1)
1 : 1
Scale 1:1 on letter size paper
Dimensions shown below are in:
inches [millimeters]
Part Weight per unit (gram): 0.0774
SO-8 Tape and Reel Data and Package Dimensions, continued
September 1998, Rev. A
9


Similar Part No. - FDS9412

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS9412A FAIRCHILD-FDS9412A Datasheet
325Kb / 6P
   N-Channel PowerTrench MOSFET 30V, 8A, 21mOhm
More results

Similar Description - FDS9412

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN5L06 DIODES-DMN5L06 Datasheet
131Kb / 4P
   SINGLE N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30614 Rev. 3 - 2
logo
Fairchild Semiconductor
NDS8410 FAIRCHILD-NDS8410 Datasheet
265Kb / 10P
   Single N-Channel Enhancement Mode Field Effect Transistor
NDS8410S FAIRCHILD-NDS8410S Datasheet
264Kb / 10P
   Single N-Channel Enhancement Mode Field Effect Transistor
NDS8426 FAIRCHILD-NDS8426 Datasheet
266Kb / 10P
   Single N-Channel Enhancement Mode Field Effect Transistor
logo
CET-MOS Technology Corp...
CEM1010 CET-MOS-CEM1010 Datasheet
714Kb / 4P
   Single N-Channel Enhancement Mode Field Effect Transistor
Rev 2.
CEM1510 CET-MOS-CEM1510 Datasheet
753Kb / 5P
   Single N-Channel Enhancement Mode Field Effect Transistor
Rev 2.
CEM1310SL CET-MOS-CEM1310SL Datasheet
484Kb / 5P
   Single N-Channel Enhancement Mode Field Effect Transistor
Rev 2.
logo
Fairchild Semiconductor
NDS8410A FAIRCHILD-NDS8410A Datasheet
265Kb / 10P
   Single N-Channel Enhancement Mode Field Effect Transistor
logo
CET-MOS Technology Corp...
CEM1210 CET-MOS-CEM1210 Datasheet
770Kb / 5P
   Single N-Channel Enhancement Mode Field Effect Transistor
Rev 2.
logo
Fairchild Semiconductor
NDS8425 FAIRCHILD-NDS8425 Datasheet
264Kb / 10P
   Single N-Channel Enhancement Mode Field Effect Transistor
NDS9410S FAIRCHILD-NDS9410S Datasheet
329Kb / 10P
   Single N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com