Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD580TH Datasheet(PDF) 5 Page - Analog Devices

Part # AD580TH
Description  High Precision, 2.5 V IC Reference
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD580TH Datasheet(HTML) 5 Page - Analog Devices

  AD580TH Datasheet HTML 1Page - Analog Devices AD580TH Datasheet HTML 2Page - Analog Devices AD580TH Datasheet HTML 3Page - Analog Devices AD580TH Datasheet HTML 4Page - Analog Devices AD580TH Datasheet HTML 5Page - Analog Devices AD580TH Datasheet HTML 6Page - Analog Devices AD580TH Datasheet HTML 7Page - Analog Devices AD580TH Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
AD580
Rev. B | Page 5 of 8
THEORY OF OPERATION
The AD580 family (AD580, AD581, AD584, AD589) uses the
bandgap concept to produce a stable, low temperature coef-
ficient voltage reference suitable for high accuracy data acqui-
sition components and systems. The device makes use of the
underlying physical nature of a silicon transistor base-emitter
voltage in the forward-biased operating region. All such tran-
sistors have approximately a –2 mV/°C temperature coefficient,
unsuitable for use directly as a low TC reference. Extrapolation
of the temperature characteristic of any one of these devices to
absolute zero (with an emitter current propor-tional to the
absolute temperature), however, reveals that it will go to a VBE of
1.205 V at 0 K, as shown in Figure 3. Thus, if a voltage could be
developed with an opposing temperature coefficient to sum
with VBE to total 1.205 V, a 0 TC reference would result and
operation from a single, low voltage supply would be possible.
The AD580 circuit provides such a compensating voltage, V1 in
Figure 4, by driving two transistors at different current densities
and amplifying the resulting VBE difference (∆VBE—which now
has a positive TC). The sum, VZ, is then buffered and amplified
up to 2.5 V to provide a usable reference-voltage output. Figure
5 shows the schematic diagram of the AD580.
The AD580 operates as a 3-terminal reference, meaning that no
additional components are required for biasing or current
setting. The connection diagram, Figure 6, is quite simple.
1.5
1.0
1.205
0.5
0
–273
°C
–200
°C
–100
°C
100
°C
0
°C
0K
73K
173K
373K
273K
TEMPERATURE
FOR BOTH
DEVICES
REQUIRED
COMPENSATION
VOLTAGE–
SAME DEVICES
VBE VS. TEMPERATURE
FOR TWO TYPICAL
DEVICES (IE α T)
CONSTANT SUM = 1.205V
Figure 3. Extrapolated Variation of Base-Emitter Voltage with Temperature
(IEαT), and Required Compensation, Shown for Two Different Devices
R7
R8
R2
R1
I2 I1
2I1 = I1 + I2
+VIN
COM
R4
R5
Q2
8A
Q1
A
V1 = 2
V
BE
R1
R2
V
BE
VBE (Q1)
VOUT = VZ 1 +
= 2.5V
R4
R5
= VBE + 2
V
BE
R1
R2
= VBE + 2
ln
R1
R2
kT
q
J1
J2
= 1.205V
VZ = VBE + V1
Figure 4. Basic Bandgap-Reference Regulator Circuit
COM
R12
R13
R7
Q14
Q3
Q13
Q7
Q4
Q10
Q11
Q12
Q15
Q5
Q6
Q8
Q9
Q2
8A
Q1
A
R2
R1
R3
R6
C1
R11
R5
R4
R9
R10
R8
–E
+E
2.5V
OUT
Figure 5. Schematic Diagram
+E
4.5
V
IN 30V
–E
EOUT
LOAD
AD580
Figure 6. Connection Diagram
VOLTAGE VARIATION VERSUS TEMPERATURE
Some confusion exists in the area of defining and specifying
reference voltage error over temperature. Historically, references
are characterized using a maximum deviation per degree
Centigrade; i.e., 10 ppm/°C. However, because of the
inconsistent nonlinearities in Zener references (butterfly or S
type characteristics), most manufacturers use a maximum limit
error band approach to characterize their references. This
technique measures the output voltage at 3 to 5 different
temperatures and guarantees that the output voltage deviation
will fall within the guaranteed error band at these discrete
temperatures. This approach, of course, makes no mention or
guarantee of performance at any other temperature within the
operating temperature range of the device.


Similar Part No. - AD580TH

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD580TH AD-AD580TH Datasheet
196Kb / 8P
   High Precision, 2.5 V IC Reference
REV. B
AD580TH AD-AD580TH Datasheet
196Kb / 8P
   High Precision,2.5 V IC Reference
REV. B
More results

Similar Description - AD580TH

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD580MH AD-AD580MH Datasheet
196Kb / 8P
   High Precision, 2.5 V IC Reference
REV. B
AD580 AD-AD580 Datasheet
251Kb / 6P
   High Precision 2.5 V IC Reference
REV. A
5962-8686101XA AD-5962-8686101XA Datasheet
196Kb / 8P
   High Precision, 2.5 V IC Reference
REV. B
AD580MH AD-AD580MH Datasheet
196Kb / 8P
   High Precision,2.5 V IC Reference
REV. B
AD780BRZ-REEL7 AD-AD780BRZ-REEL7 Datasheet
264Kb / 12P
   2.5 V/3.0 V High Precision Reference
Rev. F
AD780 AD-AD780 Datasheet
178Kb / 10P
   2.5 V/3.0 V High Precision Reference
REV. B
AD780BRZ-REEL AD-AD780BRZ-REEL Datasheet
264Kb / 12P
   2.5 V-3.0 V High Precision Reference
Rev. F
AD780 AD-AD780_15 Datasheet
264Kb / 12P
   2.5 V/3.0 V High Precision Reference
Rev. F
AD780ARZ AD-AD780ARZ Datasheet
264Kb / 12P
   2.5 V/3.0 V High Precision Reference
Rev. F
AD581SH883B AD-AD581SH883B Datasheet
329Kb / 12P
   High Precision 10 V IC Reference
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com