Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTR-K2WAK024W Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # FTR-K2WAK024W
Description  POWER RELAY 1 POLE - 30A DC Relay 2 x 3.2mm contact gap
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTR-K2WAK024W Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  FTR-K2WAK024W Datasheet HTML 1Page - Fujitsu Component Limited. FTR-K2WAK024W Datasheet HTML 2Page - Fujitsu Component Limited. FTR-K2WAK024W Datasheet HTML 3Page - Fujitsu Component Limited. FTR-K2WAK024W Datasheet HTML 4Page - Fujitsu Component Limited. FTR-K2WAK024W Datasheet HTML 5Page - Fujitsu Component Limited. FTR-K2WAK024W Datasheet HTML 6Page - Fujitsu Component Limited. FTR-K2WAK024W Datasheet HTML 7Page - Fujitsu Component Limited. FTR-K2WAK024W Datasheet HTML 8Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
FTR-K1 SERIES
n
SPECIFICATION
Item
FTR-K2W
Contact Data Configuration
1 form A
Material
Silver alloy
Resistance (initial)
Max. 100mOhm at 1A, 6VDC
Contact rating
30A / 60VDC, 25A / 72VDC (resistive)
Life
Mechanical
Min. 1 x 106 operations
Electrical
10 x 103 operations
Coil Data
Rated power (at 20 °C)
Approximately 2,000mW
Nominal voltage
5, 12, 24, 48VDC
Operating temperature range
-40 °C to +70 °C (no frost)
Timing Data
Operate (at nominal voltage)
Max. 30ms (without bounce)
Release
Max. 15ms (no diode)
Insulation
Resistance (initial)
Min. 1,000MOhm at 500VDC
Dielectric strength
Open contacts
2,000VAC (50/60 Hz) 1min.
Coil and contacts
5,000VAC (50/60 Hz) 1min.
Surge strength
Coil to contacts
10,000V / 1.2 x 50µs standard wave
Clearance
≥8mm
Creepage
≥9.5mm
Other
Vibration resistance
Misoperation
10 to 55Hz double amplitude 1.5 mm
Endurance
10 to 55Hz double amplitude 1.5 mm
Shock resistance
Misoperation
Min. 100m/s² (11 ± 1ms)
Endurance
Min. 1,000m/s² (6 ± 1ms)
Weight
Approximately 74 g
Sealing
Flux proof, RT II
Notes:
1.
To prevent hazardous situation in case of catastrophic contact failures like contact welding, please carefully evaluate the relay
application parameters, to assure a fail-safe design. This is particularly important in case of over spec use and long periods of
continuous use.
2.
Use of a varistor in parallel over the coil is recommended to clamp reverse inductive voltage surges.
Reverse blocking voltage should be about 3 times the surge voltage level.
3.
A contact carrying currents higher than 10A, it is recommended to consider addition heat develop in the PCB contact tracks.
4.
Specifiedvaluesarevalidincaseofseriesconnectionofcoils,byconnectingpin2and3,atTamb20
°C and at zero
contact current.
FTR-K2W SERIES


Similar Part No. - FTR-K2WAK024W

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-K2WAK012W FUJITSU-FTR-K2WAK012W Datasheet
727Kb / 6P
   POWER RELAY 1 POLE - 30A DC Relay 2 x 3.2mm contact gap
More results

Similar Description - FTR-K2WAK024W

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-K2W FUJITSU-FTR-K2W Datasheet
727Kb / 6P
   POWER RELAY 1 POLE - 30A DC Relay 2 x 3.2mm contact gap
FTR-K3L-PV FUJITSU-FTR-K3L-PV Datasheet
340Kb / 7P
   POWER RELAY 1 POLE - 32A, 1.5mm contact gap latching relay
FTR-K3-WG FUJITSU-FTR-K3-WG_10 Datasheet
232Kb / 6P
   POWER RELAY 1 POLE - 25A - 1.5mm contact gap
FTR-K3WG FUJITSU-FTR-K3WG Datasheet
319Kb / 6P
   POWER RELAY 1 POLE - 25A - 1.5mm contact gap
FTR-K3-WG FUJITSU-FTR-K3-WG_11 Datasheet
371Kb / 8P
   POWER RELAY 1 POLE - 25A - 1.5mm contact gap
FBR562 FUJITSU-FBR562 Datasheet
52Kb / 8P
   HIGH POWER TWIN RELAY 1 POLE x 2-30A
FTR-F4G FUJITSU-FTR-F4G_11 Datasheet
333Kb / 7P
   POWER RELAY 2 POLE - 5A - 1.5mm contact gap
FTR-F4G FUJITSU-FTR-F4G Datasheet
321Kb / 6P
   POWER RELAY 2 POLE - 5A - 1.5mm contact gap
FTR-K2G FUJITSU-FTR-K2G Datasheet
452Kb / 8P
   POWER RELAY 1 POLE-20A (Contact Gap 3.0mm type)
FBR512 FUJITSU-FBR512_08 Datasheet
571Kb / 7P
   COMPACT POWER TWIN RELAY 1 POLE x 2-30A (Dual relay) (FOR AUTOMOTIVE APPLICATIONS)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com