Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

250FM Datasheet(PDF) 7 Page - Cooper Bussmann, Inc.

Part # 250FM
Description  British BS 88 Fuses
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

250FM Datasheet(HTML) 7 Page - Cooper Bussmann, Inc.

  250FM Datasheet HTML 1Page - Cooper Bussmann, Inc. 250FM Datasheet HTML 2Page - Cooper Bussmann, Inc. 250FM Datasheet HTML 3Page - Cooper Bussmann, Inc. 250FM Datasheet HTML 4Page - Cooper Bussmann, Inc. 250FM Datasheet HTML 5Page - Cooper Bussmann, Inc. 250FM Datasheet HTML 6Page - Cooper Bussmann, Inc. 250FM Datasheet HTML 7Page - Cooper Bussmann, Inc. 250FM Datasheet HTML 8Page - Cooper Bussmann, Inc. 250FM Datasheet HTML 9Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
For product data sheets, visit www.cooperbussmann.com/datasheets/ulcsa
193
British BS 88 — 690V: 6-710A
High Speed Fuses
103
104
102
10
–1
10
–2
24
6
8
102
2
24
6
8
2
103
24
6
8 104
2
4
6
2
6
4
100
2
6
4
101
2
6
4
2
6
4
2
6
4
6
4
2
6
2
4
Prospective Current In Amps RMS
160EET
140EET
110EET
90EET
200MT
355MT
315MT
280MT
250MT
180MT
160MT
10
–4
10
–3
Prospective Short-Circuit Current Symmetrical RMS
2
4
2
6
6
4
2
4
6
4
2
6
4
2
6
2
4
62
4
6
2
4
62
4
6
10
1
10
2
10
3
10
4
10
5
10
1
10
2
10
3
10
4
10
5
2
20CT
16CT
12CT
10CT
6CT
80ET
63ET
56ET
45ET
40ET
35ET
32ET
25ET
710MMT
630MMT
560MMT
500MMT
450MMT
315MT 355MT 400MMT
280MT 355MMT
250MT 315MMT
280MMT
200MT
180MT 225MMT
160MT 200MMT
180MMT
160EET
140EET
110EET
90EET
Peak Let-Through Curve
EET 90-160A, MT 160-355A: 690V
Time-Current Curve
104
103
102
10
–1
10
–3
Prospective Current In Amps RMS
102
2
24
6
8
2
103
24
6
8
104
2
4
6
2
6
4
100
2
6
4
101
2
6
4
2
6
4
2
6
4
6
4
2
6
2
4
280MMT
355MMT
315MMT
225MMT
200MMT
180MMT
630MMT
710MMT
560MMT
500MMT
450MMT
400MMT
10
–4
10
–2
MMT 180-710A: 690V
Time-Current Curve
Data Sheet: 35785313
Data Sheet: 35785311


Similar Part No. - 250FM

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
250FM COOPER-250FM Datasheet
54Kb / 2P
   British Style BS 88 690V 6-700A
250FM COOPER-250FM Datasheet
54Kb / 2P
   British Style BS 88
logo
List of Unclassifed Man...
250FM ETC-250FM Datasheet
53Kb / 2P
   British Style BS 88
7-18-01
More results

Similar Description - 250FM

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
6-700A COOPER-6-700A Datasheet
54Kb / 2P
   British Style BS 88
logo
List of Unclassifed Man...
6CT ETC-6CT Datasheet
53Kb / 2P
   British Style BS 88
7-18-01
logo
Cooper Bussmann, Inc.
6CT COOPER-6CT Datasheet
54Kb / 2P
   British Style BS 88 690V 6-700A
logo
Littelfuse
2CM250-400 LITTELFUSE-2CM250-400 Datasheet
416Kb / 1P
   British Dimension HRCII-C Fuses
logo
List of Unclassifed Man...
10FC ETC1-10FC Datasheet
201Kb / 7P
   BRITISH STYLE?밪EMICONDUCTOR PROTECTION FUSES
logo
CamdenBoss Ltd.
CFB1362 CAMDENBOSS-CFB1362 Datasheet
502Kb / 1P
   6.3x25mm glass and British plug top fuses
logo
PowerDynamics, Inc
14012 POWERDYNAMICS-14012 Datasheet
52Kb / 1P
   BRITISH FUSED CORD SET 250cm LONG BS 1363 TO IEC 60320 C13, 13A FUSE
logo
DB Lectro Inc
BS-85 DBLECTRO-BS-85 Datasheet
71Kb / 1P
   BS-85
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-B08G AVAGO-HDSP-B08G Datasheet
366Kb / 8P
   18:88 and 88:88 0.56" Four Digit GaP Green Seven Segment Display
logo
DB Lectro Inc
BS-44 DBLECTRO-BS-44 Datasheet
72Kb / 1P
   BS-44
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com