Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDS7066N7 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FDS7066N7
Description  30V N-Channel PowerTrench MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS7066N7 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FDS7066N7 Datasheet HTML 1Page - Fairchild Semiconductor FDS7066N7 Datasheet HTML 2Page - Fairchild Semiconductor FDS7066N7 Datasheet HTML 3Page - Fairchild Semiconductor FDS7066N7 Datasheet HTML 4Page - Fairchild Semiconductor FDS7066N7 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
FDS7066N7 Rev D2 (W)
Electrical Characteristics
T
A = 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Typ Max Units
Off Characteristics
BVDSS
Drain–Source Breakdown Voltage
VGS = 0 V, ID = 250 µA
30
V
∆BVDSS
∆TJ
Breakdown Voltage Temperature
Coefficient
ID = 250 µA, Referenced to 25°C
24
mV/
°C
IDSS
Zero Gate Voltage Drain Current
VDS = 24 V, VGS = 0 V
1
µA
IGSSF
Gate–Body Leakage, Forward
VGS = 16 V, VDS = 0 V
100
nA
IGSSR
Gate–Body Leakage, Reverse
VGS = –16 V, VDS = 0 V
–100
nA
On Characteristics
(Note 2)
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 250 µA
1
1.5
3
V
∆VGS(th)
∆TJ
Gate Threshold Voltage
Temperature Coefficient
ID = 250 µA, Referenced to 25°C
–4.3
mV/
°C
RDS(on)
Static Drain–Source
On–Resistance
VGS = 10 V, ID = 23 A
VGS = 4.5 V, ID = 21 A
VGS = 10 V, ID = 23 A, TJ = 125°C
3.5
4.0
5.0
4.5
5.5
6.3
m
ID(on)
On–State Drain Current
VGS = 10 V, VDS = 5 V
30
A
gFS
Forward Transconductance
VDS = 10 V, ID = 23 A
116
S
Dynamic Characteristics
Ciss
Input Capacitance
4973
pF
Coss
Output Capacitance
826
pF
Crss
Reverse Transfer Capacitance
VDS = 15 V, V GS = 0 V,
f = 1.0 MHz
341
pF
Switching Characteristics (Note 2)
td(on)
Turn–On Delay Time
12
22
ns
tr
Turn–On Rise Time
8
16
ns
td(off)
Turn–Off Delay Time
85
136
ns
tf
Turn–Off Fall Time
VDD = 15 V, ID = 1 A,
VGS = 10 V, RGEN = 6 Ω
25
40
ns
Qg
Total Gate Charge
43
69
nC
Qgs
Gate–Source Charge
13
nC
Qgd
Gate–Drain Charge
VDS = 15 V, ID = 23 A,
VGS = 5.0 V
11
nC
Drain–Source Diode Characteristics and Maximum Ratings
VSD
Drain–Source Diode Forward
Voltage
VGS = 0 V,
IS = 2.5 A
(Note 2)
0.7
1.2
V
trr
Diode Reverse Recovery Time
34.2
nS
Qrr
Diode Reverse Recovery Charge
IF = 23 A,
diF/dt = 100 A/µs
40.4
nC
Notes:
1. R
θJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of
the drain pins. R
θJC is guaranteed by design while RθCA is determined by the user's board design.
a)
40°C/W when
mounted on a 1in
2 pad
of 2 oz copper
b)
85°C/W when mounted on
a minimum pad of 2 oz
copper
Scale 1 : 1 on letter size paper
2. Pulse Test: Pulse Width < 300
µs, Duty Cycle < 2.0%


Similar Part No. - FDS7066N7

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS7066N7 FAIRCHILD-FDS7066N7 Datasheet
181Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDS7066N7 FAIRCHILD-FDS7066N7_04 Datasheet
181Kb / 6P
   30V N-Channel PowerTrench MOSFET
More results

Similar Description - FDS7066N7

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD6692 FAIRCHILD-FDD6692 Datasheet
84Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDS6672A FAIRCHILD-FDS6672A Datasheet
205Kb / 8P
   30V N-Channel PowerTrench MOSFET
FDS6692 FAIRCHILD-FDS6692 Datasheet
62Kb / 4P
   30V N-Channel PowerTrench MOSFET
FDD6670AL FAIRCHILD-FDD6670AL Datasheet
149Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDD6688 FAIRCHILD-FDD6688 Datasheet
120Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDS7296N3 FAIRCHILD-FDS7296N3 Datasheet
122Kb / 7P
   30V N-Channel PowerTrench MOSFET
FDD6672A FAIRCHILD-FDD6672A Datasheet
425Kb / 8P
   30V N-Channel PowerTrench MOSFET
FDD6676 FAIRCHILD-FDD6676 Datasheet
85Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDD6672A FAIRCHILD-FDD6672A_01 Datasheet
80Kb / 5P
   30V N-Channel PowerTrench MOSFET
FDD6612A FAIRCHILD-FDD6612A Datasheet
122Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDS7064N7 FAIRCHILD-FDS7064N7 Datasheet
175Kb / 6P
   30V N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com