Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJM78M56FA Datasheet(PDF) 2 Page - New Japan Radio

Part # NJM78M56FA
Description  3-TERMINAL POSITIVE VOLTAGE REGULATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM78M56FA Datasheet(HTML) 2 Page - New Japan Radio

  NJM78M56FA Datasheet HTML 1Page - New Japan Radio NJM78M56FA Datasheet HTML 2Page - New Japan Radio NJM78M56FA Datasheet HTML 3Page - New Japan Radio NJM78M56FA Datasheet HTML 4Page - New Japan Radio NJM78M56FA Datasheet HTML 5Page - New Japan Radio NJM78M56FA Datasheet HTML 6Page - New Japan Radio NJM78M56FA Datasheet HTML 7Page - New Japan Radio NJM78M56FA Datasheet HTML 8Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
NJM78M00
- 2 -
Ver.2003-09-24
ABSOLUTE MAXIMUM RATINGS
(Ta
=25ºC)
PARAMETER
SYMBOL
MAXIMUM RATINGS
UNIT
Input Voltage
VIN
78M05 to 78M09
78M12 to 78M15
78M18 to 78M24
35
35
40
V
Storge Temperature Range
Tstg
-40 to +150
ºC
Operating Temperature Range
Operating Junction Temperature
Operating Junction Temparature
Tj
Topr
-40 to +150
-40 to +85
ºC
Power Dissipation
PD
TO-220F
7.5(TC≤75ºC)
TO-252
7.5(TC≤56ºC)
1.0(Ta
=25ºC)
W
THERMAL CHARACTERISTICS
TO-220F
TO-252
Junction-to-Ambient Temperature
θja
60
125
Thermal Resistance
Junction-to-Case
θjc
7
12.5
ºC/W
ELECTRICAL CHARACTERISTICS (CIN
=0.33µF, CO=0.1µF, Tj=25ºC)
Measurement is to be conducted in pulse testing.
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
NJM78M05FA/DL1A
Output Voltage
VO
VIN
=10V, I0=350mA
4.8
5.0
5.2
V
Line Regulation
∆VO- VIN
VIN
=7 to 25V, IO=200mA
-
3
50
mV
Load Regulation
∆VO - IO
VIN
=10V, IO=5 to 500mA
-
5
50
mV
Quiescent Current
IQ
VIN
=10V, IO=0mA
-
4
6
mA
Average Temperature
Coefficient of Output Voltage
∆VO/∆T
VIN
=10V, IO=5mA
-
-1
-
mV/ºC
Ripple Rejection
RR
VIN
=10V, IO=350mA, ein=1VP-P, f=120Hz
60
80
-
dB
Output Noise Voltage
VNO
VIN
=10V, BW=10Hz to 100kHz, IO=350mA
-
60
-
µV


Similar Part No. - NJM78M56FA

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM78M00 NJRC-NJM78M00 Datasheet
510Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR?
NJM78M00DL1A NJRC-NJM78M00DL1A Datasheet
510Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR?
NJM78M00DLA NJRC-NJM78M00DLA Datasheet
510Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR?
NJM78M00FA NJRC-NJM78M00FA Datasheet
510Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR?
NJM78M00S NJRC-NJM78M00S Datasheet
192Kb / 10P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
More results

Similar Description - NJM78M56FA

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
H7805AE HSMC-H7805AE Datasheet
35Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
H7809AI HSMC-H7809AI Datasheet
37Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
H7809AJ HSMC-H7809AJ Datasheet
33Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Micro Electronics
ML7800 MICRO-ELECTRONICS-ML7800 Datasheet
431Kb / 11P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
GM78L12 ETC2-GM78L12 Datasheet
196Kb / 2P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Continental Device Indi...
CL7824DT CDIL-CL7824DT Datasheet
338Kb / 5P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
SJ78M15 SECOS-SJ78M15 Datasheet
84Kb / 2P
   3-Terminal Positive Voltage Regulator
logo
SEMTECH ELECTRONICS LTD...
78L05U SEMTECH_ELEC-78L05U Datasheet
223Kb / 2P
   3-Terminal Positive Voltage Regulator
logo
Cystech Electonics Corp...
PL7812XE3 CYSTEKEC-PL7812XE3 Datasheet
108Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
PL7818XE3 CYSTEKEC-PL7818XE3 Datasheet
108Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Hi-Sincerity Mocroelect...
H7812AA HSMC-H7812AA Datasheet
38Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com