Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJM2855DL1-33 Datasheet(PDF) 3 Page - New Japan Radio

Part # NJM2855DL1-33
Description  LOW DROPOUT VOLTAGE REGULATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2855DL1-33 Datasheet(HTML) 3 Page - New Japan Radio

  NJM2855DL1-33 Datasheet HTML 1Page - New Japan Radio NJM2855DL1-33 Datasheet HTML 2Page - New Japan Radio NJM2855DL1-33 Datasheet HTML 3Page - New Japan Radio NJM2855DL1-33 Datasheet HTML 4Page - New Japan Radio NJM2855DL1-33 Datasheet HTML 5Page - New Japan Radio NJM2855DL1-33 Datasheet HTML 6Page - New Japan Radio NJM2855DL1-33 Datasheet HTML 7Page - New Japan Radio NJM2855DL1-33 Datasheet HTML 8Page - New Japan Radio NJM2855DL1-33 Datasheet HTML 9Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
NJM2855
Ver.2012-10-24
ABSOLUTE MAXIMUM RATINGS
(Ta=25
°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Input Voltage
VIN
+10
V
Power Dissipation
PD
1190(*1)
3125(*2)
mW
Operating Temperature
Topr
-40
∼ +85
°C
Storage Temperature
Tstg
-40
∼ +150
°C
(*1): Mounted on glass epoxy board. (76.2×114.3×1.6mm:based on EIA/JDEC standard size, 2Layers, Cu area 100mm
2)
(*2): Mounted on glass epoxy board. (76.2×114.3×1.6mm:based on EIA/JDEC standard, 4Layers)
(For 4Layers: Applying 74.2×74.2mm inner Cu area and a thermal via hole to a board based on JEDEC standard JESD51-5)
OPERATING VOLTAGE
VIN=+2.5V ~ +8V (In case of Vo<2.3V version)
ELECTRICAL CHARACTERISTICS
(VIN=Vo+1V, CIN=0.33µF, Co=2.2µF(1.7V<Vo≤2.6V:4.7µF, Vo≤1.7V:10µF), Ta=25°C)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Output Voltage
Vo
Io=30mA
-1.0%
-
+1.0%
V
Quiescent Current
IQ
Io=0mA
-
400
600
µA
Output Current
Io
Vo-0.3V
1000
1300
-
mA
Line Regulation
∆Vo/∆VIN
VIN=Vo+1V~Vo+6V(Vo≤2V),
VIN=Vo+1V~8V(Vo>2V),
Io=30mA
-
-
0.10
%/V
Load Regulation
∆Vo/∆Io Io=0 ∼ 1A
-
-
0.004 %/mA
Dropout Voltage(*3)
∆VI−O
Io=600mA
-
0.20
0.28
V
Ripple Rejection
RR
ein=200mVrms,f=1kHz, Io=10mA
Vo=3.0V Version(*4)
-
75
-
dB
Average Temperature
Coefficient of Output Voltage
∆Vo/∆Ta Ta=0∼85°C, Io=10mA
-
±50
-
ppm/
°C
Output Noise Voltage
VNO
f=10Hz
∼80kHz, Io=10mA,
Vo=3.0V Version(*3)
-
45
-
µVrms
Input Voltage
VIN
-
-
8
V
(*3): The output voltage excludes under 2.1V.
(*4): Vo>2.0V : VIN=Vo+1V, Vo≤2.0V : VIN=3.0V
The above specification is a common specification for all output voltages.
Therefore, it may be different from the individual specification for a specific output voltage.


Similar Part No. - NJM2855DL1-33

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2855DL1 NJRC-NJM2855DL1 Datasheet
224Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
More results

Similar Description - NJM2855DL1-33

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA78R08 SAMSUNG-KA78R08 Datasheet
162Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
KA78R12 SAMSUNG-KA78R12 Datasheet
164Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78R33 FAIRCHILD-KA78R33 Datasheet
40Kb / 8P
   Low Dropout Voltage Regulator
KA278R09 FAIRCHILD-KA278R09 Datasheet
79Kb / 8P
   Low Dropout Voltage Regulator
logo
Toshiba Semiconductor
TA78DL05BS TOSHIBA-TA78DL05BS Datasheet
255Kb / 7P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DL05F TOSHIBA-TA78DL05F Datasheet
332Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DS05BP TOSHIBA-TA78DS05BP Datasheet
303Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
logo
New Japan Radio
NJM2886 NJRC-NJM2886 Datasheet
156Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2870 NJRC-NJM2870 Datasheet
166Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2881 NJRC-NJM2881 Datasheet
219Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2865 NJRC-NJM2865 Datasheet
175Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com