Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJM2855DL1-23 Datasheet(PDF) 9 Page - New Japan Radio

Part # NJM2855DL1-23
Description  LOW DROPOUT VOLTAGE REGULATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2855DL1-23 Datasheet(HTML) 9 Page - New Japan Radio

  NJM2855DL1-23 Datasheet HTML 1Page - New Japan Radio NJM2855DL1-23 Datasheet HTML 2Page - New Japan Radio NJM2855DL1-23 Datasheet HTML 3Page - New Japan Radio NJM2855DL1-23 Datasheet HTML 4Page - New Japan Radio NJM2855DL1-23 Datasheet HTML 5Page - New Japan Radio NJM2855DL1-23 Datasheet HTML 6Page - New Japan Radio NJM2855DL1-23 Datasheet HTML 7Page - New Japan Radio NJM2855DL1-23 Datasheet HTML 8Page - New Japan Radio NJM2855DL1-23 Datasheet HTML 9Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9
NJM2855
Ver.2012-10-24
TYPICAL CHARACTERISTICS
0
0.5
1
1.5
2
2.5
3
3.5
4
-50
0
50
100
150
200
NJM2855_3.0V
Output Voltage vs. Temperature
@:VIN=4.0V
Io=30mA
Co=2.2
µF
(Ceramic)
Temperature : Ta (
oC)
2.94
2.96
2.98
3
3.02
3.04
3.06
3.08
3.1
-2
-1
0
1
2
3
4
5
6
0
40
80
120
160
200
NJM2855_3V
Line Transient Response
Time : t [
µs]
Input Voltage
Output Voltage
@:Ta=25oC
VIN=4V
Co=2.2
µF
Io=30mA
2.85
2.9
2.95
3
3.05
3.1
3.15
3.2
3.25
300
400
500
600
700
800
900
1000
1100
040
80
120
160
200
NJM2855_3V
Load Transient Response
Time : t [
µs]
Output Current
Output Voltage
@:Ta=25
oC
VIN=4V
Co=2.2
µF
[CAUTION]
The specifications on this databook are only
given for information , without any guarantee
as regards either mistakes or omissions. The
application circuits in this databook are
described only to show representative usages
of the product and not intended for the
guarantee or permission of any right including
the industrial rights.


Similar Part No. - NJM2855DL1-23

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2855DL1 NJRC-NJM2855DL1 Datasheet
224Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
More results

Similar Description - NJM2855DL1-23

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA78R08 SAMSUNG-KA78R08 Datasheet
162Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
KA78R12 SAMSUNG-KA78R12 Datasheet
164Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78R33 FAIRCHILD-KA78R33 Datasheet
40Kb / 8P
   Low Dropout Voltage Regulator
KA278R09 FAIRCHILD-KA278R09 Datasheet
79Kb / 8P
   Low Dropout Voltage Regulator
logo
Toshiba Semiconductor
TA78DL05BS TOSHIBA-TA78DL05BS Datasheet
255Kb / 7P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DL05F TOSHIBA-TA78DL05F Datasheet
332Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DS05BP TOSHIBA-TA78DS05BP Datasheet
303Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
logo
New Japan Radio
NJM2886 NJRC-NJM2886 Datasheet
156Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2870 NJRC-NJM2870 Datasheet
166Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2881 NJRC-NJM2881 Datasheet
219Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2865 NJRC-NJM2865 Datasheet
175Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com