Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJM5534M-TE2 Datasheet(PDF) 2 Page - New Japan Radio

Part # NJM5534M-TE2
Description  HIGH PERFORMANCE LOW-NOISE OPERATIONAL AMPLIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM5534M-TE2 Datasheet(HTML) 2 Page - New Japan Radio

  NJM5534M-TE2 Datasheet HTML 1Page - New Japan Radio NJM5534M-TE2 Datasheet HTML 2Page - New Japan Radio NJM5534M-TE2 Datasheet HTML 3Page - New Japan Radio NJM5534M-TE2 Datasheet HTML 4Page - New Japan Radio NJM5534M-TE2 Datasheet HTML 5Page - New Japan Radio NJM5534M-TE2 Datasheet HTML 6Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NJM5534
- 2 -
Ver.2011-02-22
■ ABSOLUTE MAXIMUM RATINGS (Ta=25˚C)
PARAMETER
SYMBOL
RATING
UNIT
Supply Voltage
V
+/V-
±22
V
Differential Input Voltage
VID
±0.5
V
Common Mode Input Voltage
VIC
V
+/V-
V
Power Dissipation
PD
DIP8: 500
DMP8: 300
mW
Operating Temperature Range
Topr
-20~+75
°C
Storage Temperature Range
Tstg
-40~+125
°C
■ RECOMMENDED OPERATING VOLTAGE (Ta=25˚C)
PARAMETER
SYMBOL
RATING
UNIT
Supply Voltage
V
+/V-
±3~±22
V
■ ELECTRICAL CHARACTERISTICS (Ta=25˚C,V+/V-=±15V, unless otherwise noted.)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Input Offset Voltage
VIO
RS≤10kΩ
-
0.5
4
mV
Input Offset Current
IIO
-
20
300
nA
Input Bias Current
IB
-
500
1500
nA
Input Resistance
RIN
30
100
-
kΩ
Large Signal Voltage Gain
AV
RL≥2kΩ, VO=±10V
88
100
-
dB
Maximum Output Voltage
VOM
RL≥600Ω
±12
±13
-
V
Common Mode Input Voltage Range
VICM
±12
±13
-
V
Common Mode Rejection Ratio
CMR
RS≤10kΩ
70
100
-
dB
Supply Voltage Rejection Ratio
SVR
RS≤10kΩ
80
100
-
dB
Supply Current
ICC
RL=∞
-
4
8
mA
Trainsient Response Rise Time
tR
VIN=50mV, RL=600Ω, CL=100pF, Cc=22pF
-
35
-
ns
Overshoot
VIN=50mV, RL=600Ω, CL=100pF, Cc=22pF
-
17
-
%
Slew Rate
SR
Cc=0
-
13
-
V/µs
Gain Bandwidth Product
GB
Cc=22pF, CL=100pF
-
10
-
MHz
Power Bandwidth
WPG
Vo=20VPP, Cc=0
-
200
-
kHz
Equivalent Input Noise Voltage
VNI
f=20Hz~20kHz
-
1
-
µVrms
Equivalent Input Noise Current
INI
f=20Hz~20kHz
-
25
-
pArms
fO=30Hz
-
5.5
-
nV/√Hz
Equivalent Input Noise Voltage
en
fO=1kHz
-
3.3
-
nV/√Hz
fO=30Hz
-
1.5
-
pA/√Hz
Equivalent Input Noise Current
in
fO=1kHz
-
0.4
-
pA/√Hz
Broadband Noise Figure
NF
f=10Hz~20kHz, RS=5kΩ
-
0.9
-
dB
■ ELECTRICAL CHARACTERISTICS (D-rank type(Note1), V+/V-=±15V, Ta=25°C, unless otherwise noted.)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Equivalent Input Noise Voltage
VNI
RIAA, RS=2.2kΩ
-
-
1.4
µVrms
(Note1)D-rank type is a Equivalent Input Noise Voltage selected product.


Similar Part No. - NJM5534M-TE2

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM5534M NJRC-NJM5534M Datasheet
242Kb / 6P
   HIGH PERFORMANCE LOW-NOISE OPERATIONAL AMPLIFIER?
More results

Similar Description - NJM5534M-TE2

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-5101883 INTERSIL-HA-5101883 Datasheet
1Mb / 16P
   Low Noise, High Performance Operational Amplifier
logo
New Japan Radio
NJM5534 NJRC-NJM5534 Datasheet
242Kb / 6P
   HIGH PERFORMANCE LOW-NOISE OPERATIONAL AMPLIFIER?
logo
Fairchild Semiconductor
RC5534AN FAIRCHILD-RC5534AN Datasheet
85Kb / 11P
   High Performance Low Noise Operational Amplifier
logo
Renesas Technology Corp
UPC259 RENESAS-UPC259 Datasheet
619Kb / 9P
   High Performance, Low Noise Dual Operational Amplifier
2019.06.13
logo
New Japan Radio
NJM2114 NJRC-NJM2114 Datasheet
257Kb / 5P
   HIGH PERFORMANCE LOW-NOISE DUAL OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
RC5532 FAIRCHILD-RC5532 Datasheet
62Kb / 8P
   High Performance Dual Low Noise Operational Amplifier
RM5532 FAIRCHILD-RM5532 Datasheet
58Kb / 12P
   High Performance Dual Low Noise Operational Amplifier
logo
Intersil Corporation
HA-5104883 INTERSIL-HA-5104883 Datasheet
98Kb / 5P
   Low Noise, High Performance, Quad Operational Amplifier
logo
New Japan Radio
NJM5532 NJRC-NJM5532 Datasheet
239Kb / 6P
   HIGH PERFORMANCE LOW-NOISE DUAL OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HA-5102883 INTERSIL-HA-5102883 Datasheet
553Kb / 5P
   Dual, Low Noise, High Performance Operational Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com