Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJW1191V-TE1 Datasheet(PDF) 10 Page - New Japan Radio

Part # NJW1191V-TE1
Description  4-channel Electronic Volume with Input Selector
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW1191V-TE1 Datasheet(HTML) 10 Page - New Japan Radio

Back Button NJW1191V-TE1 Datasheet HTML 6Page - New Japan Radio NJW1191V-TE1 Datasheet HTML 7Page - New Japan Radio NJW1191V-TE1 Datasheet HTML 8Page - New Japan Radio NJW1191V-TE1 Datasheet HTML 9Page - New Japan Radio NJW1191V-TE1 Datasheet HTML 10Page - New Japan Radio NJW1191V-TE1 Datasheet HTML 11Page - New Japan Radio NJW1191V-TE1 Datasheet HTML 12Page - New Japan Radio NJW1191V-TE1 Datasheet HTML 13Page - New Japan Radio NJW1191V-TE1 Datasheet HTML 14Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
NJW1191
– 10 –
!DEFINITION OF I
2C REGISTER
♦I2C BUS FORMAT
MSB
LSB
MSB
LSB
MSB
LSB
S
Slave Address
A
Select Address
A
Data
A
P
1bit
8bit
1bit
8bit
1bit
8bit
1bit
1bit
S: Starting Term
A: Acknowledge Bit
P: Ending Term
♦SLAVE ADDRESS
Slave Address
Hex
MSB
LSB
-
1
0
0
0
0
0
0
0
80(h)
♦CONTROL REGISTER TABLE
The select address sets each function (Volume, Loudness, Balance, Fader, Tone Control, Input Selector).
The auto increment function cycles the select address as follows.
00H→01H→02H→03H→04H→00H
<Write Mode>
BIT
Select
Address
D7
D6
D5
D4
D3
D2
D1
D0
00H
Amp Gain
VOL1
01H
VOL2FL (Front Left)
VOL2FR (Front Right)
02H
VOL2RL (Rear Left)
VOL2RR (Rear Right)
03H
BCB
Tone Bass
BCT
Tone Treble
04H
FLMute
FRMute
RLMute
RRMute
Input Selector
Loudness
Test *
♦CONTROL REGISTER DEFAULT VALUE
Control register default value is all “0”.
BIT
Select
Address
D7
D6
D5
D4
D3
D2
D1
D0
00H
0
0
0
0
0
0
0
0
01H
0
0
0
0
0
0
0
0
02H
0
0
0
0
0
0
0
0
03H
0
0
0
0
0
0
0
0
04H
0
0
0
0
0
0
0
0
* Test : Set D0=0 in usually.
(For device check use only)


Similar Part No. - NJW1191V-TE1

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW1191V NJRC-NJW1191V Datasheet
268Kb / 20P
   4-channel Electronic Volume with Input Selector
More results

Similar Description - NJW1191V-TE1

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW1191 NJRC-NJW1191 Datasheet
268Kb / 20P
   4-channel Electronic Volume with Input Selector
NJW1195A NJRC-NJW1195A Datasheet
85Kb / 3P
   4-Channel Electronic Volume with Input Selector
NJW1195 NJRC-NJW1195 Datasheet
87Kb / 3P
   4-Channel Electronic Volume with Input Selector
logo
Renesas Technology Corp
M61524FP RENESAS-M61524FP Datasheet
301Kb / 21P
   2ch ELECTRONIC VOLUME WITH 4 INPUT SELECTOR
R2S15902FP RENESAS-R2S15902FP Datasheet
469Kb / 16P
   6ch Electronic Volume with 4 Input Selector
logo
Hitachi Semiconductor
REJ03F0035_M61524FP HITACHI-REJ03F0035_M61524FP Datasheet
301Kb / 21P
   2ch ELECTRONIC VOLUME WITH 4 INPUT SELECTOR
logo
New Japan Radio
NJW1199 NJRC-NJW1199 Datasheet
55Kb / 4P
   8-CHANNEL ELECTRONIC VOLUME WITH INPUT SELECTOR
NJW1153 NJRC-NJW1153 Datasheet
292Kb / 20P
   6-CHANNEL ELECTRONIC VOLUME WITH INPUT SELECTOR
NJW1157 NJRC-NJW1157 Datasheet
311Kb / 22P
   8-CHANNEL ELECTRONIC VOLUME WITH INPUT SELECTOR
NJW1156 NJRC-NJW1156 Datasheet
195Kb / 13P
   2-CHANNEL ELECTRONIC VOLUME WITH INPUT SELECTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com