Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4909 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 4909
Description  Adjustable RF Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

4909 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  4909 Datasheet HTML 1Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
306 E. Alondra Blvd., Gardena, CA 90247-1059 • (310) 515-1720 • FAX (310) 515-1962
www .jwmiller .com
128
Adjustable RF Inductors
4900 Series
Test
Part
L (uH)
Q
L (uH)
Q
Freq.
Number
Min.
Min.
Max.
Min.
(MHz)
Style
4901-S
0.037
80
0.039
85
80
Shielded
4902-S
0.059
75
0.071
95
75
Shielded
4903-S
0.086
75
0.107
90
75
Shielded
4904-S
0.117
50
0.159
90
50
Shielded
4905-S
0.150
45
0.208
80
45
Shielded
4906-S
0.184
45
0.262
70
45
Shielded
4907-S
0.226
45
0.311
65
45
Shielded
4908-S
0.258
45
0.363
60
45
Shielded
4909-S
0.296
45
0.417
55
45
Shielded
4910-S
0.335
45
0.454
50
45
Shielded
4901
0.041
80
0.050
136
80
Unshielded
4902
0.070
75
0.100
139
75
Unshielded
4903
0.103
75
0.152
133
75
Unshielded
4904
0.148
50
0.252
162
50
Unshielded
4905
0.193
45
0.337
142
45
Unshielded
4906
0.238
45
0.417
122
45
Unshielded
4907
0.286
45
0.508
105
45
Unshielded
4908
0.339
45
0.600
89
45
Unshielded
4909
0.390
45
0.691
76
45
Unshielded
4910
0.460
45
0.788
72
45
Unshielded
Special Features
Precision molded in plastic
Stable electrical characteristics
High Q
Low cost
Fixed lead spacing
Optional shielding can with ground taps
Operating temperature -55 to +105°C
(2 Holes)
0.04 Dia.
(2 Plcs)
0.078x0.040
0.276
0.138
0.276
0.390
0.276
0.276
0.40
0.40
0.157
0.026
0.500-0.562
Pad Layout
-/+0.012
-/+0.012
-/+0.039


Similar Part No. - 4909

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
490 ETC2-490 Datasheet
268Kb / 1P
   ROUND INSTRUMENTATION HANDLES
logo
Oscilent Corporation
490 OSCILENT-490 Datasheet
142Kb / 2P
   PECL Output
logo
Texas Instruments
490-1006-1-ND TI-490-1006-1-ND Datasheet
1Mb / 30P
[Old version datasheet]   LAUNCHXL-F28379D Overview
2016-2019
logo
ON Semiconductor
490-11503-1-ND ONSEMI-490-11503-1-ND Datasheet
5Mb / 30P
   Motor Development Kit (MDK) 4 kW Board with Intelligent Power Module SPM31 650 V
November, 2020 ??Rev. 0
490-11994-1-ND ONSEMI-490-11994-1-ND Datasheet
5Mb / 30P
   Motor Development Kit (MDK) 4 kW Board with Intelligent Power Module SPM31 650 V
November, 2020 ??Rev. 0
More results

Similar Description - 4909

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9106 ETC1-9106 Datasheet
127Kb / 1P
   SHIELDED ADJUSTABLE RF COILS
logo
XFMRS Inc.
XFTH203-1R2J XFMRS-XFTH203-1R2J Datasheet
60Kb / 1P
   RF INDUCTORS
XFSMD203-R33J XFMRS-XFSMD203-R33J Datasheet
60Kb / 1P
   RF INDUCTORS
logo
Frontier Electronics.
KM721N FRONTIER-KM721N_15 Datasheet
133Kb / 1P
   10mm ADJUSTABLE RF COILS (SHIELDED)
KM703N FRONTIER-KM703N_15 Datasheet
134Kb / 1P
   10mm ADJUSTABLE RF COILS (UNSHIELDED)
logo
PCA ELECTRONICS INC.
EP4852 PCA-EP4852 Datasheet
13Kb / 1P
   Subminiature RF Inductors
logo
Coilcraft lnc.
132 COILCRAFT-132 Datasheet
90Kb / 1P
   Fixed RF Inductors
logo
PCA ELECTRONICS INC.
EP48XXA PCA-EP48XXA_15 Datasheet
42Kb / 1P
   Subminiature RF Inductors
logo
Pulse A Technitrol Comp...
WC701 PULSE-WC701 Datasheet
2Mb / 28P
   RF Chip Inductors
logo
Coilcraft lnc.
148 COILCRAFT-148 Datasheet
87Kb / 1P
   Tunable RF Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com