Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FHS130 Datasheet(PDF) 5 Page - First Components International

Part # FHS130
Description  25mA 30V FH130 Hall Effect Latch S ensor On-chip Hall Sensor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

FHS130 Datasheet(HTML) 5 Page - First Components International

  FHS130 Datasheet HTML 1Page - First Components International FHS130 Datasheet HTML 2Page - First Components International FHS130 Datasheet HTML 3Page - First Components International FHS130 Datasheet HTML 4Page - First Components International FHS130 Datasheet HTML 5Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Application Circuit:
Fan Application:
Magnetic detector:
25mA 30V FH130 Hall Effect Latch Sensor


Similar Part No. - FHS130

ManufacturerPart #DatasheetDescription
logo
Faraday Technology
FHS1350F FARADAY-FHS1350F Datasheet
92Kb / 2P
   PRE A-D ANTI-ALIASING FILTER
FHS1350S FARADAY-FHS1350S Datasheet
92Kb / 2P
   POST D-A RECONSTRUCTION FILTER
More results

Similar Description - FHS130

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV5013 TI1-DRV5013_16 Datasheet
1Mb / 28P
[Old version datasheet]   Digital-Latch Hall Effect Sensor
DRV5013 TI1-DRV5013_V01 Datasheet
1Mb / 33P
[Old version datasheet]   Digital-Latch Hall Effect Sensor
logo
First Components Intern...
FH175 FCI-FH175 Datasheet
298Kb / 6P
   25mA FH175 Bipolar Hall Effect Latch Sensor Open collector pre-driver
logo
Asahi Kasei Microsystem...
EM6011 AKM-EM6011 Datasheet
543Kb / 13P
   Hall Effect Latch
EM-6011 AKM-EM-6011 Datasheet
543Kb / 13P
   Hall Effect Latch
logo
Diodes Incorporated
AH1751 DIODES-AH1751_09 Datasheet
143Kb / 9P
   HALL EFFECT LATCH
AH1751 Rev. 4
AH1751 DIODES-AH1751 Datasheet
122Kb / 6P
   HALL EFFECT LATCH
AH1751 Rev. 1 - 2
logo
Texas Instruments
DRV5013 TI-DRV5013_15 Datasheet
966Kb / 27P
[Old version datasheet]   DRV5013 Digital-Latch Hall Effect Sensor
DRV5013-Q1 TI1-DRV5013-Q1_16 Datasheet
1Mb / 28P
[Old version datasheet]   Automotive Digital-Latch Hall Effect Sensor
logo
Hi-Sincerity Mocroelect...
H277 HSMC-H277 Datasheet
278Kb / 7P
   On-chip Hall sensor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com