Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC1411N Datasheet(PDF) 3 Page - Microchip Technology

Part # TC1411N
Description  1A High-Speed MOSFET Drivers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1411N Datasheet(HTML) 3 Page - Microchip Technology

  TC1411N Datasheet HTML 1Page - Microchip Technology TC1411N Datasheet HTML 2Page - Microchip Technology TC1411N Datasheet HTML 3Page - Microchip Technology TC1411N Datasheet HTML 4Page - Microchip Technology TC1411N Datasheet HTML 5Page - Microchip Technology TC1411N Datasheet HTML 6Page - Microchip Technology TC1411N Datasheet HTML 7Page - Microchip Technology TC1411N Datasheet HTML 8Page - Microchip Technology TC1411N Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
 2001-2013 Microchip Technology Inc.
DS20001390E-page 3
TC1411/TC1411N
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings †
Supply Voltage .....................................................+20V
Input Voltage ......................VDD + 0.3V to GND – 5.0V
Power Dissipation (TA ≤ 70°C)
MSOP.......................................................... 340 mW
PDIP ............................................................ 730 mW
SOIC............................................................ 470 mW
Storage Temperature Range.............. -65°C to +150°C
Maximum Junction Temperature...................... +150°C
† Notice: Stresses above those listed under “Absolute
Maximum Ratings” may cause permanent damage to
the device. These are stress ratings only and functional
operation of the device at these or any other conditions
above those indicated in the operation sections of the
specifications is not implied. Exposure to Absolute
Maximum Rating conditions for extended periods may
affect device reliability.
DC CHARACTERISTICS
Electrical Specifications: Unless otherwise noted, over the operating temperature range with 4.5V
≤ VDD ≤ 16V.
Typical values are measured at TA =+25°C, VDD = 16V.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Input
Logic ‘1’, High Input Voltage
VIH
2.0
V
Logic ‘0’, Low Input Voltage
VIL
——
0.8
V
Input Current
IIN
-1.0
1.0
µA
0V
≤ VIN ≤ VDD, TA =+25°C
-10
10
-40°C
≤ TA ≤ +85°C
Output
High Output Voltage
VOH
VDD – 0.025
V
DC Test
Low Output Voltage
VOL
0.025
V
DC Test
Output Resistance
RO
—8
11
Ω
VDD =16V, IO =10mA,
TA = +25°C
—10
14
0°C
≤ TA ≤ +70°C
10
14
-40°C
≤ TA ≤ +85°C
Peak Output Current
IPK
—1.0
A
VDD =16V
Latch-Up Protection
Withstand Reverse Current
IREV
0.5
A
Duty cycle
≤ 2%, t ≤ 300 µs,
VDD =16V
Switching Time (Note 1)
Rise Time
tR
—25
35
ns
TA = +25°C
—27
40
0°C
≤ TA ≤ +70°C
29
40
-40°C
≤ TA ≤ +85°C, Figure 4-1
Fall Time
tF
—25
35
ns
TA = +25°C
—27
40
0°C
≤ TA ≤ +70°C
29
40
-40°C
≤ TA ≤ +85°C, Figure 4-1
Delay Time
tD1
—30
40
ns
TA = +25°C
—33
45
0°C
≤ TA ≤ +70°C
35
45
-40°C
≤ TA ≤ +85°C, Figure 4-1
Delay Time
tD2
—30
40
ns
TA = +25°C
—33
45
0°C
≤ TA ≤ +70°C
35
45
-40°C
≤ TA ≤ +85°C, Figure 4-1
Note 1: Switching times ensured by design.


Similar Part No. - TC1411N

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC1411N TELCOM-TC1411N Datasheet
66Kb / 5P
   1A HIGH-SPEED MOSFET DRIVERS
logo
Microchip Technology
TC1411N MICROCHIP-TC1411N Datasheet
436Kb / 14P
   1A High-Speed MOSFET Drivers
2002
TC1411N MICROCHIP-TC1411N Datasheet
762Kb / 18P
   1A High-Speed MOSFET Drivers
2006
TC1411N MICROCHIP-TC1411N Datasheet
714Kb / 18P
   1A High-Speed MOSFET Drivers
08/29/06
logo
TelCom Semiconductor, I...
TC1411NCOA TELCOM-TC1411NCOA Datasheet
66Kb / 5P
   1A HIGH-SPEED MOSFET DRIVERS
More results

Similar Description - TC1411N

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1411NEOA713 MICROCHIP-TC1411NEOA713 Datasheet
714Kb / 18P
   1A High-Speed MOSFET Drivers
08/29/06
TC1411 MICROCHIP-TC1411 Datasheet
436Kb / 14P
   1A High-Speed MOSFET Drivers
2002
TC1411 MICROCHIP-TC1411_06 Datasheet
762Kb / 18P
   1A High-Speed MOSFET Drivers
2006
logo
TelCom Semiconductor, I...
TC1411 TELCOM-TC1411 Datasheet
66Kb / 5P
   1A HIGH-SPEED MOSFET DRIVERS
logo
ON Semiconductor
NCP4413 ONSEMI-NCP4413 Datasheet
94Kb / 8P
   High-Speed MOSFET Drivers
August, 2002 ??Rev. 1
logo
Calogic, LLC
AS4420 CALOGIC-AS4420_15 Datasheet
443Kb / 6P
   High Speed MOSFET Drivers
CLM4420 CALOGIC-CLM4420 Datasheet
77Kb / 6P
   High Speed MOSFET Drivers
logo
Texas Instruments
TPS2811 TI-TPS2811 Datasheet
663Kb / 31P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIVERS
logo
ON Semiconductor
NCP4420 ONSEMI-NCP4420 Datasheet
78Kb / 8P
   6A High-Speed MOSFET Drivers
June, 2000 ??Rev. 0
logo
Microchip Technology
TC4421 MICROCHIP-TC4421_04 Datasheet
334Kb / 18P
   9A High-Speed MOSFET Drivers
2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com