Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC1411 Datasheet(PDF) 5 Page - Microchip Technology

Part # TC1411
Description  1A High-Speed MOSFET Drivers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1411 Datasheet(HTML) 5 Page - Microchip Technology

  TC1411_13 Datasheet HTML 1Page - Microchip Technology TC1411_13 Datasheet HTML 2Page - Microchip Technology TC1411_13 Datasheet HTML 3Page - Microchip Technology TC1411_13 Datasheet HTML 4Page - Microchip Technology TC1411_13 Datasheet HTML 5Page - Microchip Technology TC1411_13 Datasheet HTML 6Page - Microchip Technology TC1411_13 Datasheet HTML 7Page - Microchip Technology TC1411_13 Datasheet HTML 8Page - Microchip Technology TC1411_13 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
 2001-2013 Microchip Technology Inc.
DS20001390E-page 5
TC1411/TC1411N
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, over operating temperature range with 4.5V
≤ VDD ≤ 16V.
FIGURE 2-1:
Quiescent Supply Current
vs. Supply Voltage.
FIGURE 2-2:
Input Threshold vs. Supply
Voltage.
FIGURE 2-3:
High-State Output
Resistance vs. Supply Voltage.
FIGURE 2-4:
Quiescent Supply Current
vs. Temperature.
FIGURE 2-5:
Input Threshold vs.
Temperature.
FIGURE 2-6:
Low-State Output
Resistance vs. Supply Voltage.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
0
100
200
300
400
500
16
14
12
10
8
6
4
VIN = 3V
VIN = 0V
TA = +25°C
VDD (V)
1.1
1.2
1.3
1.4
1.5
1.6
16
14
12
10
8
6
4
TA = +25°C
VDD (V)
VIH
VIL
VDD (V)
0
5
10
15
20
25
16
14
12
10
8
6
4
TA = -40°C
TA = +25°C
TA = +85°C
-40
-20
0
20
40
60
80
0
100
200
300
400
500
VIN = 3V
VIN = 0V
VSUPPLY = 16V
TEMPERATURE (
°C)
-40
-20
0
20
40
60
80
1.1
1.2
1.3
1.4
1.5
1.6
VSUPPLY = 16V
TEMPERATURE (
°C)
VIH
VIL
VDD (V)
0
5
10
15
20
25
16
14
12
10
8
6
4
TA = -40°C
TA = +25°C
TA = +85°C


Similar Part No. - TC1411_13

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC1411COA TELCOM-TC1411COA Datasheet
66Kb / 5P
   1A HIGH-SPEED MOSFET DRIVERS
logo
Microchip Technology
TC1411COA MICROCHIP-TC1411COA Datasheet
436Kb / 14P
   1A High-Speed MOSFET Drivers
2002
TC1411COA MICROCHIP-TC1411COA Datasheet
714Kb / 18P
   1A High-Speed MOSFET Drivers
08/29/06
logo
TelCom Semiconductor, I...
TC1411CPA TELCOM-TC1411CPA Datasheet
66Kb / 5P
   1A HIGH-SPEED MOSFET DRIVERS
logo
Microchip Technology
TC1411CPA MICROCHIP-TC1411CPA Datasheet
436Kb / 14P
   1A High-Speed MOSFET Drivers
2002
More results

Similar Description - TC1411_13

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1411NEOA713 MICROCHIP-TC1411NEOA713 Datasheet
714Kb / 18P
   1A High-Speed MOSFET Drivers
08/29/06
TC1411 MICROCHIP-TC1411 Datasheet
436Kb / 14P
   1A High-Speed MOSFET Drivers
2002
TC1411 MICROCHIP-TC1411_06 Datasheet
762Kb / 18P
   1A High-Speed MOSFET Drivers
2006
logo
TelCom Semiconductor, I...
TC1411 TELCOM-TC1411 Datasheet
66Kb / 5P
   1A HIGH-SPEED MOSFET DRIVERS
logo
ON Semiconductor
NCP4413 ONSEMI-NCP4413 Datasheet
94Kb / 8P
   High-Speed MOSFET Drivers
August, 2002 ??Rev. 1
logo
Calogic, LLC
AS4420 CALOGIC-AS4420_15 Datasheet
443Kb / 6P
   High Speed MOSFET Drivers
CLM4420 CALOGIC-CLM4420 Datasheet
77Kb / 6P
   High Speed MOSFET Drivers
logo
Texas Instruments
TPS2811 TI-TPS2811 Datasheet
663Kb / 31P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIVERS
logo
ON Semiconductor
NCP4420 ONSEMI-NCP4420 Datasheet
78Kb / 8P
   6A High-Speed MOSFET Drivers
June, 2000 ??Rev. 0
logo
Microchip Technology
TC4421 MICROCHIP-TC4421_04 Datasheet
334Kb / 18P
   9A High-Speed MOSFET Drivers
2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com