Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC1410 Datasheet(PDF) 10 Page - Microchip Technology

Part # TC1410
Description  0.5A High-Speed MOSFET Drivers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1410 Datasheet(HTML) 10 Page - Microchip Technology

Back Button TC1410_13 Datasheet HTML 6Page - Microchip Technology TC1410_13 Datasheet HTML 7Page - Microchip Technology TC1410_13 Datasheet HTML 8Page - Microchip Technology TC1410_13 Datasheet HTML 9Page - Microchip Technology TC1410_13 Datasheet HTML 10Page - Microchip Technology TC1410_13 Datasheet HTML 11Page - Microchip Technology TC1410_13 Datasheet HTML 12Page - Microchip Technology TC1410_13 Datasheet HTML 13Page - Microchip Technology TC1410_13 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
TC1410/TC1410N
DS20001389E-page 10
 2001-2013 Microchip Technology Inc.
8-Lead SOIC (3.90 mm)
Example
NNN
TC1410C
OA^^ 1316
256
3
e
OR
8-Lead MSOP (3x3 mm)
Example
1410E
316256
TC1410
COA1316
256


Similar Part No. - TC1410_13

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC1410COA TELCOM-TC1410COA Datasheet
65Kb / 5P
   0.5A HIGH-SPEED MOSFET DRIVERS
TC1410CPA TELCOM-TC1410CPA Datasheet
65Kb / 5P
   0.5A HIGH-SPEED MOSFET DRIVERS
TC1410EOA TELCOM-TC1410EOA Datasheet
65Kb / 5P
   0.5A HIGH-SPEED MOSFET DRIVERS
TC1410EPA TELCOM-TC1410EPA Datasheet
65Kb / 5P
   0.5A HIGH-SPEED MOSFET DRIVERS
logo
Microchip Technology
TC1410EUA MICROCHIP-TC1410EUA Datasheet
266Kb / 18P
   0.5A High-Speed MOSFET Drivers
11/27/12
More results

Similar Description - TC1410_13

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1410 MICROCHIP-TC1410 Datasheet
311Kb / 16P
   0.5A High-Speed MOSFET Drivers
2003
logo
TelCom Semiconductor, I...
TC1410 TELCOM-TC1410 Datasheet
65Kb / 5P
   0.5A HIGH-SPEED MOSFET DRIVERS
logo
Microchip Technology
TC1410EUA MICROCHIP-TC1410EUA Datasheet
266Kb / 18P
   0.5A High-Speed MOSFET Drivers
11/27/12
logo
ON Semiconductor
NCP4413 ONSEMI-NCP4413 Datasheet
94Kb / 8P
   High-Speed MOSFET Drivers
August, 2002 ??Rev. 1
logo
Calogic, LLC
AS4420 CALOGIC-AS4420_15 Datasheet
443Kb / 6P
   High Speed MOSFET Drivers
CLM4420 CALOGIC-CLM4420 Datasheet
77Kb / 6P
   High Speed MOSFET Drivers
logo
Texas Instruments
TPS2811 TI-TPS2811 Datasheet
663Kb / 31P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIVERS
logo
ON Semiconductor
NCP4420 ONSEMI-NCP4420 Datasheet
78Kb / 8P
   6A High-Speed MOSFET Drivers
June, 2000 ??Rev. 0
logo
Microchip Technology
TC4421 MICROCHIP-TC4421_04 Datasheet
334Kb / 18P
   9A High-Speed MOSFET Drivers
2004
logo
ON Semiconductor
MC34152 ONSEMI-MC34152 Datasheet
151Kb / 12P
   HIGH SPEED DUAL MOSFET DRIVERS
October, 2004 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com