Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX32590 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX32590
Description  DeepCover Secure Microcontroller with ARM926EJ-S Processor Core
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX32590 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX32590 Datasheet HTML 1Page - Maxim Integrated Products MAX32590 Datasheet HTML 2Page - Maxim Integrated Products MAX32590 Datasheet HTML 3Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MAX32590
DeepCover Secure Microcontroller
with ARM926EJ-S Processor Core
24
Maxim Integrated
ABRIDGED DATA SHEET
Additional Documentation
Designers must have the following documents to fully use
all the features of this device. This data sheet contains
pin descriptions, feature overviews, and electrical speci-
fications. Errata sheets contain deviations from published
specifications. User guides contain detailed descriptions
of device features and peripherals from a programming
perspective.
• ThisMAX32590datasheet,whichcontainselectrical/
timing specifications, package information, and pin
descriptions.
• TheMAX32590revision-specificerratasheet.
• TheMAX32590User’sGuide,whichcontainsdetailed
information and programming guidelines for core fea-
tures and peripherals.
Development and Technical
Support
Technical support is available at https://support.
maximintegrated.com/micro.
+Denotes lead(Pb)-free/RoHS-compliant package.
Ordering Information
Package Information
For the latest package outline information and land patterns (foot-
prints), go to www.maximintegrated.com/packages. Note that a
“+”, “#”, or “-” in the package code indicates RoHS status only.
Package drawings may show a different suffix character, but the
drawing pertains to the package regardless of RoHS status.
Note to readers: This document is an abridged version of the full data sheet. To request the full data sheet, go to
www.maximintegrated.com/MAX32590 and click on Request Full Data Sheet.
PART
PACKAGE
JTAG
PRODUCTION
SECURITY
MAX32590-LNS+
324 LFBGA
(15mm x 15mm)
No
Yes
(Debug
disabled)
MAX32590-LNJ+
324 LFBGA
(15mm x 15mm)
Yes
No
(Prototype/
development)
PACKAGE
TYPE
PACKAGE
CODE
OUTLINE
NO.
LAND
PATTERN NO.
324 LFBGA
X32455+1
21-0601
90-0392


Similar Part No. - MAX32590

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX325 MAXIM-MAX325 Datasheet
105Kb / 12P
   Precision, Single-Supply, SPST Analog Switches
19-0347; Rev 1; 10/97
MAX3250 MAXIM-MAX3250 Datasheet
232Kb / 10P
   짹50V Isolated, 3.0V to 5.5V, 250kbps, 2 Tx/2 Rx, RS-232 Transceiver
19-2443; Rev 1; 2/03
MAX3250 MAXIM-MAX3250 Datasheet
186Kb / 10P
   50V Isolated, 3.0V to 5.5V, 250kbps, 2 Tx/2 Rx, RS-232 Transceiver
Rev 3; 9/11
MAX3250 MAXIM-MAX3250 Datasheet
205Kb / 10P
   짹50V Isolated, 3.0V to 5.5V, 250kbps, 2 Tx/2 Rx, RS-232 Transceiver
19-2443; Rev 4; 2/15
MAX3250CAI MAXIM-MAX3250CAI Datasheet
232Kb / 10P
   짹50V Isolated, 3.0V to 5.5V, 250kbps, 2 Tx/2 Rx, RS-232 Transceiver
19-2443; Rev 1; 2/03
More results

Similar Description - MAX32590

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX32550 MAXIM-MAX32550 Datasheet
1Mb / 2P
   DeepCover Secure Cortex-M3 Flash Microcontroller
Rev 7; 12/17
MAXQ1852 MAXIM-MAXQ1852 Datasheet
155Kb / 2P
   Evaluation Kit for DeepCover Secure Microcontroller
Rev 0; 5/13
MAX32561 MAXIM-MAX32561 Datasheet
320Kb / 2P
   DeepCover Secure Arm Cortex-M3 Flash Microcontroller
Rev 1; 10/19
MAXQ1741 MAXIM-MAXQ1741 Datasheet
141Kb / 3P
   DeepCover Secure Microcontroller for Magnetic Card Reading
Rev 0; 12/12
MAX32552 MAXIM-MAX32552 Datasheet
326Kb / 3P
   DeepCover Secure Arm Cortex-M3 Flash Microcontroller
Rev 4; 6/19
MAXQ1851 MAXIM-MAXQ1851 Datasheet
965Kb / 2P
   DeepCover Secure Microcontroller with Fast Wipe Technology and Cryptography
Rev 0; 5/13
MAX32560 MAXIM-MAX32560 Datasheet
348Kb / 2P
   DeepCover Secure Arm Cortex-M3 Flash Microcontroller
Rev 4; 6/19
DS28C36 MAXIM-DS28C36_V01 Datasheet
313Kb / 7P
   DeepCover Secure Authenticator
19-8564; Rev 3; 12/20
DS28E36 MAXIM-DS28E36_V01 Datasheet
447Kb / 17P
   DeepCover Secure Authenticator
19-100170; Rev 3; 3/20
DS2476 MAXIM-DS2476 Datasheet
347Kb / 8P
   DeepCover Secure Coprocessor
Rev 0; 7/16
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com