Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST26VF064BA-104-5I-SO Datasheet(PDF) 5 Page - Microchip Technology

Part # SST26VF064BA-104-5I-SO
Description  3.0V Serial Quad I/O (SQI) Flash Memory
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26VF064BA-104-5I-SO Datasheet(HTML) 5 Page - Microchip Technology

  SST26VF064BA-104-5I-SO Datasheet HTML 1Page - Microchip Technology SST26VF064BA-104-5I-SO Datasheet HTML 2Page - Microchip Technology SST26VF064BA-104-5I-SO Datasheet HTML 3Page - Microchip Technology SST26VF064BA-104-5I-SO Datasheet HTML 4Page - Microchip Technology SST26VF064BA-104-5I-SO Datasheet HTML 5Page - Microchip Technology SST26VF064BA-104-5I-SO Datasheet HTML 6Page - Microchip Technology SST26VF064BA-104-5I-SO Datasheet HTML 7Page - Microchip Technology SST26VF064BA-104-5I-SO Datasheet HTML 8Page - Microchip Technology SST26VF064BA-104-5I-SO Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 76 page
background image
 2013 Microchip Technology Inc.
Advance Information
DS25119C-page 5
SST26VF064B / SST26VF064BA
3.0
MEMORY ORGANIZATION
The SST26VF064B/064BA SQI memory array is orga-
nized in uniform, 4 KByte erasable sectors with the fol-
lowing erasable blocks: eight 8 KByte parameter, two
32 KByte overlay, and 126 64 KByte overlay blocks.
See Figure 3-1.
FIGURE 3-1:
MEMORY MAP
25119 F41.0
Top of Memory Block
8 KByte
8 KByte
8 KByte
8 KByte
32 KByte
64 KByte
64 KByte
64 KByte
32 KByte
8 KByte
8 KByte
8 KByte
8 KByte
Bottom of Memory Block
4 KByte
4 KByte
4 KByte
4 KByte
2 Sectors for 8 KByte blocks
8 Sectors for 32 KByte blocks
16 Sectors for 64 KByte blocks


Similar Part No. - SST26VF064BA-104-5I-SO

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SST26VF064BA-104I/MF MICROCHIP-SST26VF064BA-104I/MF Datasheet
3Mb / 85P
   2.5V/3.0V 64 Mbit Serial Quad I/O (SQI) Flash Memory
07/14/15
SST26VF064BA-104I/MF MICROCHIP-SST26VF064BA-104I/MF Datasheet
1Mb / 90P
   2.5V/3.0V 64-Mbit Serial Quad I/O??(SQI?? Flash Memory
09/14/21
SST26VF064BA-104I/SM MICROCHIP-SST26VF064BA-104I/SM Datasheet
3Mb / 85P
   2.5V/3.0V 64 Mbit Serial Quad I/O (SQI) Flash Memory
07/14/15
SST26VF064BA-104I/SM MICROCHIP-SST26VF064BA-104I/SM Datasheet
1Mb / 90P
   2.5V/3.0V 64-Mbit Serial Quad I/O??(SQI?? Flash Memory
09/14/21
SST26VF064BA-104I/SO MICROCHIP-SST26VF064BA-104I/SO Datasheet
3Mb / 85P
   2.5V/3.0V 64 Mbit Serial Quad I/O (SQI) Flash Memory
07/14/15
More results

Similar Description - SST26VF064BA-104-5I-SO

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST26VF016 SST-SST26VF016_13 Datasheet
386Kb / 39P
   Serial Quad I/O SQI Flash Memory
logo
Microchip Technology
SST26VF040A MICROCHIP-SST26VF040A Datasheet
781Kb / 73P
   2.5V/3.0V 4-Mbit Serial Quad I/O??(SQI?? Flash Memory
02/28/20
logo
Silicon Storage Technol...
SST26VF016 SST-SST26VF016 Datasheet
1Mb / 39P
   Serial Quad I/O (SQI) Flash Memory
logo
Microchip Technology
SST26VF064B MICROCHIP-SST26VF064B_15 Datasheet
3Mb / 85P
   2.5V/3.0V 64 Mbit Serial Quad I/O (SQI) Flash Memory
07/14/15
SST26VF032B MICROCHIP-SST26VF032B Datasheet
927Kb / 77P
   2.5V/3.0V 32 Mbit Serial Quad I/O (SQI) Flash Memory
07/14/15
SST26VF064B MICROCHIP-SST26VF064B_V01 Datasheet
1Mb / 90P
   2.5V/3.0V 64-Mbit Serial Quad I/O??(SQI?? Flash Memory
09/14/21
SST26VF016B MICROCHIP-SST26VF016B Datasheet
2Mb / 77P
   2.5V/3.0V 16 Mbit Serial Quad I/O (SQI) Flash Memory
01/27/15
SST26VF080A MICROCHIP-SST26VF080A Datasheet
792Kb / 72P
   2.5V/3.0V 8-Mbit Serial Quad I/O??(SQI?? Flash Memory
02/28/20
logo
Silicon Storage Technol...
SST26WF032 SST-SST26WF032 Datasheet
1Mb / 36P
   1.8V Serial Quad I/O (SQI) Flash Memory
logo
Microchip Technology
SST26VF020A MICROCHIP-SST26VF020A Datasheet
2Mb / 74P
   2.5V/3.0V 2-Mbit Serial Quad I/O™ (SQI™) Flash Memory
Revision C / October 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com