Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST26VF064B-104-5I-SO Datasheet(PDF) 4 Page - Microchip Technology

Part # SST26VF064B-104-5I-SO
Description  3.0V Serial Quad I/O (SQI) Flash Memory
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26VF064B-104-5I-SO Datasheet(HTML) 4 Page - Microchip Technology

  SST26VF064B-104-5I-SO Datasheet HTML 1Page - Microchip Technology SST26VF064B-104-5I-SO Datasheet HTML 2Page - Microchip Technology SST26VF064B-104-5I-SO Datasheet HTML 3Page - Microchip Technology SST26VF064B-104-5I-SO Datasheet HTML 4Page - Microchip Technology SST26VF064B-104-5I-SO Datasheet HTML 5Page - Microchip Technology SST26VF064B-104-5I-SO Datasheet HTML 6Page - Microchip Technology SST26VF064B-104-5I-SO Datasheet HTML 7Page - Microchip Technology SST26VF064B-104-5I-SO Datasheet HTML 8Page - Microchip Technology SST26VF064B-104-5I-SO Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 76 page
background image
SST26VF064B / SST26VF064BA
DS25119C-page 4
Advance Information
 2013 Microchip Technology Inc.
FIGURE 2-4:
PIN DESCRIPTION FOR 24-BALL TBGA
TABLE 2-1:
PIN DESCRIPTION
Symbol
Pin Name
Functions
SCK
Serial Clock
To provide the timing of the serial interface.
Commands, addresses, or input data are latched on the rising edge of the clock
input, while output data is shifted out on the falling edge of the clock input.
SIO[3:0]
Serial Data
Input/Output
To transfer commands, addresses, or data serially into the device or data out of
the device. Inputs are latched on the rising edge of the serial clock. Data is
shifted out on the falling edge of the serial clock. The Enable Quad I/O (EQIO)
command instruction configures these pins for Quad I/O mode.
SI
Serial Data Input
for SPI mode
To transfer commands, addresses or data serially into the device. Inputs are
latched on the rising edge of the serial clock. SI is the default state after a power
on reset.
SO
Serial Data Output
for SPI mode
To transfer data serially out of the device. Data is shifted out on the falling edge
of the serial clock. SO is the default state after a power on reset.
CE#
Chip Enable
The device is enabled by a high to low transition on CE#. CE# must remain low
for the duration of any command sequence; or in the case of Write operations,
for the command/data input sequence.
WP#
Write Protect
The WP# is used in conjunction with the WPEN and IOC bits in the Configura-
tion register to prohibit write operations to the Block-Protection register. This pin
only works in SPI, single-bit and dual-bit Read mode.
HOLD#
Hold
Temporarily stops serial communication with the SPI Flash memory while the
device is selected. This pin only works in SPI, single-bit and dual-bit Read mode
and must be tied high when not in use.
VDD
Power Supply
To provide power supply voltage.
VSS
Ground
NC
NC
NC
NC
NC
SCK
VSS
VDD
NC
CE#
NC
WP#/
SIO2
NC
S0/
SIO1
SI/
SIO0
HOLD#/
SIO3
NC
NC
NC
NC
NC
NC
NC
NC
AB
C
D
E
F
1
2
3
4
T4D-P1.0
Top View


Similar Part No. - SST26VF064B-104-5I-SO

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SST26VF064B-104I/MF MICROCHIP-SST26VF064B-104I/MF Datasheet
3Mb / 85P
   2.5V/3.0V 64 Mbit Serial Quad I/O (SQI) Flash Memory
07/14/15
SST26VF064B-104I/MF MICROCHIP-SST26VF064B-104I/MF Datasheet
1Mb / 90P
   2.5V/3.0V 64-Mbit Serial Quad I/O??(SQI?? Flash Memory
09/14/21
SST26VF064B-104I/MN MICROCHIP-SST26VF064B-104I/MN Datasheet
3Mb / 85P
   2.5V/3.0V 64 Mbit Serial Quad I/O (SQI) Flash Memory
07/14/15
SST26VF064B-104I/MN MICROCHIP-SST26VF064B-104I/MN Datasheet
1Mb / 90P
   2.5V/3.0V 64-Mbit Serial Quad I/O??(SQI?? Flash Memory
09/14/21
SST26VF064B-104I/SM MICROCHIP-SST26VF064B-104I/SM Datasheet
3Mb / 85P
   2.5V/3.0V 64 Mbit Serial Quad I/O (SQI) Flash Memory
07/14/15
More results

Similar Description - SST26VF064B-104-5I-SO

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST26VF016 SST-SST26VF016_13 Datasheet
386Kb / 39P
   Serial Quad I/O SQI Flash Memory
logo
Microchip Technology
SST26VF040A MICROCHIP-SST26VF040A Datasheet
781Kb / 73P
   2.5V/3.0V 4-Mbit Serial Quad I/O??(SQI?? Flash Memory
02/28/20
logo
Silicon Storage Technol...
SST26VF016 SST-SST26VF016 Datasheet
1Mb / 39P
   Serial Quad I/O (SQI) Flash Memory
logo
Microchip Technology
SST26VF064B MICROCHIP-SST26VF064B_15 Datasheet
3Mb / 85P
   2.5V/3.0V 64 Mbit Serial Quad I/O (SQI) Flash Memory
07/14/15
SST26VF032B MICROCHIP-SST26VF032B Datasheet
927Kb / 77P
   2.5V/3.0V 32 Mbit Serial Quad I/O (SQI) Flash Memory
07/14/15
SST26VF064B MICROCHIP-SST26VF064B_V01 Datasheet
1Mb / 90P
   2.5V/3.0V 64-Mbit Serial Quad I/O??(SQI?? Flash Memory
09/14/21
SST26VF016B MICROCHIP-SST26VF016B Datasheet
2Mb / 77P
   2.5V/3.0V 16 Mbit Serial Quad I/O (SQI) Flash Memory
01/27/15
SST26VF080A MICROCHIP-SST26VF080A Datasheet
792Kb / 72P
   2.5V/3.0V 8-Mbit Serial Quad I/O??(SQI?? Flash Memory
02/28/20
logo
Silicon Storage Technol...
SST26WF032 SST-SST26WF032 Datasheet
1Mb / 36P
   1.8V Serial Quad I/O (SQI) Flash Memory
logo
Microchip Technology
SST26VF020A MICROCHIP-SST26VF020A Datasheet
2Mb / 74P
   2.5V/3.0V 2-Mbit Serial Quad I/O™ (SQI™) Flash Memory
Revision C / October 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com