Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC32MX764F128L Datasheet(PDF) 7 Page - Microchip Technology

Part # PIC32MX764F128L
Description  32-bit Microcontrollers (up to 512 KB Flash and 128 KB SRAM) with Graphics Interface, USB, CAN, and Ethernet
Download  448 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX764F128L Datasheet(HTML) 7 Page - Microchip Technology

Back Button PIC32MX764F128L Datasheet HTML 3Page - Microchip Technology PIC32MX764F128L Datasheet HTML 4Page - Microchip Technology PIC32MX764F128L Datasheet HTML 5Page - Microchip Technology PIC32MX764F128L Datasheet HTML 6Page - Microchip Technology PIC32MX764F128L Datasheet HTML 7Page - Microchip Technology PIC32MX764F128L Datasheet HTML 8Page - Microchip Technology PIC32MX764F128L Datasheet HTML 9Page - Microchip Technology PIC32MX764F128L Datasheet HTML 10Page - Microchip Technology PIC32MX764F128L Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 448 page
background image
 2009-2013 Microchip Technology Inc.
DS60001156H-page 7
PIC32MX5XX/6XX/7XX
Pin Diagrams (Continued)
64-Pin QFN(1)
= Pins are up to 5V tolerant
ETXEN/PMD5/RE5
ETXD0/PMD6/RE6
ETXD1/PMD7/RE7
SCK2/U6TX/U3RTS/PMA5/CN8/RG6
VDD
AN5/C1IN+/VBUSON/CN7/RB5
AN4/C1IN-/CN6/RB4
AN3/C2IN+/CN5/RB3
AN2/C2IN-/CN4/RB2
SDA4/SDI2/U3RX/PMA4/CN9/RG7
SCL4/SDO2/U3TX/PMA3/CN10/RG8
PGEC1/AN1/VREF-/CVREF-/CN3/RB1
PGED1/AN0/VREF+/CVREF+/PMA6/CN2/RB0
SS2/U6RX/U3CTS/PMA2/CN11/RG9
MCLR
VSS
64 63 62 61 60 59 58 57 56 55
3
4
5
7
8
9
10
11
1
2
6
54
14
15
16
12
13
53 52 51 50 49
PIC32MX795F512H
PIC32MX775F256H
PIC32MX775F512H
22 23 24 25 26 27 28 29 30 31
40
39
38
37
36
35
34
33
42
41
32
43
17 18 19 20 21
45
44
47
46
48
SOSCI/CN1/RC13
OC1/INT0/RD0
ECOL/AECRSDV/SCL1/IC3/PMCS2/PMA15/INT3/RD10
AERXD0/ETXD2/SS3/U4RX/U1CTS/SDA1/IC2/INT2/RD9
RTCC/AERXD1/ETXD3/IC1/INT1/RD8
ECRS/AEREFCLK/IC4/PMCS1/PMA14/INT4/RD11
OSC2/CLKO/RC15
OSC1/CLKI/RC12
VDD
D+/RG2
VUSB3V3
VBUS
USBID/RF3
D-/RG3
SOSCO/T1CK/CN0/RC14
Vss
Note 1:
The metal plane at the bottom of the device is not connected to any pins and is recommended to be
connected to VSS externally.


Similar Part No. - PIC32MX764F128L

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC32MX764F128L MICROCHIP-PIC32MX764F128L Datasheet
5Mb / 256P
   High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers
2009-2011
PIC32MX764F128L MICROCHIP-PIC32MX764F128L Datasheet
5Mb / 256P
   High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers
05/02/11
More results

Similar Description - PIC32MX764F128L

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC32MX330 MICROCHIP-PIC32MX330 Datasheet
12Mb / 344P
   32-bit Microcontrollers (up to 512 KB Flash and 128 KB SRAM) with Audio/Graphics/Touch (HMI), USB, and Advanced Analog
11/29/12 2012-2013
PIC32MX150F128B-I MICROCHIP-PIC32MX150F128B-I Datasheet
6Mb / 320P
   32-bit Microcontrollers (up to 128 KB Flash and 32 KB SRAM) with Audio and Graphics Interfaces, USB, and Advanced Analog
11/29/11
PIC32MX120F032B-I-SS MICROCHIP-PIC32MX120F032B-I-SS Datasheet
6Mb / 328P
   32-bit Microcontrollers (up to 128 KB Flash and 32 KB SRAM) with Audio and Graphics Interfaces, USB, and Advanced Analog
11/29/11
PIC32MX1XX MICROCHIP-PIC32MX1XX_12 Datasheet
6Mb / 328P
   32-bit Microcontrollers (up to 128 KB Flash and 32 KB SRAM) with Audio and Graphics Interfaces, USB, and Advanced Analog
11/29/11
PIC32MX1XX MICROCHIP-PIC32MX1XX Datasheet
6Mb / 320P
   32-bit Microcontrollers (up to 128 KB Flash and 32 KB SRAM) with Audio and Graphics Interfaces, USB, and Advanced Analog
2011-2012
PIC32MX220F032B-ISS MICROCHIP-PIC32MX220F032B-ISS Datasheet
6Mb / 330P
   32-bit Microcontrollers (up to 256 KB Flash and 64 KB SRAM) with Audio and Graphics Interfaces, USB, and Advanced Analog
10/28/13
PIC24FJ16MC101 MICROCHIP-PIC24FJ16MC101_12 Datasheet
5Mb / 350P
   16-bit Microcontrollers (up to 32 KB Flash and 2 KB SRAM)
11/29/11
logo
NXP Semiconductors
MKL28Z512VXX7 NXP-MKL28Z512VXX7 Datasheet
1Mb / 83P
   Kinetis KL28Zxxx with 512 KB Flash and 128 KB SRAM
Rev. 3, 09/2020
LPC1769 NXP-LPC1769_11 Datasheet
762Kb / 79P
   32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash and 64 kB SRAM with Ethernet
Rev. 7-5 April 2011
logo
Microchip Technology
PIC24HJ32GP202 MICROCHIP-PIC24HJ32GP202_12 Datasheet
4Mb / 290P
   16-bit Microcontrollers (up to 32 KB Flash and 2 KB SRAM) with Advanced Analog
11/29/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com