Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFPIC12F675 Datasheet(PDF) 3 Page - Microchip Technology

Part # RFPIC12F675
Description  FLASH-Based Microcontroller with ASK/FSK Transmitter
Download  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RFPIC12F675 Datasheet(HTML) 3 Page - Microchip Technology

  RFPIC12F675 Datasheet HTML 1Page - Microchip Technology RFPIC12F675 Datasheet HTML 2Page - Microchip Technology RFPIC12F675 Datasheet HTML 3Page - Microchip Technology RFPIC12F675 Datasheet HTML 4Page - Microchip Technology RFPIC12F675 Datasheet HTML 5Page - Microchip Technology RFPIC12F675 Datasheet HTML 6Page - Microchip Technology RFPIC12F675 Datasheet HTML 7Page - Microchip Technology RFPIC12F675 Datasheet HTML 8Page - Microchip Technology RFPIC12F675 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 136 page
background image
 2003-2013 Microchip Technology Inc.
Preliminary
DS70091B-page 3
rfPIC12F675
1.0
DEVICE OVERVIEW
This document contains device specific information for
the rfPIC12F675. Additional information may be found
in the PICmicroTM Mid-Range Reference Manual
(DS33023), which may be obtained from your local
Microchip Sales Representative or downloaded from
the Microchip web site. The Reference Manual should
be considered a complementary document to this Data
Sheet, and is highly recommended reading for a better
understanding of the device architecture and operation
of the peripheral modules.
The rfPIC12F675 comes in a 20-pin SSOP package.
Figure 1-1 shows a block diagram of the rfPIC12F675
device. Table 1-1 shows the pinout description.
FIGURE 1-1:
rfPIC12F675 BLOCK DIAGRAM
FLASH
Program
Memory
1K x 14
13
Data Bus
8
14
Program
Bus
Instruction Reg
Program Counter
8-Level Stack
(13-bit)
RAM
File
Registers
64 x 8
Direct Addr
7
Addr(1)
9
Addr MUX
Indirect
Addr
FSR Reg
STATUS Reg
MUX
ALU
W Reg
Power-up
Timer
Oscillator
Start-up Timer
Power-on
Reset
Watchdog
Timer
Instruction
Decode &
Control
OSC1/CLKIN
OSC2/CLKOUT
VDD, VSS
8
8
Brown-out
Detect
8
3
Timing
Generation
GP5/T1CKI/OSC1/CLKIN
Internal
4 MHz
RAM
GP4/AN3/T1G/OSC2/CLKOUT
GP3/MCLR/VPP
GP2/AN2/T0CKI/INT/COUT
GP1/AN1/CIN-/VREF
GP0/AN0/CIN+
Oscillator
Note 1: Higher order bits are from STATUS register.
Analog
Timer0
Timer1
DATA
EEPROM
128 bytes
EEDATA
EEADDR
Comparator
Analog to Digital Converter
AN0 AN1 AN2 AN3
CIN- CIN+ COUT
T0CKI
T1CKI
VREF
and reference
T1G
8
Clock
Divider
Voltage
Controlled
Oscillator
RF Power
Amplifier
Crystal
Oscillator
Phase/Freq
Detector
Charge
Pump
FSK Switch
REFCLK
RF
Control
Logic
FSKOUT
VDDRF
VSSRF
VSSRF
RFEN
ANT
LF
RFXTAL
PS
DATAASK
Divide
by 32
DATAFSK


Similar Part No. - RFPIC12F675

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
RFPIC12F675 MICROCHIP-RFPIC12F675 Datasheet
2Mb / 136P
   20-Pin FLASH-Based 8-Bit CMOS Microcontroller with UHF ASK/FSK Transmitter
2003
RFPIC12F675F MICROCHIP-RFPIC12F675F Datasheet
2Mb / 136P
   20-Pin FLASH-Based 8-Bit CMOS Microcontroller with UHF ASK/FSK Transmitter
2003
RFPIC12F675H MICROCHIP-RFPIC12F675H Datasheet
2Mb / 136P
   20-Pin FLASH-Based 8-Bit CMOS Microcontroller with UHF ASK/FSK Transmitter
2003
RFPIC12F675K MICROCHIP-RFPIC12F675K Datasheet
2Mb / 136P
   20-Pin FLASH-Based 8-Bit CMOS Microcontroller with UHF ASK/FSK Transmitter
2003
More results

Similar Description - RFPIC12F675

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATAR862-4 ATMEL-ATAR862-4 Datasheet
1Mb / 106P
   Microcontroller with UHF ASK/FSK Transmitter
ATAR862-8 ATMEL-ATAR862-8 Datasheet
1Mb / 106P
   Microcontroller with UHF ASK/FSK Transmitter
ATAR862-4 ATMEL-ATAR862-4_06 Datasheet
1Mb / 112P
   Microcontroller with UHF ASK/FSK Transmitter
T48C862-R4 ATMEL-T48C862-R4 Datasheet
998Kb / 107P
   Microcontroller with UHF ASK/FSK Transmitter
ATA5771 ATMEL-ATA5771 Datasheet
5Mb / 284P
   Microcontroller with UHF ASK/FSK Transmitter
ATA8741 ATMEL-ATA8741 Datasheet
3Mb / 238P
   Microcontroller with UHF ASK/FSK Transmitter
ATAM862-3 ATMEL-ATAM862-3 Datasheet
1Mb / 110P
   Microcontroller with UHF ASK/FSK Transmitter
ATA8743 ATMEL-ATA8743_14 Datasheet
6Mb / 215P
   Microcontroller with UHF ASK/FSK Transmitter
T48C862-R3 ATMEL-T48C862-R3 Datasheet
1Mb / 107P
   Microcontroller with UHF ASK/FSK Transmitter
ATAM862-8 ATMEL-ATAM862-8 Datasheet
1Mb / 107P
   Microcontroller with UHF ASK/FSK Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com