Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC32MX430F064L Datasheet(PDF) 1 Page - Microchip Technology

Part # PIC32MX430F064L
Description  32-bit Microcontrollers (up to 512 KB Flash and 128 KB SRAM) with Audio/Graphics/Touch (HMI), USB, and Advanced Analog
Download  344 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX430F064L Datasheet(HTML) 1 Page - Microchip Technology

  PIC32MX430F064L Datasheet HTML 1Page - Microchip Technology PIC32MX430F064L Datasheet HTML 2Page - Microchip Technology PIC32MX430F064L Datasheet HTML 3Page - Microchip Technology PIC32MX430F064L Datasheet HTML 4Page - Microchip Technology PIC32MX430F064L Datasheet HTML 5Page - Microchip Technology PIC32MX430F064L Datasheet HTML 6Page - Microchip Technology PIC32MX430F064L Datasheet HTML 7Page - Microchip Technology PIC32MX430F064L Datasheet HTML 8Page - Microchip Technology PIC32MX430F064L Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 344 page
background image
 2012-2013 Microchip Technology Inc.
Preliminary
DS60001185B-page 1
PIC32MX330/350/370/430/450/470
Operating Conditions
• 2.3V to 3.6V, -40ºC to +105ºC, DC to 80 MHz
Core: 80 MHz/105 DMIPS MIPS32® M4K®
• MIPS16e® mode for up to 40% smaller code size
• Code-efficient (C and Assembly) architecture
• Single-cycle (MAC) 32x16 and two-cycle 32x32 multiply
Clock Management
• 0.9% internal oscillator
• Programmable PLLs and oscillator clock sources
• Fail-Safe Clock Monitor (FSCM)
• Independent Watchdog Timer
• Fast wake-up and start-up
Power Management
• Low-power management modes (Sleep and Idle)
• Integrated Power-on Reset, Brown-out Reset, and High
Voltage Detect
• 0.5 mA/MHz dynamic current (typical)
•40 μA IPD current (typical)
Audio/Graphics/Touch HMI Features
• External graphics interface with up to 34 PMP pins
• Audio data communication: I2S, LJ, RJ, USB
• Audio data control interface: SPI and I2C™
• Audio data master clock:
- Generation of fractional clock frequencies
- Can be synchronized with USB clock
- Can be tuned in run-time
• Charge Time Measurement Unit (CTMU):
- Supports mTouch™ capacitive touch sensing
- Provides high-resolution time measurement (1 ns)
Advanced Analog Features
• ADC Module:
- 10-bit 1 Msps rate with one Sample and Hold (S&H)
- Up to 28 analog inputs
- Can operate during Sleep mode
• Flexible and independent ADC trigger sources
• On-chip temperature measurement capability
• Comparators:
- Two dual-input Comparator modules
- Programmable references with 32 voltage points
Timers/Output Compare/Input Capture
• Five General Purpose Timers:
- Five 16-bit and up to two 32-bit Timers/Counters
• Five Output Compare (OC) modules
• Five Input Capture (IC) modules
• Peripheral Pin Select (PPS) to allow function remap
• Real-Time Clock and Calendar (RTCC) module
Communication Interfaces
• USB 2.0-compliant Full-speed OTG controller
• Up to five UART modules (20 Mbps):
- Supports LIN 1.2 protocols and IrDA® support
• Two 4-wire SPI modules (25 Mbps)
•Two I2C modules (up to 1 Mbaud) with SMBus support
• PPS to allow function remap
• Parallel Master Port (PMP)
Direct Memory Access (DMA)
• Four channels of hardware DMA with automatic data
size detection
• 32-bit Programmable Cyclic Redundancy Check (CRC)
• Two additional channels dedicated to USB
Input/Output
• 15 mA or 12 mA source/sink for standard VOH/VOL and
up to 22 mA for non-standard VOH1
• 5V-tolerant pins
• Selectable open drain, pull-ups, and pull-downs
• External interrupts on all I/O pins
Qualification and Class B Support
• AEC-Q100 REVG (Grade 2 -40ºC to +105ºC) planned
• Class B Safety Library, IEC 60730
Debugger Development Support
• In-circuit and in-application programming
•4-wire MIPS® Enhanced JTAG interface
• Unlimited program and six complex data breakpoints
• IEEE 1149.2-compatible (JTAG) boundary scan
Packages
Type
QFN
TQFP
VTLA
Pin Count
64
64
100
100
124
I/O Pins (up to)
53
53
85
85
85
Contact/Lead Pitch
0.50
0.50
0.40
0.50
0.50
Dimensions
9x9x0.9
10x10x1
12x12x1
14x14x1
9x9x0.9
Note:
All dimensions are in millimeters (mm) unless specified.
32-bit Microcontrollers (up to 512 KB Flash and 128 KB SRAM)
with Audio/Graphics/Touch (HMI), USB, and Advanced Analog


Similar Part No. - PIC32MX430F064L

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC32MX420F032H MICROCHIP-PIC32MX420F032H Datasheet
4Mb / 214P
   High-Performance, General Purpose and USB, 32-bit Flash Microcontrollers
2011
PIC32MX420F032H MICROCHIP-PIC32MX420F032H Datasheet
5Mb / 646P
   64/100-Pin General Purpose and USB 32-Bit Flash Microcontrollers
01/02/08
PIC32MX420F032H MICROCHIP-PIC32MX420F032H Datasheet
5Mb / 646P
   64/100-Pin General Purpose and USB 32-Bit Flash Microcontrollers
01/02/08
PIC32MX440F128H MICROCHIP-PIC32MX440F128H Datasheet
4Mb / 214P
   High-Performance, General Purpose and USB, 32-bit Flash Microcontrollers
2011
PIC32MX440F128H MICROCHIP-PIC32MX440F128H Datasheet
5Mb / 646P
   64/100-Pin General Purpose and USB 32-Bit Flash Microcontrollers
01/02/08
More results

Similar Description - PIC32MX430F064L

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC32MX150F128B-I MICROCHIP-PIC32MX150F128B-I Datasheet
6Mb / 320P
   32-bit Microcontrollers (up to 128 KB Flash and 32 KB SRAM) with Audio and Graphics Interfaces, USB, and Advanced Analog
11/29/11
PIC32MX120F032B-I-SS MICROCHIP-PIC32MX120F032B-I-SS Datasheet
6Mb / 328P
   32-bit Microcontrollers (up to 128 KB Flash and 32 KB SRAM) with Audio and Graphics Interfaces, USB, and Advanced Analog
11/29/11
PIC32MX1XX MICROCHIP-PIC32MX1XX_12 Datasheet
6Mb / 328P
   32-bit Microcontrollers (up to 128 KB Flash and 32 KB SRAM) with Audio and Graphics Interfaces, USB, and Advanced Analog
11/29/11
PIC32MX1XX MICROCHIP-PIC32MX1XX Datasheet
6Mb / 320P
   32-bit Microcontrollers (up to 128 KB Flash and 32 KB SRAM) with Audio and Graphics Interfaces, USB, and Advanced Analog
2011-2012
PIC32MX5XX MICROCHIP-PIC32MX5XX_13 Datasheet
8Mb / 448P
   32-bit Microcontrollers (up to 512 KB Flash and 128 KB SRAM) with Graphics Interface, USB, CAN, and Ethernet
11/29/12 2009-2013
PIC32MX220F032B-ISS MICROCHIP-PIC32MX220F032B-ISS Datasheet
6Mb / 330P
   32-bit Microcontrollers (up to 256 KB Flash and 64 KB SRAM) with Audio and Graphics Interfaces, USB, and Advanced Analog
10/28/13
PIC24HJ32GP202 MICROCHIP-PIC24HJ32GP202_12 Datasheet
4Mb / 290P
   16-bit Microcontrollers (up to 32 KB Flash and 2 KB SRAM) with Advanced Analog
11/29/11
PIC24HJ32GP302 MICROCHIP-PIC24HJ32GP302_12 Datasheet
5Mb / 390P
   16-bit Microcontrollers (up to 128 KB Flash and 8K SRAM) with Advanced Analog
11/29/11
PIC24HJXXXGPX06A MICROCHIP-PIC24HJXXXGPX06A_12 Datasheet
5Mb / 326P
   16-bit Microcontrollers (up to 256 KB Flash and 16 KB SRAM) with Advanced Analog
11/29/11
PIC24FJ16MC101 MICROCHIP-PIC24FJ16MC101_12 Datasheet
5Mb / 350P
   16-bit Microcontrollers (up to 32 KB Flash and 2 KB SRAM)
11/29/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com