Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RE46C311 Datasheet(PDF) 2 Page - Microchip Technology

Part # RE46C311
Description  Low-Input Leakage, Rail-to-Rail Input/Output Op Amps
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RE46C311 Datasheet(HTML) 2 Page - Microchip Technology

  RE46C311 Datasheet HTML 1Page - Microchip Technology RE46C311 Datasheet HTML 2Page - Microchip Technology RE46C311 Datasheet HTML 3Page - Microchip Technology RE46C311 Datasheet HTML 4Page - Microchip Technology RE46C311 Datasheet HTML 5Page - Microchip Technology RE46C311 Datasheet HTML 6Page - Microchip Technology RE46C311 Datasheet HTML 7Page - Microchip Technology RE46C311 Datasheet HTML 8Page - Microchip Technology RE46C311 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
RE46C311/2
DS25163A-page 2
 2013 Microchip Technology Inc.
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings †
VDD –VSS ........................................................................6.0V
Current at Input Pins .....................................................±2 mA
All Inputs and Outputs .................... VSS – 0.3V to VDD +0.3V
Difference Input voltage ...................................... |VDD –VSS|
Output Short Circuit Current ..................................continuous
Current at Output and Supply Pins ............................±30 mA
Storage Temperature.................................... –65°C to +150°C
Junction Temperature.................................................. +150°C
ESD protection on all pins (HBM; MM)
 4 kV; 400V
† Notice: Stresses above those listed under “Absolute
Maximum Ratings” may cause permanent damage to
the device. This is a stress rating only and functional
operation of the device at those or any other conditions
above those indicated in the operational listings of this
specification is not implied. Exposure to maximum rat-
ing conditions for extended periods may affect device
reliability.
†† See Section 4.1, Rail-to-Rail Input.
DC ELECTRICAL CHARACTERISTICS
Electrical Characteristics: Unless otherwise indicated, VDD = +1.8V to +5.5V, VSS = GND, TA = +25°C,
VCM =VDD/2, VOUT  VDD/2, VL =VDD/2, and RL = 1 M to VL (refer to Figure 1-1 and Figure 1-2).
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Input Offset
Input Offset Voltage
VOS
-3
+3
mV
Drift with Temperature
V
OS/TA
—±2
µV/°C
TA= -10°C to +60°C
Power Supply Rejection
PSRR
70
76
dB
VCM = VSS
Input Leakage Current and Impedance
Input Leakage Current
IL1
-0.75
0.75
pA
Non Inverting Input only,
VIN =VDD or VSS
—3.5
6
TA = +60°C
Input Leakage Current
IL2
-100
100
nA
Inverting input only
Common Mode
Input Impedance
ZCM
—1013||6
||pF
Differential Input Impedance
ZDIFF
—1013||6
||pF
Common Mode
Common-Mode Input Range
VCMR
VSS
—VDD
V
Common-Mode
Rejection Ratio
CMRR
62
86
dB
VDD = 5V, VCM = 0V to 5.0V
Open-Loop Gain
DC Open-Loop Gain
(large signal)
AOL
85
115
dB
RL = 50 k to VL,
VOUT = 0.1V to VDD-0.1V
Output
Maximum Output
Voltage Swing
VOL, VOH
VSS +10
VDD -10
mV
RL = 50 k to VL,
0.5V input overdrive
Output Short Circuit Current
ISC
—5
mA
VDD = 1.8V
—27
mA
VDD = 5.5V
Power Supply
Supply Voltage
VDD
1.8
5.5
V
Quiescent Current
per Amplifier
IQ
0.3
0.6
1.0
µA
IO = 0


Similar Part No. - RE46C311

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
RE46C317 MICROCHIP-RE46C317 Datasheet
577Kb / 22P
   Piezoelectric Horn Driver with Boost Converter
11/29/12 2012-2013
RE46C318 MICROCHIP-RE46C318 Datasheet
577Kb / 22P
   Piezoelectric Horn Driver with Boost Converter
11/29/12 2012-2013
More results

Similar Description - RE46C311

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL5220C ELANTEC-EL5220C Datasheet
275Kb / 13P
   12MHz Rail-to-Rail Input-Output Op Amps
logo
Renesas Technology Corp
EL5120 RENESAS-EL5120 Datasheet
938Kb / 21P
   12MHz Rail-to-Rail Input-Output Op Amps
logo
Intersil Corporation
EL5111_0705 INTERSIL-EL5111_0705 Datasheet
494Kb / 18P
   60MHz Rail-to-Rail Input-Output Op Amps
logo
Elantec Semiconductor
EL5210C ELANTEC-EL5210C Datasheet
329Kb / 14P
   30MHz Rail-to-Rail Input-Output Op Amps
logo
Intersil Corporation
EL5120IWT-T7 INTERSIL-EL5120IWT-T7 Datasheet
494Kb / 21P
   12MHz Rail-to-Rail Input-Output Op Amps
October 15, 2015
logo
Renesas Technology Corp
EL5111 RENESAS-EL5111 Datasheet
857Kb / 19P
   60MHz Rail-to-Rail Input-Output Op Amps
logo
Intersil Corporation
EL5111 INTERSIL-EL5111_07 Datasheet
493Kb / 18P
   60MHz Rail-to-Rail Input-Output Op Amps
EL5210 INTERSIL-EL5210_07 Datasheet
302Kb / 16P
   30MHz Rail-to-Rail Input-Output Op Amps
EL5210 INTERSIL-EL5210 Datasheet
216Kb / 13P
   30MHz Rail-to-Rail Input-Output Op Amps
EL5111 INTERSIL-EL5111 Datasheet
653Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com