Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC32MX534F064L Datasheet(PDF) 3 Page - Microchip Technology

Part # PIC32MX534F064L
Description  32-bit Microcontrollers (up to 512 KB Flash and 128 KB SRAM) with Graphics Interface, USB, CAN, and Ethernet
Download  448 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX534F064L Datasheet(HTML) 3 Page - Microchip Technology

  PIC32MX534F064L Datasheet HTML 1Page - Microchip Technology PIC32MX534F064L Datasheet HTML 2Page - Microchip Technology PIC32MX534F064L Datasheet HTML 3Page - Microchip Technology PIC32MX534F064L Datasheet HTML 4Page - Microchip Technology PIC32MX534F064L Datasheet HTML 5Page - Microchip Technology PIC32MX534F064L Datasheet HTML 6Page - Microchip Technology PIC32MX534F064L Datasheet HTML 7Page - Microchip Technology PIC32MX534F064L Datasheet HTML 8Page - Microchip Technology PIC32MX534F064L Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 448 page
background image
 2009-2013 Microchip Technology Inc.
DS60001156H-page 3
PIC32MX5XX/6XX/7XX
TABLE 2:
PIC32 USB AND ETHERNET – FEATURES
USB and Ethernet
PIC32MX664F064H
64
64 + 12(1)
32
1
1
5/5/5
4/4
6
3
4
16
2
Yes
Yes
No
PT,
MR
PIC32MX664F128H
64
128 + 12(1)
32
1
1
5/5/5
4/4
6
3
4
16
2
Yes
Yes
No
PT,
MR
PIC32MX675F256H
64
256 + 12(1)
64
1
1
5/5/5
8/4
6
3
4
16
2
Yes
Yes
No
PT,
MR
PIC32MX675F512H
64
512 + 12(1)
64
1
1
5/5/5
8/4
6
3
4
16
2
Yes
Yes
No
PT,
MR
PIC32MX695F512H
64
512 + 12(1)
128
1
1
5/5/5
8/4
6
3
4
16
2
Yes
Yes
No
PT,
MR
PIC32MX664F064L
100
64 + 12(1)
32
1
1
5/5/5
4/4
6
4
5
16
2
Yes
Yes
Yes
PT, PF,
BG
PIC32MX664F128L
100
128 + 12(1)
32
1
1
5/5/5
4/4
6
4
5
16
2
Yes
Yes
Yes
PT, PF,
BG
PIC32MX675F256L
100
256 + 12(1)
64
1
1
5/5/5
8/4
6
4
5
16
2
Yes
Yes
Yes
PT, PF,
BG
PIC32MX675F512L
100
512 + 12(1)
64
1
1
5/5/5
8/4
6
4
5
16
2
Yes
Yes
Yes
PT, PF,
BG, TL
PIC32MX695F512L
100
512 + 12(1)
128
1
1
5/5/5
8/4
6
4
5
16
2
Yes
Yes
Yes
PT, PF,
BG, TL
Legend:
PF, PT = TQFP
MR = QFN
BG = TFBGA
TL = VTLA(5)
Note
1:
This device features 12 KB boot Flash memory.
2:
CTS and RTS pins may not be available for all UART modules. Refer to the “Pin Diagrams” section for more
information.
3:
Some pins between the UART, SPI and I2C modules may be shared. Refer to the “Pin Diagrams” section for more
information.
4:
Refer to Section33.0 “Packaging Information” for more information.
5:
100-pin devices other than those listed here are available in the VTLA package upon request. Please contact your local
Microchip Sales Office for details.


Similar Part No. - PIC32MX534F064L

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC32MX534F064L MICROCHIP-PIC32MX534F064L Datasheet
5Mb / 256P
   High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers
2009-2011
PIC32MX534F064L MICROCHIP-PIC32MX534F064L Datasheet
5Mb / 256P
   High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers
05/02/11
More results

Similar Description - PIC32MX534F064L

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC32MX330 MICROCHIP-PIC32MX330 Datasheet
12Mb / 344P
   32-bit Microcontrollers (up to 512 KB Flash and 128 KB SRAM) with Audio/Graphics/Touch (HMI), USB, and Advanced Analog
11/29/12 2012-2013
PIC32MX150F128B-I MICROCHIP-PIC32MX150F128B-I Datasheet
6Mb / 320P
   32-bit Microcontrollers (up to 128 KB Flash and 32 KB SRAM) with Audio and Graphics Interfaces, USB, and Advanced Analog
11/29/11
PIC32MX120F032B-I-SS MICROCHIP-PIC32MX120F032B-I-SS Datasheet
6Mb / 328P
   32-bit Microcontrollers (up to 128 KB Flash and 32 KB SRAM) with Audio and Graphics Interfaces, USB, and Advanced Analog
11/29/11
PIC32MX1XX MICROCHIP-PIC32MX1XX_12 Datasheet
6Mb / 328P
   32-bit Microcontrollers (up to 128 KB Flash and 32 KB SRAM) with Audio and Graphics Interfaces, USB, and Advanced Analog
11/29/11
PIC32MX1XX MICROCHIP-PIC32MX1XX Datasheet
6Mb / 320P
   32-bit Microcontrollers (up to 128 KB Flash and 32 KB SRAM) with Audio and Graphics Interfaces, USB, and Advanced Analog
2011-2012
PIC32MX220F032B-ISS MICROCHIP-PIC32MX220F032B-ISS Datasheet
6Mb / 330P
   32-bit Microcontrollers (up to 256 KB Flash and 64 KB SRAM) with Audio and Graphics Interfaces, USB, and Advanced Analog
10/28/13
PIC24FJ16MC101 MICROCHIP-PIC24FJ16MC101_12 Datasheet
5Mb / 350P
   16-bit Microcontrollers (up to 32 KB Flash and 2 KB SRAM)
11/29/11
logo
NXP Semiconductors
MKL28Z512VXX7 NXP-MKL28Z512VXX7 Datasheet
1Mb / 83P
   Kinetis KL28Zxxx with 512 KB Flash and 128 KB SRAM
Rev. 3, 09/2020
LPC1769 NXP-LPC1769_11 Datasheet
762Kb / 79P
   32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash and 64 kB SRAM with Ethernet
Rev. 7-5 April 2011
logo
Microchip Technology
PIC24HJ32GP202 MICROCHIP-PIC24HJ32GP202_12 Datasheet
4Mb / 290P
   16-bit Microcontrollers (up to 32 KB Flash and 2 KB SRAM) with Advanced Analog
11/29/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com