Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC32MX330F064L Datasheet(PDF) 9 Page - Microchip Technology

Part # PIC32MX330F064L
Description  32-bit Microcontrollers (up to 512 KB Flash and 128 KB SRAM) with Audio/Graphics/Touch (HMI), USB, and Advanced Analog
Download  344 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX330F064L Datasheet(HTML) 9 Page - Microchip Technology

Back Button PIC32MX330F064L Datasheet HTML 5Page - Microchip Technology PIC32MX330F064L Datasheet HTML 6Page - Microchip Technology PIC32MX330F064L Datasheet HTML 7Page - Microchip Technology PIC32MX330F064L Datasheet HTML 8Page - Microchip Technology PIC32MX330F064L Datasheet HTML 9Page - Microchip Technology PIC32MX330F064L Datasheet HTML 10Page - Microchip Technology PIC32MX330F064L Datasheet HTML 11Page - Microchip Technology PIC32MX330F064L Datasheet HTML 12Page - Microchip Technology PIC32MX330F064L Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 344 page
background image
 2012-2013 Microchip Technology Inc.
Preliminary
DS60001185B-page 9
PIC32MX330/350/370/430/450/470
Pin Diagrams (Continued)
124-Pin VTLA(1)
= Pins are up to 5V tolerant
Note 1:
See Table 2 for the full list of pin names.
A68
A67
A66
A65
A64
A63
A62
A61
A60
A59
A58
A57
A56
A55
A54
A53
A52
A51
A1
B56
B55
B54
B53
B52
B51
B50
B49
B48
B47
B46
B45
B44
B43
B42
A50
A2
B1
A49
A16
B14
B15
B16
B17
B18
B19
B20
B21
B22
B23
B24
B25
B26
B27
B28
A35
A17
A18
A19
A20
A21
A22
A23
A24
A25
A26
A27
A28
A29
A30
A31
A32
A33
A34
A3
B2
B41
A48
A4
B3
B40
A47
A5
B4
B39
A46
A6
B5
B38
A45
A7
B6
B37
A44
A8
B7
B36
A43
A10
B9
B34
A41
A11
B10
B33
A40
A12
B11
B32
A39
A13
B12
B31
A38
A14
B13
B30
A37
A15
B29
A36
A9
B8
B35
A42
PIC32MX330F064L
PIC32MX350F128L
B32
B31
B30
PIC32MX350F256L
PIC32MX370F512L


Similar Part No. - PIC32MX330F064L

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC32MX320F032H MICROCHIP-PIC32MX320F032H Datasheet
3Mb / 172P
   64/100-Pin General Purpose and USB 32-Bit Flash Microcontrollers
2009
PIC32MX320F032H MICROCHIP-PIC32MX320F032H Datasheet
4Mb / 214P
   High-Performance, General Purpose and USB, 32-bit Flash Microcontrollers
2011
PIC32MX320F032H MICROCHIP-PIC32MX320F032H Datasheet
5Mb / 646P
   64/100-Pin General Purpose and USB 32-Bit Flash Microcontrollers
01/02/08
PIC32MX320F032H MICROCHIP-PIC32MX320F032H Datasheet
5Mb / 646P
   64/100-Pin General Purpose and USB 32-Bit Flash Microcontrollers
01/02/08
PIC32MX320F032H-40I MICROCHIP-PIC32MX320F032H-40I Datasheet
128Kb / 2P
   CAN and Ethernet 32-bit Flash Microcontrollers
More results

Similar Description - PIC32MX330F064L

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC32MX150F128B-I MICROCHIP-PIC32MX150F128B-I Datasheet
6Mb / 320P
   32-bit Microcontrollers (up to 128 KB Flash and 32 KB SRAM) with Audio and Graphics Interfaces, USB, and Advanced Analog
11/29/11
PIC32MX120F032B-I-SS MICROCHIP-PIC32MX120F032B-I-SS Datasheet
6Mb / 328P
   32-bit Microcontrollers (up to 128 KB Flash and 32 KB SRAM) with Audio and Graphics Interfaces, USB, and Advanced Analog
11/29/11
PIC32MX1XX MICROCHIP-PIC32MX1XX_12 Datasheet
6Mb / 328P
   32-bit Microcontrollers (up to 128 KB Flash and 32 KB SRAM) with Audio and Graphics Interfaces, USB, and Advanced Analog
11/29/11
PIC32MX1XX MICROCHIP-PIC32MX1XX Datasheet
6Mb / 320P
   32-bit Microcontrollers (up to 128 KB Flash and 32 KB SRAM) with Audio and Graphics Interfaces, USB, and Advanced Analog
2011-2012
PIC32MX5XX MICROCHIP-PIC32MX5XX_13 Datasheet
8Mb / 448P
   32-bit Microcontrollers (up to 512 KB Flash and 128 KB SRAM) with Graphics Interface, USB, CAN, and Ethernet
11/29/12 2009-2013
PIC32MX220F032B-ISS MICROCHIP-PIC32MX220F032B-ISS Datasheet
6Mb / 330P
   32-bit Microcontrollers (up to 256 KB Flash and 64 KB SRAM) with Audio and Graphics Interfaces, USB, and Advanced Analog
10/28/13
PIC24HJ32GP202 MICROCHIP-PIC24HJ32GP202_12 Datasheet
4Mb / 290P
   16-bit Microcontrollers (up to 32 KB Flash and 2 KB SRAM) with Advanced Analog
11/29/11
PIC24HJ32GP302 MICROCHIP-PIC24HJ32GP302_12 Datasheet
5Mb / 390P
   16-bit Microcontrollers (up to 128 KB Flash and 8K SRAM) with Advanced Analog
11/29/11
PIC24HJXXXGPX06A MICROCHIP-PIC24HJXXXGPX06A_12 Datasheet
5Mb / 326P
   16-bit Microcontrollers (up to 256 KB Flash and 16 KB SRAM) with Advanced Analog
11/29/11
PIC24FJ16MC101 MICROCHIP-PIC24FJ16MC101_12 Datasheet
5Mb / 350P
   16-bit Microcontrollers (up to 32 KB Flash and 2 KB SRAM)
11/29/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com