Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC24FJ64GC006 Datasheet(PDF) 8 Page - Microchip Technology

Part # PIC24FJ64GC006
Description  16-Bit Flash Microcontrollers with 12-Bit Pipeline A/D, Sigma-Delta A/D, USB On-The-Go and XLP Technology
Download  472 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ64GC006 Datasheet(HTML) 8 Page - Microchip Technology

Back Button PIC24FJ64GC006 Datasheet HTML 4Page - Microchip Technology PIC24FJ64GC006 Datasheet HTML 5Page - Microchip Technology PIC24FJ64GC006 Datasheet HTML 6Page - Microchip Technology PIC24FJ64GC006 Datasheet HTML 7Page - Microchip Technology PIC24FJ64GC006 Datasheet HTML 8Page - Microchip Technology PIC24FJ64GC006 Datasheet HTML 9Page - Microchip Technology PIC24FJ64GC006 Datasheet HTML 10Page - Microchip Technology PIC24FJ64GC006 Datasheet HTML 11Page - Microchip Technology PIC24FJ64GC006 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 472 page
background image
PIC24FJ128GC010 FAMILY
DS30009312B-page 8
 2012-2013 Microchip Technology Inc.
Pin Diagrams (Continued)
1
3
5
7
8
9
10
11
A
RE4
RE3
RE0
RG0
RF1
VBAT
N/C
RD12
RD1
B
N/C
RE2
RE1
RA7
RF0
VCAP
RD5
RD3
VSS
RC14
C
RE6
VDD
RG14
N/C
RD7
RD4
N/C
RC13
RD11
D
RE7
RE5
N/C
N/C
N/C
RD6
RD13
RD0
N/C
RD10
E
RC4
RG6
N/C
RG1
N/C
RA15
RD8
RA14
F
MCLR
RG8
RG9
RG7
VSS
N/C
N/C
VDD
OSCI/
VSS
OSCO/
G
RE8
RE9
RA0
N/C
VDD
VDD
VSS
N/C
RA5
RA3
RA4
H
N/C
N/C
CH0-
N/C
N/C
VUSB3V3 D+/RG2
RA2
J
AVDD
SVDD
RA1
RB12
N/C
N/C
RF8
D-/RG3
K
RA10
CH1+
RF12
RB14
VDD
L
RA9
AVSS
CH1-
RB13
RB15
RF4
RF5
24
6
VBUS/
RG13
RD2
RG15
RG12
RA6
RC1
RC3
RC2
RD9
RC12
RC15
RB4
RB3
RB2
SVSS
RD15
RF3
RF2
CH0+
RF13
RD14
RB5
RB1
RB0
RB6
RB7
121-Pin BGA (10 mm x 10 mm, Top View)
Legend: Shaded balls
indicate pins tolerant to up to +5.5 VDC.
See Table 3 for complete pinout descriptions.
RF7


Similar Part No. - PIC24FJ64GC006

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC24FJ64GA MICROCHIP-PIC24FJ64GA Datasheet
4Mb / 262P
   28/44-Pin General Purpose, 16-Bit Flash Microcontrollers
2008
PIC24FJ64GA MICROCHIP-PIC24FJ64GA Datasheet
681Kb / 52P
   PIC24FJXXXGA0XX Flash Programming Specification
01/02/08
PIC24FJ64GA MICROCHIP-PIC24FJ64GA Datasheet
2Mb / 330P
   PIC24FJ256GA110 Family Data Sheet
08/04/10
PIC24FJ64GA002 MICROCHIP-PIC24FJ64GA002 Datasheet
2Mb / 278P
   28/44-Pin General Purpose, 16-Bit Flash Microcontrollers
11/29/11 2010-2013
PIC24FJ64GA002 MICROCHIP-PIC24FJ64GA002 Datasheet
216Kb / 24P
   PIC24FJ64GA004 Family Silicon Errata and Data Sheet Clarification
11/29/12
More results

Similar Description - PIC24FJ64GC006

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC24FJ64GB004 MICROCHIP-PIC24FJ64GB004 Datasheet
2Mb / 352P
   28/44-Pin, 16-Bit, Flash Microcontrollers with USB On-The-Go (OTG) and nanoWatt XLP Technology
2010
PIC24FJ256DA210-I-PT MICROCHIP-PIC24FJ256DA210-I-PT Datasheet
3Mb / 408P
   16-Bit Flash Microcontrollers with Graphics Controller and USB On-The-Go (OTG)
01/05/10
logo
Holtek Semiconductor In...
BH66F5232 HOLTEK-BH66F5232 Datasheet
7Mb / 145P
   24-Bit Delta Sigma A/D Flash MCU
logo
Microchip Technology
PIC24FJ256GB210 MICROCHIP-PIC24FJ256GB210 Datasheet
3Mb / 386P
   64/100-Pin, 16-Bit Flash Microcontrollers with USB On-The-Go (OTG)
2010
logo
Holtek Semiconductor In...
HT67F5640 HOLTEK-HT67F5640 Datasheet
5Mb / 179P
   20-Bit Delta Sigma A/D LCD Flash MCU
HT67F5650 HOLTEK-HT67F5650 Datasheet
7Mb / 235P
   24-Bit Delta Sigma A/D LCD Flash MCU
HT67F5652 HOLTEK-HT67F5652 Datasheet
7Mb / 224P
   24-Bit Delta Sigma A/D LCD Flash MCU
logo
Microchip Technology
PIC24FJ256GB106-IMR MICROCHIP-PIC24FJ256GB106-IMR Datasheet
2Mb / 352P
   64/80/100-Pin, 16-Bit Flash Microcontrollers with USB On-The-Go (OTG)
03/26/09
PIC24FJ256GB106 MICROCHIP-PIC24FJ256GB106 Datasheet
2Mb / 352P
   64/80/100-Pin, 16-Bit Flash Microcontrollers with USB On-The-Go (OTG)
2009
PIC24FJ256GB110-I MICROCHIP-PIC24FJ256GB110-I Datasheet
3Mb / 328P
   64/80/100-Pin, 16-Bit Flash Microcontrollers with USB On-The-Go (OTG)
01/02/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com