Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC24FJ32GA004 Datasheet(PDF) 10 Page - Microchip Technology

Part # PIC24FJ32GA004
Description  28/44-Pin General Purpose, 16-Bit Flash Microcontrollers
Download  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ32GA004 Datasheet(HTML) 10 Page - Microchip Technology

Back Button PIC24FJ32GA004 Datasheet HTML 6Page - Microchip Technology PIC24FJ32GA004 Datasheet HTML 7Page - Microchip Technology PIC24FJ32GA004 Datasheet HTML 8Page - Microchip Technology PIC24FJ32GA004 Datasheet HTML 9Page - Microchip Technology PIC24FJ32GA004 Datasheet HTML 10Page - Microchip Technology PIC24FJ32GA004 Datasheet HTML 11Page - Microchip Technology PIC24FJ32GA004 Datasheet HTML 12Page - Microchip Technology PIC24FJ32GA004 Datasheet HTML 13Page - Microchip Technology PIC24FJ32GA004 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 278 page
background image
PIC24FJ64GA004 FAMILY
DS39881E-page 10
 2010-2013 Microchip Technology Inc.
FIGURE 1-1:
PIC24FJ64GA004 FAMILY GENERAL BLOCK DIAGRAM
Instruction
Decode &
Control
16
PCH
16
Program Counter
16-Bit ALU
23
24
Data Bus
16
Divide
Support
16
16
16
8
Interrupt
Controller
Stack
Control
Logic
Repeat
Control
Logic
Data Latch
Data RAM
Address
Latch
Address Latch
Program Memory
Data Latch
16
Address Bus
23
Control Signals
16
16
16 x 16
W Reg Array
Multiplier
17x17
OSCI/CLKI
OSCO/CLKO
VDD, VSS
Timing
Generation
MCLR
Power-up
Timer
Oscillator
Start-up Timer
Power-on
Reset
Watchdog
Timer
BOR and
Precision
Reference
Band Gap
FRC/LPRC
Oscillators
Regulator
Voltage
VDDCORE/VCAP
DISVREG
PORTA(1)
PORTC(1)
RA<9:0>
RC<9:0>
PORTB
RB<15:0>
Note 1:
Not all pins or features are implemented on all device pinout configurations. See Table 1-2 for I/O port pin descriptions.
2:
BOR and LVD functionality is provided when the on-board voltage regulator is enabled.
3:
Peripheral I/Os are accessible through remappable pins.
RP(1)
RP<25:0>
Comparators(3)
Timer2/3(3)
Timer1
RTCC
IC1-5(3)
10-Bit
PWM/
SPI1/2(3)
I2C1/2
Timer4/5(3)
PMP/PSP
OC1-5(3)
CN1-22(1)
UART1/2(3)
LVD(2)
PCL
Inst Latch
Read AGU
Write AGU
PSV & Table
Data Access
Control Block
Inst Register
EA MUX
A/D


Similar Part No. - PIC24FJ32GA004

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC24FJ32GA004 MICROCHIP-PIC24FJ32GA004 Datasheet
216Kb / 24P
   PIC24FJ64GA004 Family Silicon Errata and Data Sheet Clarification
11/29/12
PIC24FJ32GA004 MICROCHIP-PIC24FJ32GA004 Datasheet
681Kb / 52P
   PIC24FJXXXGA0XX Flash Programming Specification
01/02/08
PIC24FJ32GA004 MICROCHIP-PIC24FJ32GA004 Datasheet
681Kb / 52P
   PIC24FJXXXGA0XX Flash Programming Specification
01/02/08
PIC24FJ32GA004 MICROCHIP-PIC24FJ32GA004 Datasheet
681Kb / 52P
   PIC24FJXXXGA0XX Flash Programming Specification
01/02/08
PIC24FJ32GA004 MICROCHIP-PIC24FJ32GA004 Datasheet
782Kb / 78P
   Debug Header Specification
2006-2012
More results

Similar Description - PIC24FJ32GA004

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC24FJ64GA004 MICROCHIP-PIC24FJ64GA004 Datasheet
4Mb / 256P
   28/44-Pin General Purpose, 16-Bit Flash Microcontrollers
2007
PIC24FJ32GA002-I MICROCHIP-PIC24FJ32GA002-I Datasheet
1Mb / 268P
   28/44-Pin General Purpose, 16-Bit Flash Microcontrollers
01/05/10
PIC24FJ64GA004 MICROCHIP-PIC24FJ64GA004_08 Datasheet
4Mb / 262P
   28/44-Pin General Purpose, 16-Bit Flash Microcontrollers
2008
PIC24FJ64GA104 MICROCHIP-PIC24FJ64GA104 Datasheet
2Mb / 308P
   28/44-Pin, 16-Bit General Purpose Flash Microcontrollers with nanoWatt XLP Technology
2010
PIC24FV32KA304 MICROCHIP-PIC24FV32KA304_13 Datasheet
4Mb / 364P
   20/28/44/48-Pin, General Purpose, 16-Bit Flash Microcontrollers with XLP Technology
11/29/12 2011-2013
PIC24FV32KA304-I MICROCHIP-PIC24FV32KA304-I Datasheet
2Mb / 320P
   20/28/44/48-Pin, General Purpose, 16-Bit Flash Microcontrollers with XLP Technology
02/18/11
PIC24FV32KA304 MICROCHIP-PIC24FV32KA304 Datasheet
2Mb / 322P
   20/28/44/48-Pin, General Purpose, 16-Bit Flash Microcontrollers with XLP Technology
2011
PIC24FV32KA304 MICROCHIP-PIC24FV32KA304_1 Datasheet
2Mb / 320P
   20/28/44/48-Pin, General Purpose, 16-Bit Flash Microcontrollers with XLP Technology
2011
PIC18LF4610T-I MICROCHIP-PIC18LF4610T-I Datasheet
6Mb / 376P
   28/40/44-Pin Flash Microcontrollers
03/26/09
PIC16F747-I MICROCHIP-PIC16F747-I Datasheet
5Mb / 276P
   28/40/44-Pin, 8-Bit CMOS Flash Microcontrollers
10/20/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com