Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC24FJ32GA004 Datasheet(PDF) 1 Page - Microchip Technology

Part # PIC24FJ32GA004
Description  28/44-Pin General Purpose, 16-Bit Flash Microcontrollers
Download  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ32GA004 Datasheet(HTML) 1 Page - Microchip Technology

  PIC24FJ32GA004 Datasheet HTML 1Page - Microchip Technology PIC24FJ32GA004 Datasheet HTML 2Page - Microchip Technology PIC24FJ32GA004 Datasheet HTML 3Page - Microchip Technology PIC24FJ32GA004 Datasheet HTML 4Page - Microchip Technology PIC24FJ32GA004 Datasheet HTML 5Page - Microchip Technology PIC24FJ32GA004 Datasheet HTML 6Page - Microchip Technology PIC24FJ32GA004 Datasheet HTML 7Page - Microchip Technology PIC24FJ32GA004 Datasheet HTML 8Page - Microchip Technology PIC24FJ32GA004 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 278 page
background image
 2010-2013 Microchip Technology Inc.
DS39881E-page 1
PIC24FJ64GA004 FAMILY
High-Performance CPU
• Modified Harvard Architecture
• Up to 16 MIPS Operation @ 32 MHz
• 8 MHz Internal Oscillator with 4x PLL Option and
Multiple Divide Options
• 17-Bit by 17-Bit Single-Cycle Hardware Multiplier
• 32-Bit by 16-Bit Hardware Divider
• 16-Bit x 16-Bit Working Register Array
• C Compiler Optimized Instruction Set Architecture:
- 76 base instructions
- Flexible addressing modes
• Two Address Generation Units (AGUs) for Separate
Read and Write Addressing of Data Memory
Special Microcontroller Features
• Operating Voltage Range of 2.0V to 3.6V
• 5.5V Tolerant Input (digital pins only)
• High-Current Sink/Source (18 mA/18 mA) on All I/O Pins
• Flash Program Memory:
- 10,000 erase/write
- 20-year data retention minimum
• Power Management modes:
- Sleep, Idle, Doze and Alternate Clock modes
- Operating current: 650
A/MIPS, typical at 2.0V
- Sleep current: 150 nA, typical at 2.0V
• Fail-Safe Clock Monitor (FSCM) Operation:
- Detects clock failure and switches to on-chip,
low-power RC oscillator
• On-Chip, 2.5V Regulator with Tracking mode
• Power-on Reset (POR), Power-up Timer (PWRT)
and Oscillator Start-up Timer (OST)
• Flexible Watchdog Timer (WDT) with On-Chip,
Low-Power RC Oscillator for Reliable Operation
• In-Circuit Serial Programming™ (ICSP™) and
In-Circuit Debug (ICD) via 2 Pins
• JTAG Boundary Scan Support
Analog Features
• 10-Bit, up to 13-Channel Analog-to-Digital Converter:
- 500 ksps conversion rate
- Conversion available during Sleep and Idle
• Dual Analog Comparators with Programmable
Input/Output Configuration
Peripheral Features
• Peripheral Pin Select (PPS):
- Allows independent I/O mapping of many peripherals
- Up to 26 available pins (44-pin devices)
- Continuous hardware integrity checking and safety
interlocks prevent unintentional configuration changes
• 8-Bit Parallel Master/Slave Port (PMP/PSP):
- Up to 16-bit multiplexed addressing, with up to
11 dedicated address pins on 44-pin devices
- Programmable polarity on control lines
• Hardware Real-Time Clock/Calendar (RTCC):
- Provides clock, calendar and alarm functions
• Programmable Cyclic Redundancy Check (CRC)
• Two 3-Wire/4-Wire SPI modules (support 4 Frame
modes) with 8-Level FIFO Buffer
•Two I2C™ modules Support Multi-Master/Slave
mode and 7-Bit/10-Bit Addressing
• Two UART modules:
- Supports RS-485, RS-232, and LIN/J2602
- On-chip hardware encoder/decoder for IrDA®
- Auto-wake-up on Start bit
- Auto-Baud Detect
- 4-level deep FIFO buffer
• Five 16-Bit Timers/Counters with Programmable Prescaler
• Five 16-Bit Capture Inputs
• Five 16-Bit Compare/PWM Outputs
• Configurable Open-Drain Outputs on Digital I/O Pins
• Up to 3 External Interrupt Sources
Device
Remappable Peripherals
PIC24FJ16GA002
28
16K
4K
16
5
5
5
2
2
2
10
2
Y
Y
PIC24FJ32GA002
28
32K
8K
16
5
5
5
2
2
2
10
2
Y
Y
PIC24FJ48GA002
28
48K
8K
16
5
5
5
2
2
2
10
2
Y
Y
PIC24FJ64GA002
28
64K
8K
16
5
5
5
2
2
2
10
2
Y
Y
PIC24FJ16GA004
44
16K
4K
26
5
5
5
2
2
2
13
2
Y
Y
PIC24FJ32GA004
44
32K
8K
26
5
5
5
2
2
2
13
2
Y
Y
PIC24FJ48GA004
44
48K
8K
26
5
5
5
2
2
2
13
2
Y
Y
PIC24FJ64GA004
44
64K
8K
26
5
5
5
2
2
2
13
2
Y
Y
28/44-Pin General Purpose, 16-Bit Flash Microcontrollers


Similar Part No. - PIC24FJ32GA004

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC24FJ32GA004 MICROCHIP-PIC24FJ32GA004 Datasheet
216Kb / 24P
   PIC24FJ64GA004 Family Silicon Errata and Data Sheet Clarification
11/29/12
PIC24FJ32GA004 MICROCHIP-PIC24FJ32GA004 Datasheet
681Kb / 52P
   PIC24FJXXXGA0XX Flash Programming Specification
01/02/08
PIC24FJ32GA004 MICROCHIP-PIC24FJ32GA004 Datasheet
681Kb / 52P
   PIC24FJXXXGA0XX Flash Programming Specification
01/02/08
PIC24FJ32GA004 MICROCHIP-PIC24FJ32GA004 Datasheet
681Kb / 52P
   PIC24FJXXXGA0XX Flash Programming Specification
01/02/08
PIC24FJ32GA004 MICROCHIP-PIC24FJ32GA004 Datasheet
782Kb / 78P
   Debug Header Specification
2006-2012
More results

Similar Description - PIC24FJ32GA004

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC24FJ64GA004 MICROCHIP-PIC24FJ64GA004 Datasheet
4Mb / 256P
   28/44-Pin General Purpose, 16-Bit Flash Microcontrollers
2007
PIC24FJ32GA002-I MICROCHIP-PIC24FJ32GA002-I Datasheet
1Mb / 268P
   28/44-Pin General Purpose, 16-Bit Flash Microcontrollers
01/05/10
PIC24FJ64GA004 MICROCHIP-PIC24FJ64GA004_08 Datasheet
4Mb / 262P
   28/44-Pin General Purpose, 16-Bit Flash Microcontrollers
2008
PIC24FJ64GA104 MICROCHIP-PIC24FJ64GA104 Datasheet
2Mb / 308P
   28/44-Pin, 16-Bit General Purpose Flash Microcontrollers with nanoWatt XLP Technology
2010
PIC24FV32KA304 MICROCHIP-PIC24FV32KA304_13 Datasheet
4Mb / 364P
   20/28/44/48-Pin, General Purpose, 16-Bit Flash Microcontrollers with XLP Technology
11/29/12 2011-2013
PIC24FV32KA304-I MICROCHIP-PIC24FV32KA304-I Datasheet
2Mb / 320P
   20/28/44/48-Pin, General Purpose, 16-Bit Flash Microcontrollers with XLP Technology
02/18/11
PIC24FV32KA304 MICROCHIP-PIC24FV32KA304 Datasheet
2Mb / 322P
   20/28/44/48-Pin, General Purpose, 16-Bit Flash Microcontrollers with XLP Technology
2011
PIC24FV32KA304 MICROCHIP-PIC24FV32KA304_1 Datasheet
2Mb / 320P
   20/28/44/48-Pin, General Purpose, 16-Bit Flash Microcontrollers with XLP Technology
2011
PIC18LF4610T-I MICROCHIP-PIC18LF4610T-I Datasheet
6Mb / 376P
   28/40/44-Pin Flash Microcontrollers
03/26/09
PIC16F747-I MICROCHIP-PIC16F747-I Datasheet
5Mb / 276P
   28/40/44-Pin, 8-Bit CMOS Flash Microcontrollers
10/20/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com