Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC24FJ64GA002 Datasheet(PDF) 7 Page - Microchip Technology

Part # PIC24FJ64GA002
Description  28/44-Pin General Purpose, 16-Bit Flash Microcontrollers
Download  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ64GA002 Datasheet(HTML) 7 Page - Microchip Technology

Back Button PIC24FJ64GA002 Datasheet HTML 3Page - Microchip Technology PIC24FJ64GA002 Datasheet HTML 4Page - Microchip Technology PIC24FJ64GA002 Datasheet HTML 5Page - Microchip Technology PIC24FJ64GA002 Datasheet HTML 6Page - Microchip Technology PIC24FJ64GA002 Datasheet HTML 7Page - Microchip Technology PIC24FJ64GA002 Datasheet HTML 8Page - Microchip Technology PIC24FJ64GA002 Datasheet HTML 9Page - Microchip Technology PIC24FJ64GA002 Datasheet HTML 10Page - Microchip Technology PIC24FJ64GA002 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 278 page
background image
 2010-2013 Microchip Technology Inc.
DS39881E-page 7
PIC24FJ64GA004 FAMILY
1.0
DEVICE OVERVIEW
This document contains device-specific information for
the following devices:
• PIC24FJ16GA002
• PIC24FJ32GA002
• PIC24FJ48GA002
• PIC24FJ64GA002
• PIC24FJ16GA004
• PIC24FJ32GA004
• PIC24FJ48GA004
• PIC24FJ64GA004
This family introduces a new line of Microchip devices:
a 16-bit microcontroller family with a broad peripheral
feature set and enhanced computational performance.
The PIC24FJ64GA004 family offers a new migration
option for those high-performance applications which
may be outgrowing their 8-bit platforms, but don’t
require the numerical processing power of a digital
signal processor.
1.1
Core Features
1.1.1
16-BIT ARCHITECTURE
Central to all PIC24F devices is the 16-bit modified
Harvard architecture, first introduced with Microchip’s
dsPIC® Digital Signal Controllers (DSCs). The PIC24F
CPU core offers a wide range of enhancements, such as:
• 16-bit data and 24-bit address paths with the
ability to move information between data and
memory spaces
• Linear addressing of up to 12 Mbytes (program
space) and 64 Kbytes (data)
• A 16-element working register array with built-in
software stack support
• A 17 x 17 hardware multiplier with support for
integer math
• Hardware support for 32 by 16-bit division
• An instruction set that supports multiple
addressing modes and is optimized for high-level
languages such as ‘C’
• Operational performance up to 16 MIPS
1.1.2
POWER-SAVING TECHNOLOGY
All of the devices in the PIC24FJ64GA004 family
incorporate a range of features that can significantly
reduce power consumption during operation. Key
items include:
• On-the-Fly Clock Switching: The device clock
can be changed under software control to the
Timer1 source or the internal, low-power RC
oscillator during operation, allowing the user to
incorporate power-saving ideas into their software
designs.
• Doze Mode Operation: When timing-sensitive
applications, such as serial communications,
require the uninterrupted operation of peripherals,
the CPU clock speed can be selectively reduced,
allowing incremental power savings without
missing a beat.
• Instruction-Based Power-Saving Modes: The
microcontroller can suspend all operations, or
selectively shut down its core while leaving its
peripherals active, with a single instruction in
software.
1.1.3
OSCILLATOR OPTIONS AND
FEATURES
All of the devices in the PIC24FJ64GA004 family offer
five different oscillator options, allowing users a range
of choices in developing application hardware. These
include:
• Two Crystal modes using crystals or ceramic
resonators.
• Two External Clock modes offering the option of a
divide-by-2 clock output.
• A Fast Internal Oscillator (FRC) with a nominal
8 MHz output, which can also be divided under
software control to provide clock speeds as low as
31 kHz.
• A Phase Lock Loop (PLL) frequency multiplier,
available to the External Oscillator modes and the
FRC oscillator, which allows clock speeds of up to
32 MHz.
• A separate internal RC oscillator (LPRC) with a
fixed 31 kHz output, which provides a low-power
option for timing-insensitive applications.
The internal oscillator block also provides a stable
reference source for the Fail-Safe Clock Monitor. This
option constantly monitors the main clock source
against a reference signal provided by the internal
oscillator and enables the controller to switch to the
internal oscillator, allowing for continued low-speed
operation or a safe application shutdown.


Similar Part No. - PIC24FJ64GA002

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC24FJ64GA002 MICROCHIP-PIC24FJ64GA002 Datasheet
216Kb / 24P
   PIC24FJ64GA004 Family Silicon Errata and Data Sheet Clarification
11/29/12
PIC24FJ64GA002 MICROCHIP-PIC24FJ64GA002 Datasheet
681Kb / 52P
   PIC24FJXXXGA0XX Flash Programming Specification
01/02/08
PIC24FJ64GA002 MICROCHIP-PIC24FJ64GA002 Datasheet
681Kb / 52P
   PIC24FJXXXGA0XX Flash Programming Specification
01/02/08
PIC24FJ64GA002 MICROCHIP-PIC24FJ64GA002 Datasheet
681Kb / 52P
   PIC24FJXXXGA0XX Flash Programming Specification
01/02/08
PIC24FJ64GA002 MICROCHIP-PIC24FJ64GA002 Datasheet
782Kb / 78P
   Debug Header Specification
2006-2012
More results

Similar Description - PIC24FJ64GA002

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC24FJ64GA004 MICROCHIP-PIC24FJ64GA004 Datasheet
4Mb / 256P
   28/44-Pin General Purpose, 16-Bit Flash Microcontrollers
2007
PIC24FJ32GA002-I MICROCHIP-PIC24FJ32GA002-I Datasheet
1Mb / 268P
   28/44-Pin General Purpose, 16-Bit Flash Microcontrollers
01/05/10
PIC24FJ64GA004 MICROCHIP-PIC24FJ64GA004_08 Datasheet
4Mb / 262P
   28/44-Pin General Purpose, 16-Bit Flash Microcontrollers
2008
PIC24FJ64GA104 MICROCHIP-PIC24FJ64GA104 Datasheet
2Mb / 308P
   28/44-Pin, 16-Bit General Purpose Flash Microcontrollers with nanoWatt XLP Technology
2010
PIC24FV32KA304 MICROCHIP-PIC24FV32KA304_13 Datasheet
4Mb / 364P
   20/28/44/48-Pin, General Purpose, 16-Bit Flash Microcontrollers with XLP Technology
11/29/12 2011-2013
PIC24FV32KA304-I MICROCHIP-PIC24FV32KA304-I Datasheet
2Mb / 320P
   20/28/44/48-Pin, General Purpose, 16-Bit Flash Microcontrollers with XLP Technology
02/18/11
PIC24FV32KA304 MICROCHIP-PIC24FV32KA304 Datasheet
2Mb / 322P
   20/28/44/48-Pin, General Purpose, 16-Bit Flash Microcontrollers with XLP Technology
2011
PIC24FV32KA304 MICROCHIP-PIC24FV32KA304_1 Datasheet
2Mb / 320P
   20/28/44/48-Pin, General Purpose, 16-Bit Flash Microcontrollers with XLP Technology
2011
PIC18LF4610T-I MICROCHIP-PIC18LF4610T-I Datasheet
6Mb / 376P
   28/40/44-Pin Flash Microcontrollers
03/26/09
PIC16F747-I MICROCHIP-PIC16F747-I Datasheet
5Mb / 276P
   28/40/44-Pin, 8-Bit CMOS Flash Microcontrollers
10/20/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com