Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC24FJ128GC010 Datasheet(PDF) 2 Page - Microchip Technology

Part # PIC24FJ128GC010
Description  16-Bit Flash Microcontrollers with 12-Bit Pipeline A/D, Sigma-Delta A/D, USB On-The-Go and XLP Technology
Download  472 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ128GC010 Datasheet(HTML) 2 Page - Microchip Technology

  PIC24FJ128GC010 Datasheet HTML 1Page - Microchip Technology PIC24FJ128GC010 Datasheet HTML 2Page - Microchip Technology PIC24FJ128GC010 Datasheet HTML 3Page - Microchip Technology PIC24FJ128GC010 Datasheet HTML 4Page - Microchip Technology PIC24FJ128GC010 Datasheet HTML 5Page - Microchip Technology PIC24FJ128GC010 Datasheet HTML 6Page - Microchip Technology PIC24FJ128GC010 Datasheet HTML 7Page - Microchip Technology PIC24FJ128GC010 Datasheet HTML 8Page - Microchip Technology PIC24FJ128GC010 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 472 page
background image
PIC24FJ128GC010 FAMILY
DS30009312B-page 2
 2012-2013 Microchip Technology Inc.
Universal Serial Bus Features
• USB v2.0 On-The-Go (OTG) Compliant
• USB Device mode Operation from FRC Oscillator –
No Crystal Oscillator Required
• Dual Role Capable – Can Act as Either Host or
Peripheral
• Low-Speed (1.5 Mb/s) and Full-Speed (12 Mb/s)
USB Operation in Host mode
• Full-Speed USB Operation in Device mode
• Low Jitter PLL for USB
• Supports up to 32 Endpoints (16 bidirectional):
- USB module can use any RAM location on the
device as USB endpoint buffers
• On-Chip USB Transceiver with Interface for Off-Chip
USB Transceiver
• Supports Control, Interrupt, Isochronous and Bulk
Transfers
• On-Chip Pull-up and Pull-Down Resistors
Peripheral Features
• LCD Display Controller:
- Up to 59 segments by 8 commons
- Internal charge pump and low-power, internal
resistor biasing
- Operation in Sleep mode
• Up to Five External Interrupt Sources
• Peripheral Pin Select (PPS); Allows Independent I/O
Mapping of Many Peripherals
• Five 16-Bit Timers/Counters with Prescaler:
- Can be paired as 32-bit timers/counters
• Six-Channel DMA Supports All Peripheral modules:
- Minimizes CPU overhead, increases data
throughput and lowers power consumption
• Nine Input Capture modules, Each with a Dedicated
16-Bit Timer
• Nine Output Compare/PWM modules, Each with a
Dedicated 16-Bit Timer
• Enhanced Parallel Master/Slave Port (EPMP/EPSP)
• Hardware Real-Time Clock/Calendar (RTCC):
- Run, Sleep, Deep Sleep and VBAT modes
• Two 3-Wire/4-Wire SPI modules (support 4 Frame
modes) with 8-Level FIFO Buffer
•Two I2C™ modules Support Multi-Master/Slave
mode and 7-Bit/10-Bit Addressing
• Four UART modules:
- Support RS-485, RS-232 and LIN/J2602
- On-chip hardware encoder/decoder for IrDA®
- Auto-wake-up on Auto-Baud Detect (ABD)
- 4-level deep FIFO buffer
• Programmable, 32-Bit Cyclic Redundancy Check
(CRC) Generator
• Digital Signal Modulator (DSM) Provides On-Chip
FSK and PSK Modulation for a Digital Signal Stream
• High-Current Sink/Source (18 mA/18 mA) on All I/O Pins
• Configurable Open-Drain Outputs on Digital I/O Pins
• 5.5V Tolerant Inputs on Select Pins
High-Performance CPU
• Modified Harvard Architecture
• Up to 16 MIPS Operation @ 32 MHz
• C Compiler Optimized Instruction Set
Architecture (ISA)
• 8 MHz Internal Oscillator:
- 96 MHz PLL option for USB clocking
- Multiple clock divide options
- Run-time self-calibration capability for maintaining
better than ±0.20% accuracy
- Fast start-up
• 17-Bit x 17-Bit Single-Cycle Hardware
Fractional/Integer Multiplier
• 32-Bit by 16-Bit Hardware Divider
• 16 x 16-Bit Working Register Array
• Two Address Generation Units (AGUs) for Separate
Read and Write Addressing of Data Memory
Special Microcontroller Features
• Supply Voltage Range of 2.0V to 3.6V
• Two On-Chip Voltage Regulators (1.8V and 1.2V) for
Regular and eXtreme Low-Power Operation
• 20,000 Erase/Write Cycle Endurance Flash Program
Memory, Typical
• Flash Data Retention: 20 Years Minimum
• Self-Programmable under Software Control
• Programmable Reference Clock Output
• In-Circuit Serial Programming™ (ICSP™) and
In-Circuit Emulation (ICE) via 2 Pins
• JTAG Boundary Scan Support
• Fail-Safe Clock Monitor Operation:
- Detects clock failure and switches to on-chip,
low-power RC oscillator
• Power-on Reset (POR), Power-up Timer (PWRT)
and Oscillator Start-up Timer (OST)
• Separate Brown-out Reset (BOR) and Deep Sleep
Brown-out Reset (DSBOR) Circuits
• Programmable High/Low-Voltage Detect (HLVD)
• Flexible Watchdog Timer (WDT) with its Own
RC Oscillator for Reliable Operation
• Standard and Ultra Low-Power Watchdog Timers for
Reliable Operation in Standard and Deep Sleep
modes


Similar Part No. - PIC24FJ128GC010

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC24FJ128GA MICROCHIP-PIC24FJ128GA Datasheet
3Mb / 232P
   General Purpose, 16-Bit Flash Microcontrollers
2006
PIC24FJ128GA MICROCHIP-PIC24FJ128GA Datasheet
5Mb / 22P
   64/80/100-Pin, 16-Bit General Purpose Flash Microcontrollers with Peripheral Pin Select
11/29/12
PIC24FJ128GA MICROCHIP-PIC24FJ128GA Datasheet
681Kb / 52P
   PIC24FJXXXGA0XX Flash Programming Specification
01/02/08
PIC24FJ128GA MICROCHIP-PIC24FJ128GA Datasheet
2Mb / 330P
   PIC24FJ256GA110 Family Data Sheet
08/04/10
PIC24FJ128GA006 MICROCHIP-PIC24FJ128GA006 Datasheet
3Mb / 232P
   General Purpose, 16-Bit Flash Microcontrollers
2006
More results

Similar Description - PIC24FJ128GC010

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC24FJ64GB004 MICROCHIP-PIC24FJ64GB004 Datasheet
2Mb / 352P
   28/44-Pin, 16-Bit, Flash Microcontrollers with USB On-The-Go (OTG) and nanoWatt XLP Technology
2010
PIC24FJ256DA210-I-PT MICROCHIP-PIC24FJ256DA210-I-PT Datasheet
3Mb / 408P
   16-Bit Flash Microcontrollers with Graphics Controller and USB On-The-Go (OTG)
01/05/10
logo
Holtek Semiconductor In...
BH66F5232 HOLTEK-BH66F5232 Datasheet
7Mb / 145P
   24-Bit Delta Sigma A/D Flash MCU
logo
Microchip Technology
PIC24FJ256GB210 MICROCHIP-PIC24FJ256GB210 Datasheet
3Mb / 386P
   64/100-Pin, 16-Bit Flash Microcontrollers with USB On-The-Go (OTG)
2010
logo
Holtek Semiconductor In...
HT67F5640 HOLTEK-HT67F5640 Datasheet
5Mb / 179P
   20-Bit Delta Sigma A/D LCD Flash MCU
HT67F5650 HOLTEK-HT67F5650 Datasheet
7Mb / 235P
   24-Bit Delta Sigma A/D LCD Flash MCU
HT67F5652 HOLTEK-HT67F5652 Datasheet
7Mb / 224P
   24-Bit Delta Sigma A/D LCD Flash MCU
logo
Microchip Technology
PIC24FJ256GB106-IMR MICROCHIP-PIC24FJ256GB106-IMR Datasheet
2Mb / 352P
   64/80/100-Pin, 16-Bit Flash Microcontrollers with USB On-The-Go (OTG)
03/26/09
PIC24FJ256GB106 MICROCHIP-PIC24FJ256GB106 Datasheet
2Mb / 352P
   64/80/100-Pin, 16-Bit Flash Microcontrollers with USB On-The-Go (OTG)
2009
PIC24FJ256GB110-I MICROCHIP-PIC24FJ256GB110-I Datasheet
3Mb / 328P
   64/80/100-Pin, 16-Bit Flash Microcontrollers with USB On-The-Go (OTG)
01/02/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com