Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1722 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX1722
Description  1.5μA IQ, Step-Up DC-DC Converters in TSOT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1722 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1722_13 Datasheet HTML 1Page - Maxim Integrated Products MAX1722_13 Datasheet HTML 2Page - Maxim Integrated Products MAX1722_13 Datasheet HTML 3Page - Maxim Integrated Products MAX1722_13 Datasheet HTML 4Page - Maxim Integrated Products MAX1722_13 Datasheet HTML 5Page - Maxim Integrated Products MAX1722_13 Datasheet HTML 6Page - Maxim Integrated Products MAX1722_13 Datasheet HTML 7Page - Maxim Integrated Products MAX1722_13 Datasheet HTML 8Page - Maxim Integrated Products MAX1722_13 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
Maxim Integrated
MAX1722/MAX1723/MAX1724
1.5µA IQ, Step-Up DC-DC Converters in TSOT
Pin Description
1ms/div
VSHDN
1V/div
5V
0
0
2V
SHUTDOWN RESPONSE
VIN = 3.3V, VOUT = 5.0V, ROUT = 100
Ω
VOUT
2V/div
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
-40
-15
10
35
60
85
SHUTDOWN INPUT THRESHOLD
vs. TEMPERATURE
TEMPERATURE (
°C)
RISING EDGE
FALLING EDGE
Typical Operating Characteristics (continued)
(Figure 3 (MAX1723), Figure 7 (MAX1722), Figure 8 (MAX1724), VBATT = VIN = 1.5V, L = 10µH, CIN = 10µF, COUT = 10µF, TA = +25°C,
unless otherwise noted.)
MAX1724
MAX1722
MAX1723
OUT
LX
FB
GND
SHDN
BATT
NAME
4
5
2
3
1
Power Output. OUT also provides bootstrap power to the IC.
4
4
Internal N-channel MOSFET Switch Drain and P-Channel Synchronous
Rectifier Drain
5
5
Feedback Input to Set Output Voltage. Use a resistor-divider network to
adjust the output voltage. See
Setting the Output Voltage section.
3
3
Ground
2
2
PIN
Shutdown Input. Drive high for normal operation. Drive low for shutdown.
1
Battery Input and Damping Switch Connection
1
FUNCTION
200
μs/div
A
A: VOUT, 50mV/div
B: IOUT, 20mA/div
B
LOAD-TRANSIENT RESPONSE
3.3V
50mA
0


Similar Part No. - MAX1722_13

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1722 MAXIM-MAX1722_12 Datasheet
495Kb / 12P
   1.5μA IQ, Step-Up DC-DC Converters in Thin SOT23-5
Rev 1; 9/12
More results

Similar Description - MAX1722_13

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1722 MAXIM-MAX1722_12 Datasheet
495Kb / 12P
   1.5μA IQ, Step-Up DC-DC Converters in Thin SOT23-5
Rev 1; 9/12
MAX1722 MAXIM-MAX1722_V01 Datasheet
1Mb / 13P
   1.5關A IQ, Step-Up DC-DC Converters in TSOT and 關DFN
2017
MAX1722 MAXIM-MAX1722 Datasheet
292Kb / 12P
   1.5uA IQ, Step-Up DC-DC Converters in Thin SOT23-5
19-1735; Rev 0; 7/01
logo
Torex Semiconductor
XC9104 TOREX-XC9104 Datasheet
205Kb / 19P
   Step-Up DC/DC Converters
logo
Linear Technology
LT1615-1 LINER-LT1615-1_15 Datasheet
170Kb / 8P
   Micropower Step-Up DC/DC Converters in ThinSOT
LT1615 LINER-LT1615_15 Datasheet
170Kb / 8P
   Micropower Step-Up DC/DC Converters in ThinSOT
LT1615ES5-1 LINER-LT1615ES5-1 Datasheet
170Kb / 8P
   Micropower Step-Up DC/DC Converters in ThinSOT
logo
Torex Semiconductor
XCL105 TOREX-XCL105 Datasheet
2Mb / 41P
   1.4A, Inductor Built-in Step-up DC/DC Converters
logo
Linear Integrated Syste...
LT1615IS5-1 LINEAR-LT1615IS5-1 Datasheet
148Kb / 8P
   Micropower Step-Up DC/DC Converters
logo
Maxim Integrated Produc...
MAX1556 MAXIM-MAX1556_11 Datasheet
737Kb / 12P
   16μA IQ, 1.2A PWM Step-Down DC-DC Converters
Rev 3; 1/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com