Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC16LF1826 Datasheet(PDF) 11 Page - Microchip Technology

Part # PIC16LF1826
Description  18/20/28-Pin Flash Microcontrollers with XLP Technology
Download  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF1826 Datasheet(HTML) 11 Page - Microchip Technology

Back Button PIC16LF1826 Datasheet HTML 7Page - Microchip Technology PIC16LF1826 Datasheet HTML 8Page - Microchip Technology PIC16LF1826 Datasheet HTML 9Page - Microchip Technology PIC16LF1826 Datasheet HTML 10Page - Microchip Technology PIC16LF1826 Datasheet HTML 11Page - Microchip Technology PIC16LF1826 Datasheet HTML 12Page - Microchip Technology PIC16LF1826 Datasheet HTML 13Page - Microchip Technology PIC16LF1826 Datasheet HTML 14Page - Microchip Technology PIC16LF1826 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 440 page
background image
 2011-2013 Microchip Technology Inc.
Preliminary
DS40001453D-page 11
PIC16(L)F1847
TABLE 1-2:
PIC16(L)F1847 PINOUT DESCRIPTION
Name
Function
Input
Type
Output
Type
Description
RA0/AN0/CPS0/C12IN0-/SDO2
RA0
TTL
CMOS General purpose I/O.
AN0
AN
ADC Channel 0 input.
CPS0
AN
Capacitive sensing input 0.
C12IN0-
AN
Comparator C1 or C2 negative input.
SDO2
CMOS SPI data output.
RA1/AN1/CPS1/C12IN1-/SS2
RA1
TTL
CMOS General purpose I/O.
AN1
AN
ADC Channel 1 input.
CPS1
AN
Capacitive sensing input 1.
C12IN1-
AN
Comparator C1 or C2 negative input.
SS2
ST
Slave Select input 2.
RA2/AN2/CPS2/C12IN2-/
C12IN+/VREF-/DACOUT
RA2
TTL
CMOS General purpose I/O.
AN2
AN
ADC Channel 2 input.
CPS2
AN
Capacitive sensing input 2.
C12IN2-
AN
Comparator C1 or C2 negative input.
C12IN+
AN
Comparator C1 or C2 positive input.
VREF-
AN
ADC Negative Voltage Reference input.
DACOUT
AN
Voltage Reference output.
RA3/AN3/CPS3/C12IN3-/C1IN+/
VREF+/C1OUT/CCP3/SRQ
RA3
TTL
CMOS General purpose I/O.
AN3
AN
ADC Channel 3 input.
CPS3
AN
Capacitive sensing input 3.
C12IN3-
AN
Comparator C1 or C2 negative input.
C1IN+
AN
Comparator C1 positive input.
VREF+
AN
ADC Voltage Reference input.
C1OUT
CMOS Comparator C1 output.
CCP3
ST
CMOS Capture/Compare/PWM3.
SRQ
CMOS SR latch non-inverting output.
RA4/AN4/CPS4/C2OUT/T0CKI/C
CP4/SRNQ
RA4
TTL
CMOS General purpose I/O.
AN4
AN
ADC Channel 4 input.
CPS4
AN
Capacitive sensing input 4.
C2OUT
CMOS Comparator C2 output.
T0CKI
ST
Timer0 clock input.
CCP4
ST
CMOS Capture/Compare/PWM4.
SRNQ
CMOS SR latch inverting output.
RA5/MCLR/VPP/SS1
RA5
TTL
CMOS General purpose I/O.
MCLR
ST
Master Clear with internal pull-up.
VPP
HV
Programming voltage.
SS1
ST
Slave Select input 1.
Legend: AN = Analog input or output CMOS= CMOS compatible input or output
OD
= Open Drain
TTL = TTL compatible input
ST
= Schmitt Trigger input with CMOS levels I2C™ = Schmitt Trigger input with I2C
HV = High Voltage
XTAL = Crystal
levels
Note 1: Pin functions can be moved using the APFCON0 or APFCON1 register.
2: Default function location.


Similar Part No. - PIC16LF1826

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16LF1826 MICROCHIP-PIC16LF1826 Datasheet
4Mb / 406P
   18/20/28-Pin Flash Microcontrollers with nanoWatt XLP Technology
2010
PIC16LF1826 MICROCHIP-PIC16LF1826 Datasheet
3Mb / 406P
   18/20/28-Pin Flash Microcontrollers with nanoWatt XLP Technology
2011
PIC16LF1826 MICROCHIP-PIC16LF1826 Datasheet
6Mb / 410P
   8-Pin Flash Microcontrollers with XLP Technology
2011-2012 11/29/12
PIC16LF1826 MICROCHIP-PIC16LF1826 Datasheet
8Mb / 448P
   14/20-Pin Flash Microcontrollers with XLP Technology
11/29/11
PIC16LF1826 MICROCHIP-PIC16LF1826 Datasheet
7Mb / 440P
   18/20/28-Pin Flash Microcontrollers with XLP Technology
11/29/12
More results

Similar Description - PIC16LF1826

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16LF1847 MICROCHIP-PIC16LF1847_13 Datasheet
7Mb / 440P
   18/20/28-Pin Flash Microcontrollers with XLP Technology
11/29/12
PIC16LF1847-ISO MICROCHIP-PIC16LF1847-ISO Datasheet
7Mb / 438P
   18/20/28-Pin Flash Microcontrollers with XLP Technology
11/29/12
PIC16F1847 MICROCHIP-PIC16F1847 Datasheet
3Mb / 408P
   18/20/28-Pin Flash Microcontrollers with nanoWatt XLP Technology
2011
PIC16F1826 MICROCHIP-PIC16F1826 Datasheet
4Mb / 406P
   18/20/28-Pin Flash Microcontrollers with nanoWatt XLP Technology
2010
PIC16LF1847 MICROCHIP-PIC16LF1847 Datasheet
3Mb / 408P
   18/20/28-Pin Flash Microcontrollers with nanoWatt XLP Technology
2011
PIC16F1826-I MICROCHIP-PIC16F1826-I Datasheet
3Mb / 400P
   18/20/28-Pin Flash Microcontrollers with nanoWatt XLP Technology
03/26/09
PIC16F1826 MICROCHIP-PIC16F1826_11 Datasheet
3Mb / 406P
   18/20/28-Pin Flash Microcontrollers with nanoWatt XLP Technology
2011
PIC16F1512-I MICROCHIP-PIC16F1512-I Datasheet
5Mb / 348P
   28-Pin Flash Microcontrollers with XLP Technology
11/29/11
PIC16F1512 MICROCHIP-PIC16F1512 Datasheet
5Mb / 348P
   28-Pin Flash Microcontrollers with XLP Technology
2012
PIC16F722AT-ISS MICROCHIP-PIC16F722AT-ISS Datasheet
3Mb / 286P
   28-Pin Flash Microcontrollers with nanoWatt XLP Technology
11/29/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com