Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC18F45K50 Datasheet(PDF) 1 Page - Microchip Technology

Part # PIC18F45K50
Description  Flash Memory Programming Specification
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F45K50 Datasheet(HTML) 1 Page - Microchip Technology

  PIC18F45K50 Datasheet HTML 1Page - Microchip Technology PIC18F45K50 Datasheet HTML 2Page - Microchip Technology PIC18F45K50 Datasheet HTML 3Page - Microchip Technology PIC18F45K50 Datasheet HTML 4Page - Microchip Technology PIC18F45K50 Datasheet HTML 5Page - Microchip Technology PIC18F45K50 Datasheet HTML 6Page - Microchip Technology PIC18F45K50 Datasheet HTML 7Page - Microchip Technology PIC18F45K50 Datasheet HTML 8Page - Microchip Technology PIC18F45K50 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
 2012 Microchip Technology Inc.
DS41630B-page 1
PIC18(L)F2X/4XK50
1.0
DEVICE OVERVIEW
This
document
includes
the
programming
specifications for the following devices:
2.0
PROGRAMMING OVERVIEW
The PIC18(L)F2X/4XK50 devices can be programmed
using
either
the
high-voltage
In-Circuit
Serial
Programming™ (ICSP™) method or the low-voltage
ICSP method. Both methods can be done with the
device in the users’ system. The low-voltage ICSP
method is slightly different than the high-voltage
method and these differences are noted where
applicable. This programming specification applies to
the PIC18(L)F2X/4XK50 devices in all package types.
2.1
Hardware Requirements
In High-Voltage ICSP mode, the PIC18(L)F2X/4XK50
devices require two programmable power supplies:
one for VDD and one for MCLR/VPP/RE3. Both supplies
should have a minimum resolution of 0.25V. Refer to
Section 6.0
“AC/DC
Characteristics
Timing
Requirements for Program/Verify Test Mode” for
additional information.
2.1.1
LOW-VOLTAGE ICSP
PROGRAMMING
In Low-Voltage ICSP mode, the PIC18(L)F2X/4XK50
devices can be programmed using a single VDD source
in the operating range. The MCLR/VPP/RE3 does not
have to be brought to a different voltage, but can
instead be left at the normal operating voltage. Refer to
Section 2.7 “Entering and Exiting Low-Voltage
ICSP Program/Verify Mode” for additional hardware
parameters.
2.2
Dedicated ICSP/ICD Port (44-Pin
TQFP Only)
The PIC18F45K50/46K50 44-pin TQFP devices are
designed to support an alternate programming input:
the dedicated ICSP/ICD port. The primary purpose of
this port is to provide an alternate In-Circuit Debugging
(ICD) option and free the pins (RB6, RB7 and MCLR)
that would normally be used for debugging the
application.
In
conjunction
with
ICD
capability,
however, the dedicated ICSP/ICD port also provides an
alternate
port
for
ICSP.
Setting
the
ICPRT
Configuration bit enables the dedicated ICSP/ICD port.
The dedicated ICSP/ICD port functions the same as
the default ICSP/ICD port; however, alternate pins are
used instead. Table 2-2 identifies the functionally
equivalent pins for ICSP purposes: The dedicated
ICSP/ICD port is an alternate port. Thus, ICSP is still
available through the default port even though the
ICPRT Configuration bit is set.
• PIC18F24K50
• PIC18LF24K50
• PIC18F25K50
• PIC18LF25K50
• PIC18F26K50
• PIC18LF26K50
• PIC18F45K50
• PIC18LF45K50
• PIC18F46K50
• PIC18LF46K50
Note 1: The High-Voltage ICSP mode is always
available, regardless of the state of the
LVP bit, by applying VIHH to the MCLR/
VPP/RE3 pin.
2: While in Low-Voltage ICSP mode, MCLR
is always enabled, regardless of the
MCLRE bit, and the RE3 pin can no
longer be used as a general purpose
input.
Note:
The ICPRT Configuration bit can only be
programmed through the default ICSP port.
By default the ICPORT Configuration bit is
enabled. When the ICPRT Configuration bit
is cleared (dedicated ICSP/ICD port is
disabled), the ICDPORTS pin should be
tied to either VDD or VSS on 44 TQFP
packages only. The ICPRT Configuration
bit must be maintained clear for all 28-pin
and 40-pin devices; otherwise, unexpected
operation may occur.
Flash Memory Programming Specification


Similar Part No. - PIC18F45K50

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F45K20 MICROCHIP-PIC18F45K20 Datasheet
7Mb / 420P
   28/40/44-Pin Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2007
PIC18F45K20 MICROCHIP-PIC18F45K20 Datasheet
3Mb / 456P
   28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
2010
PIC18F45K20 MICROCHIP-PIC18F45K20 Datasheet
544Kb / 42P
   Flash Memory Programming Specification
03/26/09 2009
PIC18F45K20-E/ML MICROCHIP-PIC18F45K20-E/ML Datasheet
7Mb / 420P
   28/40/44-Pin Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2007
PIC18F45K20-E/ML MICROCHIP-PIC18F45K20-E/ML Datasheet
3Mb / 456P
   28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
2010
More results

Similar Description - PIC18F45K50

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18LF2XK22 MICROCHIP-PIC18LF2XK22 Datasheet
545Kb / 42P
   Flash Memory Programming Specification
01/05/10 2010
PIC16F72 MICROCHIP-PIC16F72_1 Datasheet
151Kb / 14P
   FLASH Memory Programming Specification
2002
PIC16F87 MICROCHIP-PIC16F87_1 Datasheet
402Kb / 24P
   Flash Memory Programming Specification
2002 - 2003
PIC18F2XK20 MICROCHIP-PIC18F2XK20 Datasheet
544Kb / 42P
   Flash Memory Programming Specification
03/26/09 2009
HCSXXX MICROCHIP-HCSXXX Datasheet
395Kb / 28P
   Memory Programming Specification
2004
DSPIC33F MICROCHIP-DSPIC33F Datasheet
988Kb / 80P
   Flash Programming Specification
2007
logo
Renesas Technology Corp
RX100 RENESAS-RX100 Datasheet
1Mb / 71P
   Flash memory programming software
logo
Microchip Technology
PIC17CXX MICROCHIP-PIC17CXX Datasheet
137Kb / 16P
   EPROM Memory Programming Specification
1996
PIC16C84 MICROCHIP-PIC16C84 Datasheet
111Kb / 14P
   EEPROM Memory Programming Specification
1996
PIC16C50X MICROCHIP-PIC16C50X Datasheet
191Kb / 14P
   EPROM Memory Programming Specification
2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com