Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC16F1454 Datasheet(PDF) 7 Page - Microchip Technology

Part # PIC16F1454
Description  PIC16(L)F145X Memory Programming Specification
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1454 Datasheet(HTML) 7 Page - Microchip Technology

Back Button PIC16F1454 Datasheet HTML 3Page - Microchip Technology PIC16F1454 Datasheet HTML 4Page - Microchip Technology PIC16F1454 Datasheet HTML 5Page - Microchip Technology PIC16F1454 Datasheet HTML 6Page - Microchip Technology PIC16F1454 Datasheet HTML 7Page - Microchip Technology PIC16F1454 Datasheet HTML 8Page - Microchip Technology PIC16F1454 Datasheet HTML 9Page - Microchip Technology PIC16F1454 Datasheet HTML 10Page - Microchip Technology PIC16F1454 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
 2011-2012 Microchip Technology Inc.
Advance Information
DS41620C-page 7
PIC16(L)F145X
3.3
Device ID
The device ID word is located at 8006h. This location is
read-only and cannot be erased or modified.
TABLE 3-1:
DEVICE ID VALUES
REGISTER 3-2:
DEVICE ID: DEVICE ID REGISTER(1)
RR
RR
R
R
DEV<13:8>
bit 13
bit 8
RR
RR
RR
R
R
DEV<7:0>
bit 7
bit 0
Legend:
R = Readable bit
bit 13-0
DEV<13:0>: Device ID bits
These bits are used to identify the part number.
Note 1:
This location cannot be written.
DEVICE
DEVICE ID VALUES
DEV<13:0>
PIC16F1454
0011 0000 0010 0000 (3020h)
PIC16LF1454 0011 0000 0010 0100 (3024h)
PIC16F1455
0011 0000 0010 0001 (3021h)
PIC16LF1455 0011 0000 0010 0101 (3025h)
PIC16F1459
0011 0000 0010 0011 (3023h)
PIC16LF1459 0011 0000 0010 0111 (3027h)


Similar Part No. - PIC16F1454

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16F1454 MICROCHIP-PIC16F1454 Datasheet
7Mb / 418P
   14/20-Pin Flash, 8-Bit USB Microcontrollers with XLP Technology
11/29/11 2012
PIC16F1454-EMLQTP MICROCHIP-PIC16F1454-EMLQTP Datasheet
7Mb / 418P
   14/20-Pin Flash, 8-Bit USB Microcontrollers with XLP Technology
11/29/11
PIC16F1454-EMLSQTP MICROCHIP-PIC16F1454-EMLSQTP Datasheet
7Mb / 418P
   14/20-Pin Flash, 8-Bit USB Microcontrollers with XLP Technology
11/29/11
PIC16F1454-EPQTP MICROCHIP-PIC16F1454-EPQTP Datasheet
7Mb / 418P
   14/20-Pin Flash, 8-Bit USB Microcontrollers with XLP Technology
11/29/11
PIC16F1454-EPSQTP MICROCHIP-PIC16F1454-EPSQTP Datasheet
7Mb / 418P
   14/20-Pin Flash, 8-Bit USB Microcontrollers with XLP Technology
11/29/11
More results

Similar Description - PIC16F1454

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HCSXXX MICROCHIP-HCSXXX Datasheet
395Kb / 28P
   Memory Programming Specification
2004
PIC18LF2XK22 MICROCHIP-PIC18LF2XK22 Datasheet
545Kb / 42P
   Flash Memory Programming Specification
01/05/10 2010
PIC16F72 MICROCHIP-PIC16F72_1 Datasheet
151Kb / 14P
   FLASH Memory Programming Specification
2002
PIC17CXX MICROCHIP-PIC17CXX Datasheet
137Kb / 16P
   EPROM Memory Programming Specification
1996
PIC16C84 MICROCHIP-PIC16C84 Datasheet
111Kb / 14P
   EEPROM Memory Programming Specification
1996
PIC16C50X MICROCHIP-PIC16C50X Datasheet
191Kb / 14P
   EPROM Memory Programming Specification
2001
PIC16F87X MICROCHIP-PIC16F87X_02 Datasheet
199Kb / 22P
   EEPROM Memory Programming Specification
2002
PIC16F87 MICROCHIP-PIC16F87_1 Datasheet
402Kb / 24P
   Flash Memory Programming Specification
2002 - 2003
PIC18LF2X MICROCHIP-PIC18LF2X Datasheet
593Kb / 44P
   Flash Memory Programming Specification
11/29/11 2012
PIC18F2XK20 MICROCHIP-PIC18F2XK20 Datasheet
544Kb / 42P
   Flash Memory Programming Specification
03/26/09 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com