Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC16LF870X Datasheet(PDF) 6 Page - Microchip Technology

Part # PIC16LF870X
Description  28/40-Pin, 8-Bit CMOS FLASH Microcontrollers
Download  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF870X Datasheet(HTML) 6 Page - Microchip Technology

Back Button PIC16LF870X Datasheet HTML 2Page - Microchip Technology PIC16LF870X Datasheet HTML 3Page - Microchip Technology PIC16LF870X Datasheet HTML 4Page - Microchip Technology PIC16LF870X Datasheet HTML 5Page - Microchip Technology PIC16LF870X Datasheet HTML 6Page - Microchip Technology PIC16LF870X Datasheet HTML 7Page - Microchip Technology PIC16LF870X Datasheet HTML 8Page - Microchip Technology PIC16LF870X Datasheet HTML 9Page - Microchip Technology PIC16LF870X Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 172 page
background image
PIC16F870/871
DS30569C-page 6
 2000-2013 Microchip Technology Inc.
FIGURE 1-2:
PIC16F871 BLOCK DIAGRAM
FLASH
Program
Memory
13
Data Bus
8
14
Program
Bus
Instruction reg
Program Counter
8 Level Stack
(13-bit)
RAM
File
Registers
Direct Addr
7
RAM Addr (1)
9
Addr MUX
Indirect
Addr
FSR reg
STATUS reg
MUX
ALU
W reg
Power-up
Timer
Oscillator
Start-up Timer
Power-on
Reset
Watchdog
Timer
Instruction
Decode &
Control
Timing
Generation
OSC1/CLKI
OSC2/CLKO
MCLR
VDD, VSS
PORTA
PORTB
PORTC
PORTD
PORTE
RA4/T0CKI
RA5/AN4
RC0/T1OSO/T1CKI
RC1/T1OSI
RC2/CCP1
RC3
RC4
RC5
RC6/TX/CK
RC7/RX/DT
RD7/PSP7:RD0/PSP0
RE0/RD/AN5
RE1/WR/AN6
RE2/CS/AN7
8
8
Brown-out
Reset
Note
1:
Higher order bits are from the STATUS register.
USART
CCP1
10-bit A/D
Timer0
Timer1
Timer2
RA3/AN3/VREF+
RA2/AN2/VREF-
RA1/AN1
RA0/AN0
8
3
Data EEPROM
RB0/INT
RB1
RB2
RB3/PGM
RB4
RB5
RB6/PGC
RB7/PGD
Device
Program FLASH
Data Memory
Data EEPROM
PIC16F871
2K
128 Bytes
64 Bytes
In-Circuit
Debugger
Low-Voltage
Programming
Parallel Slave Port


Similar Part No. - PIC16LF870X

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16LF870 MICROCHIP-PIC16LF870 Datasheet
2Mb / 156P
   28/40-Pin 8-Bit CMOS FLASH Microcontrollers
11/23/99
PIC16LF870-I/L MICROCHIP-PIC16LF870-I/L Datasheet
2Mb / 156P
   28/40-Pin 8-Bit CMOS FLASH Microcontrollers
11/23/99
PIC16LF870-I/P MICROCHIP-PIC16LF870-I/P Datasheet
2Mb / 156P
   28/40-Pin 8-Bit CMOS FLASH Microcontrollers
11/23/99
PIC16LF870-I/PQ MICROCHIP-PIC16LF870-I/PQ Datasheet
2Mb / 156P
   28/40-Pin 8-Bit CMOS FLASH Microcontrollers
11/23/99
PIC16LF870-I/PT MICROCHIP-PIC16LF870-I/PT Datasheet
2Mb / 156P
   28/40-Pin 8-Bit CMOS FLASH Microcontrollers
11/23/99
More results

Similar Description - PIC16LF870X

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16F87X MICROCHIP-PIC16F87X_13 Datasheet
2Mb / 218P
   28/40-Pin 8-Bit CMOS FLASH Microcontrollers
11/29/12 1998-2013
PIC16LF877-04PT MICROCHIP-PIC16LF877-04PT Datasheet
2Mb / 218P
   28/40-Pin 8-Bit CMOS FLASH Microcontrollers
11/29/12
PIC16F7X MICROCHIP-PIC16F7X Datasheet
3Mb / 174P
   28/40-pin, 8-bit CMOS FLASH Microcontrollers
2002
P16F877 MICROCHIP-P16F877 Datasheet
3Mb / 218P
   28/40-Pin 8-Bit CMOS FLASH Microcontrollers
2001
PIC16F7X MICROCHIP-PIC16F7X Datasheet
3Mb / 170P
   28/40-Pin 8-Bit CMOS FLASH Microcontrollers
2002
PIC16F87X MICROCHIP-PIC16F87X_01 Datasheet
3Mb / 218P
   28/40-Pin 8-Bit CMOS FLASH Microcontrollers
2001
PIC16F87X MICROCHIP-PIC16F87X_98 Datasheet
1Mb / 200P
   28/40-pin 8-Bit CMOS FLASH Microcontrollers
1998
PIC16LF73-I MICROCHIP-PIC16LF73-I Datasheet
4Mb / 174P
   28/40-pin, 8-bit CMOS FLASH Microcontrollers
01/18/02
PIC16F877-20IPT MICROCHIP-PIC16F877-20IPT Datasheet
2Mb / 218P
   28/40-Pin 8-Bit CMOS FLASH Microcontrollers
11/29/12
PIC16F876-04I MICROCHIP-PIC16F876-04I Datasheet
3Mb / 218P
   28/40-Pin 8-Bit CMOS FLASH Microcontrollers
01/30/01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com