Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC18F23K22 Datasheet(PDF) 11 Page - Microchip Technology

Part # PIC18F23K22
Description  Flash Memory Programming Specification
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22 Datasheet(HTML) 11 Page - Microchip Technology

Back Button PIC18F23K22 Datasheet HTML 7Page - Microchip Technology PIC18F23K22 Datasheet HTML 8Page - Microchip Technology PIC18F23K22 Datasheet HTML 9Page - Microchip Technology PIC18F23K22 Datasheet HTML 10Page - Microchip Technology PIC18F23K22 Datasheet HTML 11Page - Microchip Technology PIC18F23K22 Datasheet HTML 12Page - Microchip Technology PIC18F23K22 Datasheet HTML 13Page - Microchip Technology PIC18F23K22 Datasheet HTML 14Page - Microchip Technology PIC18F23K22 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
 2010 Microchip Technology Inc.
Advance Information
DS41398B-page 11
PIC18(L)F2XK22/4XK22
2.6
Entering and Exiting Low-Voltage
ICSP Program/Verify Mode
Low-voltage
entry
into
ICSP
modes
for
PIC18(L)F2XK22/4XK22 devices is somewhat different
than previous PIC18 devices. As shown in Figure 2-14,
entering ICSP Program/Verify mode requires three
steps:
1.
Voltage is briefly applied to the MCLR pin.
2.
A 32-bit key sequence is presented on PGD.
3.
Voltage is reapplied to MCLR.
The programming voltage applied to MCLR is VIH, or
usually, VDD. There is no minimum time requirement for
holding at VIH. After VIH is removed, an interval of at
least P18 must elapse before presenting the key
sequence on PGD.
The key sequence is a specific 32-bit pattern,
‘0100 1101 0100 0011 0100 1000 0101 0000’
(more easily remembered as 4D434850h in hexa-
decimal). The device will enter Program/Verify mode
only if the sequence is valid. The Most Significant bit of
the most significant nibble must be shifted in first.
Once the key sequence is complete, VIH must be
applied to MCLR and held at that level for as long as
Program/Verify mode is to be maintained. An interval of
at least time P20 and P15 must elapse before present-
ing data on PGD. Signals appearing on PGD before
P15 has elapsed may not be interpreted as valid.
On successful entry, the program memory can be
accessed and programmed in serial fashion. While in
the Program/Verify mode, all unused I/Os are placed in
the high-impedance state.
Exiting Program/Verify mode is done by removing VIH
from MCLR, as shown in Figure 2-15. The only
requirement for exit is that an interval, P16, should
elapse between the last clock and the program signals
on PGC and PGD before removing VIH.
When VIH is reapplied to MCLR, the device will enter
the ordinary operational mode and begin executing the
application instructions.
FIGURE 2-14:
ENTERING LOW-VOLTAGE PROGRAM/VERIFY MODE
FIGURE 2-15:
EXITING LOW-VOLTAGE
PROGRAM/VERIFY MODE
MCLR
PGD
PGC
VDD
P13
b31
b30 b29
b28
b27
b2
b1
b0
b3
...
Program/Verify Entry Code = 4D434850h
P2B
P2A
P18
P20
0
1
001
000
0
P15
VIH
VIH
MCLR
P16
PGD
PGC
VDD
VIH
VIH
PGD = Input


Similar Part No. - PIC18F23K22

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F23K22 MICROCHIP-PIC18F23K22 Datasheet
5Mb / 492P
   28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
2010
PIC18F23K22 MICROCHIP-PIC18F23K22 Datasheet
863Kb / 20P
   Adding Intelligence to Lighting Applications
Summer 2010
PIC18F23K22-E/ML MICROCHIP-PIC18F23K22-E/ML Datasheet
5Mb / 492P
   28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
2010
PIC18F23K22-E/ML MICROCHIP-PIC18F23K22-E/ML Datasheet
5Mb / 496P
   28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
2010
PIC18F23K22-E/MV MICROCHIP-PIC18F23K22-E/MV Datasheet
5Mb / 492P
   28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
2010
More results

Similar Description - PIC18F23K22

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16F72 MICROCHIP-PIC16F72_1 Datasheet
151Kb / 14P
   FLASH Memory Programming Specification
2002
PIC16F87 MICROCHIP-PIC16F87_1 Datasheet
402Kb / 24P
   Flash Memory Programming Specification
2002 - 2003
PIC18LF2X MICROCHIP-PIC18LF2X Datasheet
593Kb / 44P
   Flash Memory Programming Specification
11/29/11 2012
PIC18F2XK20 MICROCHIP-PIC18F2XK20 Datasheet
544Kb / 42P
   Flash Memory Programming Specification
03/26/09 2009
HCSXXX MICROCHIP-HCSXXX Datasheet
395Kb / 28P
   Memory Programming Specification
2004
DSPIC33F MICROCHIP-DSPIC33F Datasheet
988Kb / 80P
   Flash Programming Specification
2007
logo
Renesas Technology Corp
RX100 RENESAS-RX100 Datasheet
1Mb / 71P
   Flash memory programming software
logo
Microchip Technology
PIC17CXX MICROCHIP-PIC17CXX Datasheet
137Kb / 16P
   EPROM Memory Programming Specification
1996
PIC16C84 MICROCHIP-PIC16C84 Datasheet
111Kb / 14P
   EEPROM Memory Programming Specification
1996
PIC16C50X MICROCHIP-PIC16C50X Datasheet
191Kb / 14P
   EPROM Memory Programming Specification
2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com