Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC18F24K20 Datasheet(PDF) 9 Page - Microchip Technology

Part # PIC18F24K20
Description  Flash Memory Programming Specification
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F24K20 Datasheet(HTML) 9 Page - Microchip Technology

Back Button PIC18F24K20 Datasheet HTML 5Page - Microchip Technology PIC18F24K20 Datasheet HTML 6Page - Microchip Technology PIC18F24K20 Datasheet HTML 7Page - Microchip Technology PIC18F24K20 Datasheet HTML 8Page - Microchip Technology PIC18F24K20 Datasheet HTML 9Page - Microchip Technology PIC18F24K20 Datasheet HTML 10Page - Microchip Technology PIC18F24K20 Datasheet HTML 11Page - Microchip Technology PIC18F24K20 Datasheet HTML 12Page - Microchip Technology PIC18F24K20 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
© 2009 Microchip Technology Inc.
Advance Information
DS41297F-page 9
PIC18F2XK20/4XK20
In addition to the code memory space, there are three
blocks in the configuration and ID space that are
accessible to the user through table reads and table
writes. Their locations in the memory map are shown in
Figure 2-10.
Users may store identification information (ID) in eight
ID registers. These ID registers are mapped in
addresses 200000h through 200007h. The ID locations
read out normally, even after code protection is applied.
Locations 300000h through 30000Dh are reserved for
the Configuration bits. These bits select various device
options and are described in Section 5.0 “Configura-
tion Word”. These Configuration bits read out
normally, even after code protection.
Locations 3FFFFEh and 3FFFFFh are reserved for the
device ID bits. These bits may be used by the program-
mer to identify what device type is being programmed
and are described in Section 5.0 “Configuration
Word”. These device ID bits read out normally, even
after code protection.
2.3.1
MEMORY ADDRESS POINTER
Memory in the address space, 0000000h to 3FFFFFh,
is addressed via the Table Pointer register, which is
comprised of three Pointer registers:
• TBLPTRU, at RAM address 0FF8h
• TBLPTRH, at RAM address 0FF7h
• TBLPTRL, at RAM address 0FF6h
The 4-bit command, ‘0000’ (core instruction), is used to
load the Table Pointer prior to using any read or write
operations.
FIGURE 2-10:
CONFIGURATION AND ID LOCATIONS FOR PIC18F2XK20/4XK20 DEVICES
TBLPTRU
TBLPTRH
TBLPTRL
Addr[21:16]
Addr[15:8]
Addr[7:0]
ID Location 1
200000h
ID Location 2
200001h
ID Location 3
200002h
ID Location 4
200003h
ID Location 5
200004h
ID Location 6
200005h
ID Location 7
200006h
ID Location 8
200007h
CONFIG1L
300000h
CONFIG1H
300001h
CONFIG2L
300002h
CONFIG2H
300003h
CONFIG3L
300004h
CONFIG3H
300005h
CONFIG4L
300006h
CONFIG4H
300007h
CONFIG5L
300008h
CONFIG5H
300009h
CONFIG6L
30000Ah
CONFIG6H
30000Bh
CONFIG7L
30000Ch
CONFIG7H
30000Dh
Device ID1
3FFFFEh
Device ID2
3FFFFFh
Note:
Sizes of memory areas are not to scale.
000000h
1FFFFFh
3FFFFFh
01FFFFh
Code Memory
Unimplemented
Read as ‘0’
Configuration
and ID
Space
2FFFFFh


Similar Part No. - PIC18F24K20

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F24K20 MICROCHIP-PIC18F24K20 Datasheet
7Mb / 420P
   28/40/44-Pin Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2007
PIC18F24K20 MICROCHIP-PIC18F24K20 Datasheet
3Mb / 456P
   28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
2010
PIC18F24K20-E/ML MICROCHIP-PIC18F24K20-E/ML Datasheet
7Mb / 420P
   28/40/44-Pin Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2007
PIC18F24K20-E/ML MICROCHIP-PIC18F24K20-E/ML Datasheet
3Mb / 456P
   28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
2010
PIC18F24K20-E/MLQTP MICROCHIP-PIC18F24K20-E/MLQTP Datasheet
7Mb / 420P
   28/40/44-Pin Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2007
More results

Similar Description - PIC18F24K20

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18LF2XK22 MICROCHIP-PIC18LF2XK22 Datasheet
545Kb / 42P
   Flash Memory Programming Specification
01/05/10 2010
PIC16F72 MICROCHIP-PIC16F72_1 Datasheet
151Kb / 14P
   FLASH Memory Programming Specification
2002
PIC16F87 MICROCHIP-PIC16F87_1 Datasheet
402Kb / 24P
   Flash Memory Programming Specification
2002 - 2003
PIC18LF2X MICROCHIP-PIC18LF2X Datasheet
593Kb / 44P
   Flash Memory Programming Specification
11/29/11 2012
HCSXXX MICROCHIP-HCSXXX Datasheet
395Kb / 28P
   Memory Programming Specification
2004
DSPIC33F MICROCHIP-DSPIC33F Datasheet
988Kb / 80P
   Flash Programming Specification
2007
logo
Renesas Technology Corp
RX100 RENESAS-RX100 Datasheet
1Mb / 71P
   Flash memory programming software
logo
Microchip Technology
PIC17CXX MICROCHIP-PIC17CXX Datasheet
137Kb / 16P
   EPROM Memory Programming Specification
1996
PIC16C84 MICROCHIP-PIC16C84 Datasheet
111Kb / 14P
   EEPROM Memory Programming Specification
1996
PIC16C50X MICROCHIP-PIC16C50X Datasheet
191Kb / 14P
   EPROM Memory Programming Specification
2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com