Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LCMXO2-256ZE-3UMG64C Datasheet(PDF) 10 Page - Lattice Semiconductor

Part # LCMXO2-256ZE-3UMG64C
Description  MachXO2??Family Data Sheet
Download  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LCMXO2-256ZE-3UMG64C Datasheet(HTML) 10 Page - Lattice Semiconductor

Back Button LCMXO2-256ZE-3UMG64C Datasheet HTML 6Page - Lattice Semiconductor LCMXO2-256ZE-3UMG64C Datasheet HTML 7Page - Lattice Semiconductor LCMXO2-256ZE-3UMG64C Datasheet HTML 8Page - Lattice Semiconductor LCMXO2-256ZE-3UMG64C Datasheet HTML 9Page - Lattice Semiconductor LCMXO2-256ZE-3UMG64C Datasheet HTML 10Page - Lattice Semiconductor LCMXO2-256ZE-3UMG64C Datasheet HTML 11Page - Lattice Semiconductor LCMXO2-256ZE-3UMG64C Datasheet HTML 12Page - Lattice Semiconductor LCMXO2-256ZE-3UMG64C Datasheet HTML 13Page - Lattice Semiconductor LCMXO2-256ZE-3UMG64C Datasheet HTML 14Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 106 page
background image
2-6
Architecture
MachXO2 Family Data Sheet
The eight primary clock lines in the primary clock network drive throughout the entire device and can provide clocks
for all resources within the device including PFUs, EBRs and PICs. In addition to the primary clock signals,
MachXO2 devices also have eight secondary high fanout signals which can be used for global control signals, such
as clock enables, synchronous or asynchronous clears, presets, output enables, etc. Internal logic can drive the
global clock network for internally-generated global clocks and control signals.
The maximum frequency for the primary clock network is shown in the MachXO2 External Switching Characteris-
tics table.
The primary clock signals for the MachXO2-256 and MachXO2-640 are generated from eight 17:1 muxes The
available clock sources include eight I/O sources and 9 routing inputs. Primary clock signals for the MachXO2-
640U, MachXO2-1200/U and larger devices are generated from eight 27:1 muxes The available clock sources
include eight I/O sources, 11 routing inputs, eight clock divider inputs and up to eight sysCLOCK PLL outputs.
Figure 2-5. Primary Clocks for MachXO2 Devices
811
Primary Clock 0
Primary Clock 1
Primary Clock 2
Primary Clock 3
Primary Clock 4
Primary Clock 5
Primary Clock 6
8
Primary clocks for MachXO2-640U, MachXO2-1200/U and larger devices.
Note: MachXO2-640 and smaller devices do not have inputs from the Edge Clock Divider or PLL
and fewer routing inputs. These devices have 17:1 muxes instead of 27:1 muxes.
Primary Clock 7
Dynamic
Clock
Enable
Dynamic
Clock
Enable
Dynamic
Clock
Enable
Dynamic
Clock
Enable
Dynamic
Clock
Enable
27:1
27:1
27:1
27:1
27:1
27:1
27:1
27:1
27:1
27:1
Up to 8
Dynamic
Clock
Enable
Dynamic
Clock
Enable
Dynamic
Clock
Enable
Clock
Switch
Clock
Switch


Similar Part No. - LCMXO2-256ZE-3UMG64C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LCMXO2-256ZE-3UMG64C LATTICE-LCMXO2-256ZE-3UMG64C Datasheet
5Mb / 122P
   MachXO2 Family Data Sheet
2010-2022
More results

Similar Description - LCMXO2-256ZE-3UMG64C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LCMXO2-7000HC-6TG144C LATTICE-LCMXO2-7000HC-6TG144C Datasheet
5Mb / 122P
   MachXO2 Family Data Sheet
2010-2022
MACHXO LATTICE-MACHXO Datasheet
942Kb / 95P
   MachXO Family Data Sheet
logo
Microchip Technology
PIC24FJ192GA110-I MICROCHIP-PIC24FJ192GA110-I Datasheet
2Mb / 330P
   PIC24FJ256GA110 Family Data Sheet
08/04/10
logo
Freescale Semiconductor...
MC68711E20CFNE2 FREESCALE-MC68711E20CFNE2 Datasheet
1Mb / 242P
   M68HC11E Family Data Sheet
logo
Lattice Semiconductor
XP2 LATTICE-XP2 Datasheet
1Mb / 92P
   LatticeXP2 Family Data Sheet
logo
Cree, Inc
XLAMPMCE CREE-XLAMPMCE Datasheet
1Mb / 14P
   Product family data sheet
logo
Microchip Technology
PIC18F66K22-I MICROCHIP-PIC18F66K22-I Datasheet
4Mb / 550P
   PIC18F87K22 Family Data Sheet
05/02/11
logo
Lattice Semiconductor
LFXP LATTICE-LFXP Datasheet
788Kb / 130P
   LatticeXP Family Data Sheet
logo
Freescale Semiconductor...
K10P144M100SF2 FREESCALE-K10P144M100SF2 Datasheet
989Kb / 66P
   K10 Sub-Family Data Sheet
K10P81M100SF2 FREESCALE-K10P81M100SF2 Datasheet
865Kb / 60P
   K10 Sub-Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com