Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC16F767 Datasheet(PDF) 11 Page - Microchip Technology

Part # PIC16F767
Description  28/40/44-Pin, 8-Bit CMOS Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
Download  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F767 Datasheet(HTML) 11 Page - Microchip Technology

Back Button PIC16F767 Datasheet HTML 7Page - Microchip Technology PIC16F767 Datasheet HTML 8Page - Microchip Technology PIC16F767 Datasheet HTML 9Page - Microchip Technology PIC16F767 Datasheet HTML 10Page - Microchip Technology PIC16F767 Datasheet HTML 11Page - Microchip Technology PIC16F767 Datasheet HTML 12Page - Microchip Technology PIC16F767 Datasheet HTML 13Page - Microchip Technology PIC16F767 Datasheet HTML 14Page - Microchip Technology PIC16F767 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 280 page
background image
 2003-2013 Microchip Technology Inc.
DS30498D-page 11
PIC16F7X7
TABLE 1-3:
PIC16F747 AND PIC16F777 PINOUT DESCRIPTION
Pin Name
PDIP
Pin #
QFN
Pin #
TQFP
Pin #
I/O/P
Type
Buffer
Type
Description
OSC1/CLKI/RA7
OSC1
CLKI
RA7
13
32
30
I
I
I/O
ST/CMOS(4)
ST
Oscillator crystal or external clock input.
Oscillator crystal input or external clock source input.
ST buffer when configured in RC mode; otherwise
CMOS.
External clock source input. Always associated with
pin function OSC1 (see OSC1/CLKI, OSC2/CLKO
pins).
Bidirectional I/O pin.
OSC2/CLKO/RA6
OSC2
CLKO
RA6
14
33
31
O
O
I/O
ST
Oscillator crystal or clock output.
Oscillator crystal output. Connects to crystal or
resonator in Crystal Oscillator mode.
In RC mode, OSC2 pin outputs CLKO which has
1/4 the frequency of OSC1 and denotes the
instruction cycle rate.
Bidirectional I/O pin.
MCLR/VPP/RE3
MCLR
VPP
RE3
118
18
I
P
I
ST
ST
Master Clear (input) or programming voltage (output).
Master Clear (Reset) input. This pin is an
active-low Reset to the device.
Programming voltage input.
Digital input only pin.
PORTA is a bidirectional I/O port.
RA0/AN0
RA0
AN0
219
19
I/O
I
TTL
Digital I/O.
Analog input 0.
RA1/AN1
RA1
AN1
320
20
I/O
I
TTL
Digital I/O.
Analog input 1.
RA2/AN2/VREF-/CVREF
RA2
AN2
VREF-
CVREF
421
21
I/O
I
I
I
TTL
Digital I/O.
Analog input 2.
A/D reference voltage input (low).
Comparator voltage reference output.
RA3/AN3/VREF+
RA3
AN3
VREF+
522
22
I/O
I
I
TTL
Digital I/O.
Analog input 3.
A/D reference voltage input (high).
RA4/T0CKI/C1OUT
RA4
T0CKI
C1OUT
623
23
I/O
I
O
ST
Digital I/O – Open-drain when configured as output.
Timer0 external clock input.
Comparator 1 output.
RA5/AN4/LVDIN/SS/C2OUT
RA5
AN4
LVDIN
SS
C2OUT
724
24
I/O
I
I
I
I
TTL
Digital I/O.
Analog input 4.
Low-Voltage Detect input.
SPI slave select input.
Comparator 2 output.
Legend:
I = input
O = output
I/O = input/output
P = power
— = Not used
TTL = TTL input
ST = Schmitt Trigger input
Note
1:
This buffer is a Schmitt Trigger input when configured as an external interrupt.
2:
This buffer is a Schmitt Trigger input when used in Serial Programming mode.
3:
This buffer is a Schmitt Trigger input when configured as a general purpose I/O and a TTL input when used in the Parallel
Slave Port mode (for interfacing to a microprocessor bus).
4:
This buffer is a Schmitt Trigger input when configured in RC Oscillator mode and a CMOS input otherwise.
5:
Pin location of CCP2 is determined by the CCPMX bit in Configuration Word Register 1.


Similar Part No. - PIC16F767

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16F767 MICROCHIP-PIC16F767 Datasheet
5Mb / 276P
   28/40/44-Pin, 8-Bit CMOS Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2004
More results

Similar Description - PIC16F767

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16F737-I MICROCHIP-PIC16F737-I Datasheet
3Mb / 276P
   28/40/44-Pin, 8-Bit CMOS Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
10/20/04
PIC16F7X7 MICROCHIP-PIC16F7X7 Datasheet
4Mb / 276P
   28/40/44-Pin, 8-Bit CMOS Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2004
PIC16F767 MICROCHIP-PIC16F767 Datasheet
5Mb / 276P
   28/40/44-Pin, 8-Bit CMOS Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2004
PIC16F777-I MICROCHIP-PIC16F777-I Datasheet
3Mb / 276P
   28/40/44-Pin, 8-Bit CMOS Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
10/20/04
PIC18F2X1X MICROCHIP-PIC18F2X1X_09 Datasheet
6Mb / 376P
   28/40/44-Pin Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2009
PIC18F2X1X MICROCHIP-PIC18F2X1X_07 Datasheet
6Mb / 378P
   28/40/44-Pin Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2007
PIC18F23K20 MICROCHIP-PIC18F23K20 Datasheet
7Mb / 420P
   28/40/44-Pin Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2007
PIC18F2420 MICROCHIP-PIC18F2420 Datasheet
6Mb / 390P
   28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2004
PIC18F2420 MICROCHIP-PIC18F2420_08 Datasheet
6Mb / 412P
   28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2008
PIC18F2620-ISO MICROCHIP-PIC18F2620-ISO Datasheet
6Mb / 412P
   28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
01/02/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com