Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC16CE625 Datasheet(PDF) 5 Page - Microchip Technology

Part # PIC16CE625
Description  OTP 8-Bit CMOS MCU with EEPROM Data Memory
Download  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16CE625 Datasheet(HTML) 5 Page - Microchip Technology

  PIC16CE625 Datasheet HTML 1Page - Microchip Technology PIC16CE625 Datasheet HTML 2Page - Microchip Technology PIC16CE625 Datasheet HTML 3Page - Microchip Technology PIC16CE625 Datasheet HTML 4Page - Microchip Technology PIC16CE625 Datasheet HTML 5Page - Microchip Technology PIC16CE625 Datasheet HTML 6Page - Microchip Technology PIC16CE625 Datasheet HTML 7Page - Microchip Technology PIC16CE625 Datasheet HTML 8Page - Microchip Technology PIC16CE625 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 114 page
background image
 1998-2013 Microchip Technology Inc.
DS40182D-page 5
PIC16CE62X
2.0
PIC16CE62X DEVICE
VARIETIES
A variety of frequency ranges and packaging options are
available. Depending on application and production
requirements the proper device option can be selected
using the information in the PIC16CE62X Product
Identification System section at the end of this data
sheet. When placing orders, please use this page of the
data sheet to specify the correct part number.
2.1
UV Erasable Devices
The UV erasable version, offered in the CERDIP pack-
age is optimal for prototype development and pilot
programs.
This
version
can
be
erased
and
reprogrammed to any of the oscillator modes.
Microchip's
PICSTART
and
PRO MATE
programmers
both
support
programming
of
the
PIC16CE62X.
2.2
One-Time-Programmable (OTP)
Devices
The availability of OTP devices is especially useful for
customers who need the flexibility for frequent code
updates and small volume applications. In addition to
the program memory, the configuration bits must also
be programmed.
2.3
Quick-Turn-Programming (QTP)
Devices
Microchip offers a QTP Programming Service for
factory production orders. This service is made
available for users who chose not to program a medium
to high quantity of units and whose code patterns have
stabilized. The devices are identical to the OTP devices
but with all EPROM locations and configuration options
already programmed by the factory. Certain code and
prototype
verification
procedures
apply
before
production shipments are available. Please contact
your Microchip Technology sales office for more details.
2.4
Serialized Quick-Turn-Programming
(SQTPSM) Devices
Microchip offers a unique programming service where
a few user-defined locations in each device are
programmed with different serial numbers. The serial
numbers
may
be
random,
pseudo-random
or
sequential.
Serial programming allows each device to have a
unique number which can serve as an entry-code,
password or ID number.


Similar Part No. - PIC16CE625

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16CE625 MICROCHIP-PIC16CE625 Datasheet
2Mb / 108P
   OTP 8-Bit CMOS MCU with EEPROM Data Memory
1998
PIC16CE625-04/JW MICROCHIP-PIC16CE625-04/JW Datasheet
2Mb / 108P
   OTP 8-Bit CMOS MCU with EEPROM Data Memory
1998
PIC16CE625-04/P MICROCHIP-PIC16CE625-04/P Datasheet
2Mb / 108P
   OTP 8-Bit CMOS MCU with EEPROM Data Memory
1998
PIC16CE625-04/SO MICROCHIP-PIC16CE625-04/SO Datasheet
2Mb / 108P
   OTP 8-Bit CMOS MCU with EEPROM Data Memory
1998
PIC16CE625-04/SS MICROCHIP-PIC16CE625-04/SS Datasheet
2Mb / 108P
   OTP 8-Bit CMOS MCU with EEPROM Data Memory
1998
More results

Similar Description - PIC16CE625

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16CE62X MICROCHIP-PIC16CE62X Datasheet
2Mb / 108P
   OTP 8-Bit CMOS MCU with EEPROM Data Memory
1998
logo
Holtek Semiconductor In...
HT45R22E HOLTEK-HT45R22E Datasheet
432Kb / 72P
   Remote Type 8-bit OTP MCU with EEPROM
logo
Microchip Technology
PIC12CE518 MICROCHIP-PIC12CE518 Datasheet
1Mb / 88P
   8-Pin, 8-Bit CMOS Microcontroller with EEPROM Data Memory
1997
PIC16C432 MICROCHIP-PIC16C432 Datasheet
1Mb / 106P
   OTP 8-Bit CMOS MCU with LIN Transceiver
2002
PIC16C432 MICROCHIP-PIC16C432_13 Datasheet
1Mb / 106P
   OTP 8-Bit CMOS MCU with LIN Transceiver
11/29/12 2000-2013
logo
National Semiconductor ...
COP87L88FH NSC-COP87L88FH Datasheet
487Kb / 45P
   8-Bit CMOS OTP Microcontrollers with 16k Memory,
COP87L88CF NSC-COP87L88CF Datasheet
555Kb / 40P
   8-Bit CMOS OTP Microcontrollers with 16k Memory and
logo
STMicroelectronics
ST7LITE2 STMICROELECTRONICS-ST7LITE2 Datasheet
1Mb / 131P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
August 2003 Rev. 2.0
ST7LITE0 STMICROELECTRONICS-ST7LITE0 Datasheet
1Mb / 122P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
August 2003 Rev. 2.4
ST7LITE1XB STMICROELECTRONICS-ST7LITE1XB Datasheet
2Mb / 157P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com