Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM95 Datasheet(PDF) 3 Page - AVX Corporation

Part # SM95
Description  SMPS Stacked MLC Capacitors (SM9 Style) Technical Information on SMPS Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

SM95 Datasheet(HTML) 3 Page - AVX Corporation

  SM95 Datasheet HTML 1Page - AVX Corporation SM95 Datasheet HTML 2Page - AVX Corporation SM95 Datasheet HTML 3Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
28
50V
100V 200V 500V
50V
100V 200V 500V
50V
100V
200V 500V
1.0 .70 .40 .18 1.2 1.0 .60 .26 .47 .40 .20 .09
27 12 7.0 2.6 41 18 11 4.0 18 6.0 3.6 1.3
84 32 12 – – 110 46 34 – – 40 15 6.0 – –
Max Capacitance (μF) Available Versus Style with Height of 0.270" - 6.86mm
50V
100V 200V 500V
50V
100V 200V 500V
50V
100V
200V 500V
.16 .13 .07 .02 .05 .04 .02 .01 3.2 2.4 1.3 .50
7.5 1.8 1.1 .40 2.8 .68 .40 .16 80 40
24 9.4
12 4.6 3.0 – – 4.6 1.8 .72 – – 260 140 92 – –
Max Capacitance (μF) Available Versus Style with Height of 0.390" - 9.91mm
50V
100V 200V 500V
50V
100V 200V 500V
50V
100V
200V 500V
2.0 1.4 .80 .36 2.4 2.0 1.2 .52 1.0 .80 .40 .18
54 24 14 5.2 82 36 22 8.0 36 12 7.2 2.6
160 64 24 – – 230 92 68 – – 80 30
12 – –
50V
100V 200V 500V
50V
100V 200V 500V
50V
100V
200V 500V
.32 .26 .14 .05 .10 .08 .05 .02 6.4 4.8 2.6 1.0
15 3.6 2.2 .80 5.6 1.3 .80 .32 160 80
48 18
24 9.2 6.0 – – 9.2 3.6 1.4 – – 520 280 180 – –
Max Capacitance (μF) Available Versus Style with Height of 0.530" - 13.46mm
50V
100V 200V 500V
50V
100V 200V 500V
50V
100V
200V 500V
3.0 2.1 1.2 .54 3.6 3.0 1.8 .78 1.5 1.2 .60 .27
82 36 21 7.8 120 54 33 12
54 18
10 3.9
250 96 36 – – 350 130 100 – – 120 45
18 – –
50V
100V 200V 500V
50V
100V 200V 500V
50V
100V
200V 500V
.48 .39 .21 .07 .15 .12 .07 .03 9.6 7.2 3.9 1.5
22 5.4 3.3 1.2 8.2 2.0 1.2 .48 240 120 72 28
36 13 9.0 – – 13 5.4 2.1 – – 780 430 270 – –
Max Capacitance (μF) Available Versus Style with Height of 0.660" - 16.76mm
50V
100V 200V 500V
50V
100V 200V 500V
50V
100V
200V 500V
4.0 2.8 1.6 .72 4.8 4.0 2.4 1.0 2.0 1.6 .80 .36
110 48 28 10 160 72 44 16
72 24
14 5.2
330 120 48 – – 470 180 130 – – 160 60
24 – –
50V
100V 200V 500V
50V
100V 200V 500V
50V
100V
200V 500V
.64 .52 .28 .10 .20 .16 .10 .04 12 9.6 5.2 2.0
30 7.2 4.4 1.6 10 2.7 1.6 .64 320 160 96 37
48 18 12 – – 18 7.2 2.8 – – 1000 570 360 – –
Max Capacitance (μF) Available Versus Style with Height of 0.800" - 20.3mm
50V
100V 200V 500V
50V
100V 200V 500V
50V
100V
200V 500V
5.0 3.5 2.0 .90 6.0 5.0 3.0 1.3 2.5 2.0 1.0 .47
130 60 35 13 200 90 55 20
90 30
18 6.5
420 160 60 – – 590 230 170 – – 200 75
30 – –
50V
100V 200V 500V
50V
100V 200V 500V
50V
100V
200V 500V
.80 .65 .35 .12 .25 .20 .12 .05 16 12 6.5 2.5
36 9.0 5.5 2.0 12 3.4 2.0 .80 400 200 120 47
60 23 15 – – 23 9.0 3.6 – – 1300 720 460 – –
SM91 _ _ _ _ _ _ AN270
SM92 _ _ _ _ _ _ AN270
SM93 _ _ _ _ _ _ AN270
SM94 _ _ _ _ _ _ AN270
SM95 _ _ _ _ _ _ AN270
SM96 _ _ _ _ _ _ AN270
AVX
STYLE
C0G
X7R
Z5U
SM91 _ _ _ _ _ _ AN390
SM92 _ _ _ _ _ _ AN390
SM93 _ _ _ _ _ _ AN390
SM94 _ _ _ _ _ _ AN390
SM95 _ _ _ _ _ _ AN390
SM96 _ _ _ _ _ _ AN390
AVX
STYLE
C0G
X7R
Z5U
SM91 _ _ _ _ _ _ AN530
SM92 _ _ _ _ _ _ AN530
SM93 _ _ _ _ _ _ AN530
SM94 _ _ _ _ _ _ AN530
SM95 _ _ _ _ _ _ AN530
SM96 _ _ _ _ _ _ AN530
AVX
STYLE
C0G
X7R
Z5U
SM91 _ _ _ _ _ _ AN660
SM92 _ _ _ _ _ _ AN660
SM93 _ _ _ _ _ _ AN660
SM94 _ _ _ _ _ _ AN660
SM95 _ _ _ _ _ _ AN660
SM96 _ _ _ _ _ _ AN660
AVX
STYLE
C0G
X7R
Z5U
SM91 _ _ _ _ _ _ AN800
SM92 _ _ _ _ _ _ AN800
SM93 _ _ _ _ _ _ AN800
SM94 _ _ _ _ _ _ AN800
SM95 _ _ _ _ _ _ AN800
SM96 _ _ _ _ _ _ AN800
AVX
STYLE
C0G
X7R
Z5U
SMPS Stacked MLC Capacitors
Encapsulated in DAP (Diallyl Phthalate) Case
(SM9 Style)


Similar Part No. - SM95

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM9501A NPC-SM9501A Datasheet
138Kb / 10P
   Radio Controlled Clock Receiver IC
SM9501AV NPC-SM9501AV Datasheet
138Kb / 10P
   Radio Controlled Clock Receiver IC
SM9501B NPC-SM9501B Datasheet
138Kb / 10P
   Radio Controlled Clock Receiver IC
SM9501B NPC-SM9501B Datasheet
123Kb / 8P
   Radio Controlled Clock Receiver IC
SM9501BV NPC-SM9501BV Datasheet
138Kb / 10P
   Radio Controlled Clock Receiver IC
More results

Similar Description - SM95

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
T49470R01105KCJ AVX-T49470R01105KCJ Datasheet
186Kb / 18P
   SMPS Stacked MLC Capacitors (SM Style) Technical Information on SMPS Capacitors
SM01 AVX-SM01 Datasheet
186Kb / 18P
   SMPS Stacked MLC Capacitors (SM Style) Technical Information on SMPS Capacitors
SM055C105KAN120 AVX-SM055C105KAN120 Datasheet
182Kb / 18P
   Technical Information on SMPS Capacitors
SMM4 AVX-SMM4 Datasheet
90Kb / 2P
   SMPS Stacked MLC Capacitors (SMM Style) Extended Range
RM017A100JAN120 AVX-RM017A100JAN120 Datasheet
652Kb / 3P
   RoHS Compliant SMPS Stacked MLC Capacitors
RMM AVX-RMM Datasheet
104Kb / 2P
   RoHS Compliant SMPS Stacked MLC Capacitors (RMM Style) Extended Range
RH21 AVX-RH21 Datasheet
66Kb / 2P
   SMPS Capacitors (RH Style)
SMX AVX-SMX Datasheet
163Kb / 4P
   SMPS Stacked MLC Capacitors SMX Style for High Temperature Applications up to 200쨘C
SE013C125MAA AVX-SE013C125MAA Datasheet
76Kb / 2P
   SMPS Capacitors (SE Style)
SV14AA103KAR AVX-SV14AA103KAR Datasheet
251Kb / 4P
   High Voltage MLC Radials (SV Style) Application Information on High Voltage MLC Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com